Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OVLFG3C7 Datasheet(PDF) 4 Page - TT Electronics.

Part # OVLFG3C7
Description  Round Through-Hole LED Lamp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVLFG3C7 Datasheet(HTML) 4 Page - TT Electronics.

  OVLFG3C7 Datasheet HTML 1Page - TT Electronics. OVLFG3C7 Datasheet HTML 2Page - TT Electronics. OVLFG3C7 Datasheet HTML 3Page - TT Electronics. OVLFG3C7 Datasheet HTML 4Page - TT Electronics. OVLFG3C7 Datasheet HTML 5Page - TT Electronics. OVLFG3C7 Datasheet HTML 6Page - TT Electronics. OVLFG3C7 Datasheet HTML 7Page - TT Electronics. OVLFG3C7 Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
© TT electronics plc
Issue C
08/2017
Page 4
TT Electronics | Optek Technology, Inc.
1645 Wallace Drive, Ste. 130, Carrollton, TX USA 75006 |Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Round Through-Hole LED Lamp
(5 mm)
OVLFx3C7
Typical Electro-Optical Characteristics Curves (GREEN)


Similar Part No. - OVLFG3C7

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVLFG3C7 OPTEK-OVLFG3C7 Datasheet
1Mb / 4P
   Round Green Through-hole LED Lamp (5 mm)
More results

Similar Description - OVLFG3C7

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVLBB4C7 TTELEC-OVLBB4C7 Datasheet
215Kb / 9P
   Round Through-Hole LED Lamp
logo
OPTEK Technologies
OVLBR4C7 OPTEK-OVLBR4C7 Datasheet
1Mb / 5P
   Round Red Through-hole LED Lamp (3mm)
OVLBB4C7 OPTEK-OVLBB4C7 Datasheet
1Mb / 5P
   Round Blue Through-hole LED Lamp (3mm)
OVLBY4C7 OPTEK-OVLBY4C7 Datasheet
1Mb / 5P
   Round Yellow Through-hole LED Lamp (3mm)
OVLFR3C7 OPTEK-OVLFR3C7 Datasheet
1Mb / 4P
   Round Red Through-hole LED Lamp (5 mm)
OVLFG3C7 OPTEK-OVLFG3C7 Datasheet
1Mb / 4P
   Round Green Through-hole LED Lamp (5 mm)
OVLFB3C7 OPTEK-OVLFB3C7 Datasheet
1Mb / 4P
   Round Blue Through-hole LED Lamp (5 mm)
OVLFY3C7 OPTEK-OVLFY3C7 Datasheet
1Mb / 4P
   Round Yellow Through-hole LED Lamp (5 mm)
logo
P-tec Corporation
PL03L-WDW24 P-TEC-PL03L-WDW24 Datasheet
806Kb / 7P
   3mm Round Through-Hole LED
PL16K-WCW32 P-TEC-PL16K-WCW32 Datasheet
1Mb / 6P
   Round Thru-Hole LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com