Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OVLBG4C7 Datasheet(PDF) 9 Page - TT Electronics.

Part # OVLBG4C7
Description  Round Through-Hole LED Lamp
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVLBG4C7 Datasheet(HTML) 9 Page - TT Electronics.

  OVLBG4C7 Datasheet HTML 1Page - TT Electronics. OVLBG4C7 Datasheet HTML 2Page - TT Electronics. OVLBG4C7 Datasheet HTML 3Page - TT Electronics. OVLBG4C7 Datasheet HTML 4Page - TT Electronics. OVLBG4C7 Datasheet HTML 5Page - TT Electronics. OVLBG4C7 Datasheet HTML 6Page - TT Electronics. OVLBG4C7 Datasheet HTML 7Page - TT Electronics. OVLBG4C7 Datasheet HTML 8Page - TT Electronics. OVLBG4C7 Datasheet HTML 9Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Issue C
03/2013
Page 9 of 9
Reliability Test
LED lamps are checked by reliability tests based on MIL standards.
Round Through-Hole LED (3 mm)
OVLBx4C7 Series


Similar Part No. - OVLBG4C7

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVLBG4C7 OPTEK-OVLBG4C7 Datasheet
1Mb / 5P
   Round Green Through-hole LEDLamp (3mm)
More results

Similar Description - OVLBG4C7

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVLFB3C7 TTELEC-OVLFB3C7 Datasheet
712Kb / 8P
   Round Through-Hole LED Lamp
logo
OPTEK Technologies
OVLBR4C7 OPTEK-OVLBR4C7 Datasheet
1Mb / 5P
   Round Red Through-hole LED Lamp (3mm)
OVLBB4C7 OPTEK-OVLBB4C7 Datasheet
1Mb / 5P
   Round Blue Through-hole LED Lamp (3mm)
OVLBY4C7 OPTEK-OVLBY4C7 Datasheet
1Mb / 5P
   Round Yellow Through-hole LED Lamp (3mm)
OVLFR3C7 OPTEK-OVLFR3C7 Datasheet
1Mb / 4P
   Round Red Through-hole LED Lamp (5 mm)
OVLFG3C7 OPTEK-OVLFG3C7 Datasheet
1Mb / 4P
   Round Green Through-hole LED Lamp (5 mm)
OVLFB3C7 OPTEK-OVLFB3C7 Datasheet
1Mb / 4P
   Round Blue Through-hole LED Lamp (5 mm)
OVLFY3C7 OPTEK-OVLFY3C7 Datasheet
1Mb / 4P
   Round Yellow Through-hole LED Lamp (5 mm)
logo
P-tec Corporation
PL03L-WDW24 P-TEC-PL03L-WDW24 Datasheet
806Kb / 7P
   3mm Round Through-Hole LED
PL16K-WCW32 P-TEC-PL16K-WCW32 Datasheet
1Mb / 6P
   Round Thru-Hole LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com