Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPR2800V Datasheet(PDF) 2 Page - TT Electronics.

Part # OPR2800V
Description  Infrared Light Emitting VCSEL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPR2800V Datasheet(HTML) 2 Page - TT Electronics.

  OPR2800V Datasheet HTML 1Page - TT Electronics. OPR2800V Datasheet HTML 2Page - TT Electronics. OPR2800V Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Infrared Light Emitting VCSEL
OPR2800V
© TT electronics plc
Issue B
11/2016
Page 2
TT Electronics | Optek Technology, Inc.
1645 Wallace Drive, Ste. 130, Carrollton, TX USA 75006 |Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Storage Temperature Range
-40
o C to +100o C
Operating Temperature Range
0
o C to +85o C
Maximum Forward Peak Current
20 mA
Maximum Reverse Voltage
10 V
Maximum Continuous Optical Power at 70° C
1.1 mW
Solder reflow time within 5°C of peak temperature is 20 to 40 seconds
250° C
(1)
Electrical Specifications
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
VF
Forward Voltage
1.60
-
2.20
V
IF = 7 mA
IR
Reverse Current
-
-
35
µA
-
tr, tf
Output Rise Time, Output Fall Time
-
100
-
ps
20% to 80%
POT
Total Power Out
1.50
-
-
mW
IF = 7 mA
ITH
Threshold Current
(1)
0.80
-
3
mA
RS
Series Resistance
(2)
20
-
55
ohms
η
Slope Efficiency
(3)
0.28
-
-
mW/mA
-
Linearity
(4)
0.00
-
-
-
λP
Wavelength at Peak Emission
840
850
860
nm
-
Δλ
Optical Bandwidth
-
-
0.85
nm
-
θ
Beam Divergence
-
24
-
Degree
IF = 7 mA
NRI
Relative Intensity Noise
-
-123
-
db/Hz
-
ΔITH/ΔT
Temp Coefficient of Threshold Current
-
±1.0
-
mA
0° - 70°
(1)
Δλ/ΔT
Temp Coefficient of Wavelength
-
0.06
-
%/°C
0° - 70°, IF = 7 mA
ΔVF/ΔT
Temperature Coefficient for VF
-
-2.5
-
mW%/°C
0° - 70°, IF = 7 mA
Δη/ΔT
Temperature Coefficient for Efficiency
(3)
-
-0.5
-
%/C
0° - 70°
Notes:
1. Solder time less than 5 seconds at temperature extreme.
Notes:
1. Threshold current is based on the two line intersection method specified in Telcordia GR468-Core. Line 1 from 4 mA to 6mA. Line 2 from 0 mA to 0.5
mA.
2. Series resistance is the slope of the voltage-current line from 5 to 8 mA.
3. Slope efficiency is the slope of the best-fit LI line from 5 mA to 8 mA, using no larger than 0.25 mA test interval points.
4. Using data points taken for slope efficiency above, ΔL/ ΔI shall be calculated for each adjacent pair of points.


Similar Part No. - OPR2800V

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPR2800V OPTEK-OPR2800V Datasheet
170Kb / 3P
   Infrared Light Emitting VCSEL
More results

Similar Description - OPR2800V

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPR2800V OPTEK-OPR2800V Datasheet
170Kb / 3P
   Infrared Light Emitting VCSEL
logo
Roithner LaserTechnik G...
ELD-810-525 ROITHNER-ELD-810-525 Datasheet
654Kb / 3P
   infrared light emitting diode
logo
OPTEK Technologies
OP250 OPTEK-OP250 Datasheet
254Kb / 3P
   Infrared Light Emitting Diode
logo
TT Electronics.
OPR2800 TTELEC-OPR2800 Datasheet
265Kb / 2P
   Infrared Light Emitting Diode
logo
Roithner LaserTechnik G...
ELD-700-524 ROITHNER-ELD-700-524 Datasheet
508Kb / 2P
   Infrared Light Emitting Diode
ELD-850-525 ROITHNER-ELD-850-525 Datasheet
254Kb / 1P
   INFRARED Light Emitting Diode
ELD-1650-525 ROITHNER-ELD-1650-525 Datasheet
254Kb / 1P
   INFRARED Light Emitting Diode
logo
OPTEK Technologies
OPR2800 OPTEK-OPR2800 Datasheet
259Kb / 2P
   Infrared Light Emitting Diode
logo
TT Electronics.
OP180 TTELEC-OP180 Datasheet
1Mb / 8P
   Infrared Light Emitting Diode
logo
OPTEK Technologies
OP205CL OPTEK-OP205CL_14 Datasheet
204Kb / 2P
   Infrared Light Emitting Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com