Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPV322 Datasheet(PDF) 2 Page - TT Electronics.

Part # OPV322
Description  Vertical Cavity Surface Emitting Laser in Lateral Pill Package
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPV322 Datasheet(HTML) 2 Page - TT Electronics.

  OPV322 Datasheet HTML 1Page - TT Electronics. OPV322 Datasheet HTML 2Page - TT Electronics. OPV322 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Issue B
08/2017 Page 2
OPV322
TT Electronics | Optek Technology, Inc.
1645 Wallace Drive, Ste. 130, Carrollton, TX USA 75006 |Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Storage Temperature Range
-40° to +100° C
Operating Temperature Range
0° to +85° C
Soldering Temperature [1/16 inch (1.6mm) from case for 5 sec with soldering iron]
260° C(1)
Maximum Forward Peak Current, Continuous
12 mA
Maximum Reverse Voltage
5 V
Maximum Forward Current, pulsed (1µs P.W., 10% D.C.)
48 mA
Electrical Specifications
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
POT
Total Power Out
1.5
mW
IF = 7 mA
ITH
Threshold Current
3.0
mA
Note 2
VF
Forward Voltage
2.2
V
IF = 7 mA
IR
Reverse Current
100
nA
VR = 5 V
RS
Series Resistance
20
55
ohms
Note 3
Slope Efficiency
0.28
mW/mA
Note 4
Wavelength
840
860
nm

Optical Bandwidth
0.85
nm
Beam Divergence
6
Degrees FWHM
tr/tf
Rise and Fall Time
100
ps
20% to 80%
T
Temp Coefficient of Slope Efficiency
-0.50
%/°C
(0° - 70°C), Note 4
/T
Temp Coefficient of Wavelength
0.06
nm/°C
(0° - 70°C)
lTH
Temp Variance of Threshold Current
±1.0
mA
(0° - 70°C), Note 2
VF/T
Temp Coefficient for Forward Voltage
-2.5
mV/°C
(0° - 70°C)
NOTES:
(1)
RMA flux is recommended. Solder dwell time can be increased to 10 seconds when flow soldering.
(2)
Threshold Current is based on the two line intersection method specified in Telcordia GR-468-Core. Line 1 from 4 mA to 6 mA. Line 2 from 0 mA to 0.5 mA.
(3)
Series Resistance is the slope of the Voltage-Current line from 5 to 8 mA.
(4)
Slope efficiency, is the slope of the best fit LI line from 5 mA to 8 mA with 0.25mA test intervals.


Similar Part No. - OPV322

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPV322 OPTEK-OPV322 Datasheet
204Kb / 2P
   Vertical Cavity Surface Emitting Laser in Pill Package
OPV322 OPTEK-OPV322_14 Datasheet
156Kb / 2P
   Vertical Cavity Surface Emitting Laser in Pill Package
More results

Similar Description - OPV322

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPV220 OPTEK-OPV220 Datasheet
232Kb / 4P
   Vertical Cavity Surface Emitting Laser in Pill Package
logo
TT Electronics.
OPV320 TTELEC-OPV320 Datasheet
185Kb / 2P
   Vertical Cavity Surface Emitting Laser in Pill Package
logo
OPTEK Technologies
OPV222 OPTEK-OPV222 Datasheet
223Kb / 4P
   Vertical Cavity Surface Emitting Laser in Pill Package
OPV322 OPTEK-OPV322_14 Datasheet
156Kb / 2P
   Vertical Cavity Surface Emitting Laser in Pill Package
OPV320 OPTEK-OPV320 Datasheet
188Kb / 2P
   Vertical Cavity Surface Emitting Laser in Pill Package
OPV322 OPTEK-OPV322 Datasheet
204Kb / 2P
   Vertical Cavity Surface Emitting Laser in Pill Package
OPV382 OPTEK-OPV382 Datasheet
188Kb / 2P
   Vertical Cavity Surface Emitting Laser in Lateral Package
OPV380 OPTEK-OPV380 Datasheet
215Kb / 2P
   Vertical Cavity Surface Emitting Laser in Lateral Package
logo
TT Electronics.
OPV380 TTELEC-OPV380 Datasheet
762Kb / 4P
   Vertical Cavity Surface Emitting Laser in Lateral Package
OPV382 TTELEC-OPV382 Datasheet
679Kb / 3P
   Vertical Cavity Surface Emitting Laser in Lateral Package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com