Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPF522 Datasheet(PDF) 9 Page - TT Electronics.

Part # OPF522
Description  Fiber Optic Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPF522 Datasheet(HTML) 9 Page - TT Electronics.

  OPF522 Datasheet HTML 1Page - TT Electronics. OPF522 Datasheet HTML 2Page - TT Electronics. OPF522 Datasheet HTML 3Page - TT Electronics. OPF522 Datasheet HTML 4Page - TT Electronics. OPF522 Datasheet HTML 5Page - TT Electronics. OPF522 Datasheet HTML 6Page - TT Electronics. OPF522 Datasheet HTML 7Page - TT Electronics. OPF522 Datasheet HTML 8Page - TT Electronics. OPF522 Datasheet HTML 9Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Fiber Optic Receiver
OPF520 Series
Issue D
08/2016
Page 9
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
Performance
Typical Waveforms for
Various Fiber Cables and
Input Powers
(VCC = 5.25 V, ƒ = 2.5 MHz)
(See Recommended Test Circuit)


Similar Part No. - OPF522

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPF522 OPTEK-OPF522 Datasheet
217Kb / 3P
   5 MBd Fi ber Op tic Re ceiver
OPF522 OPTEK-OPF522 Datasheet
318Kb / 9P
   Fiber Optic Receiver
More results

Similar Description - OPF522

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
   Fiber Optic Receiver
logo
OPTEK Technologies
OPF500 OPTEK-OPF500_14 Datasheet
222Kb / 5P
   Fiber Optic Receiver
logo
TT Electronics.
OPF2412 TTELEC-OPF2412 Datasheet
453Kb / 3P
   Fiber Optic Receiver
OPF2418 TTELEC-OPF2418 Datasheet
652Kb / 3P
   Fiber Optic Receiver
logo
National Semiconductor ...
FOR361B-1 NSC-FOR361B-1 Datasheet
371Kb / 4P
   Fiber-Optic Receiver
logo
Unity Opto Technology
MOF-R3K3 UOT-MOF-R3K3 Datasheet
63Kb / 4P
   Fiber Optic Receiver
MOF-R3C2 UOT-MOF-R3C2 Datasheet
345Kb / 4P
   Fiber Optic Receiver
MOF-R3C3 UOT-MOF-R3C3 Datasheet
349Kb / 4P
   Fiber Optic Receiver
logo
TT Electronics.
OPF2416 TTELEC-OPF2416 Datasheet
719Kb / 5P
   Fiber Optic Receiver
logo
List of Unclassifed Man...
ACRX531 ETC-ACRX531 Datasheet
122Kb / 4P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com