Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML145146-6P Datasheet(PDF) 8 Page - LANSDALE Semiconductor Inc.

Part # ML145146-6P
Description  4?밄it Data Bus Input PLL Frequency Synthesizer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145146-6P Datasheet(HTML) 8 Page - LANSDALE Semiconductor Inc.

Back Button ML145146-6P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145146-6P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145146-6P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145146-6P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145146-6P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145146-6P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML145146-6P Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML145146-6P Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML145146-6P Datasheet HTML 12Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LANSDALE Semiconductor, Inc.
ML145146
www.lansdale.com
Page 8 of 12
Issue 0
DESIGN CONSIDERATIONS
CRYSTAL OSCILLATOR CONSIDERATIONS
The following options may be considered to provide a refer-
ence frequency to Motorola’s CMOS frequency synthesizers.
The most desirable is discussed first.
Use of a Hybrid Crystal Oscillator
Commercially available temperature–compensated crystal
oscillators (TCXOs) or crystal–controlled data clock oscilla-
tors provide very stable reference frequencies. An oscillator
capable of sinking and sourcing 50 µA at CMOS logic levels
may be direct or DC coupled to OSCin. In general, the highest
frequency capability is obtained utilizing a direct coupled
square wave having a rail–to–rail (VDD to VSS) voltage
swing. If the oscillator does not have CMOS logic levels on the
outputs, capacitive or AC coupling of OSCin may be used.
OSCout, an unbuffered output, should be left floating.
For additional information about TCXOs and data clock
oscillators, please consult the latest version of the eem
Electronic Engineers Master Catalog, the Gold Book, or simi-
lar publications.
Design an Off–Chip Reference
The user may design and off–chip crystal oscillator using
ICs specifically developed for crystal oscillator applications,
such as the ML12061 MECL device. The reference signal from
the MECL device is AC coupled to OSCin. For large ampli-
tude signals (standard CMOS logic levels), DC coupling is
used. OSCout, an unbuffered output, should be left floating. In
general, the highest frequency capability is obtained with a
direct–coupled square wave having rail–to–rail voltage swing.
Use of the On–Chip Oscillator Circuitry
The on–chip amplifier (a digital inverter) along with an
appropriate crystal may be used to provide a reference source
frequency. A fundamental mode crystal, parallel resonant at the
desired operating frequency, should be connected as shown in
Figure 8.
For VDD = 5.0 V, the crystal should be specified for a load-
ing capacitance. CL, which does not exceed 32 pF for frequen-
cies to approximately 8.0 MHz, 20 pF for frequencies in the
area of 8.0 to 15 MHz, and 10 pF for higher frequencies. These
are guidelines that provide a reasonable compromise between
IC capacitance, drive capability, swamping variations stray in
IC input/output capacitance, and realistic CL values. The shunt
load capacitance, CL, presented across the crystal can be esti-
mated to be:
where
Cin = 5.0pF (See Figure 9)
Cout = 6.0pF (See Figure 9)
Ca = 1.0pF (See Figure 9)
CO = the crystal’s holder capacitance (See Figure 10)
C1 and C2 = external capacitors (See Figure 8)
The oscillator can be “trimmed” on–frequency by making a
portion or all of C1 variable. The crystal and associated com-
ponents must be located as close as possible to the OSCin and
OSCout pins to minimize distortion, stray capacitance, stray
inductance, and startup stabilization time. In some cases, stray
capacitance should be added to the value for Cin and Cout.
Power is dissipated in the effective series resistance of the
crystal, Re. In Figure 10 The drive level specified by the crys-
tal manufacturer is the maximum stress that a crystal can with-
stand without damaging or excessive shift in frequency. R1 in
Figure 8 limits the drive level. The use of R1 may not be nec-
essary in some cases (i.e. R1 = 0 ohms).
To verify that the maximum DC supply voltage does not
overdrive the crystal, monitor the output frequency as a func-
tion of voltage at OSCout. (care should be taken to minimize
loading.) the frequency should increase very slightly as the dc
supply voltage is increased. An overdriven crystal will decrease
in frequency or become unstable with an increase in supply
voltage. The operating supply voltage must be reduced or R1
must be increased in value if the overdrive condition exists.
The user should note that the oscillator start–up time is propor-
tional to the value of R1.
Through the process of supplying crystals for use with
CMOS inverters, many crystal manufacturers have developed
expertise in CMOS oscillator design with crystals. Discussions
with such manufacturers can prove very helpful. See Table 1.


Similar Part No. - ML145146-6P

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145146-6P LANSDALE-ML145146-6P Datasheet
3Mb / 12P
   4-Bit Data Bus Input PLL Frequency Synthesizer
More results

Similar Description - ML145146-6P

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145145 LANSDALE-ML145145_08 Datasheet
1Mb / 12P
   4?밄it Data Bus Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC145146P-2 MOTOROLA-MC145146P-2 Datasheet
55Kb / 2P
   4 BIT DATA BUS INPUT BUS INPUT PLL FREQUENCY SYNTHESIZER
MC145146-2 MOTOROLA-MC145146-2 Datasheet
59Kb / 2P
   4-Bit Data Bus Input PLL Frequency Synthesizer
logo
LANSDALE Semiconductor ...
ML145145 LANSDALE-ML145145 Datasheet
1Mb / 12P
   4-Bit Data Bus Input PLL Frequency Synthesizer
ML145146 LANSDALE-ML145146 Datasheet
3Mb / 12P
   4-Bit Data Bus Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC1451452 MOTOROLA-MC1451452 Datasheet
58Kb / 2P
   4-Bit Data Bus Inpu PLL Frequency Synthesizer
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
   Serial Input PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com