Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML144111 Datasheet(PDF) 4 Page - LANSDALE Semiconductor Inc.

Part # ML144111
Description  Digital?뱓o?밃nalog Converters with Serial Interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML144111 Datasheet(HTML) 4 Page - LANSDALE Semiconductor Inc.

  ML144111 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML144111 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML144111 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML144111 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML144111 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML144111 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML144111 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML144111 Datasheet HTML 8Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.lansdale.com
Page 4 of 8
LANSDALE Semiconductor, Inc.
ML144110, ML144111
SWITCHING CHARACTERISTICS
(Voltages referenced to VSS, TA = 0 to 85°C, CL = 50 pF, Input tr = tf = 20 ns unless otherwise indicated)
Symbol
Parameter
VDD
Min
Max
Unit
twH
Positive Pule Width, CLK (Figures 3 and 4)
5
10
15
2
1.5
1
µs
twL
Negative Pulse Width, CLK (Figure 3 and 4)
5
10
15
5
3.5
2
µs
tsu
Setup Time, ENB to CLK (Figures 3 and 4)
5
10
15
5
3.5
2
µs
tsu
Setup Time, Din to CLK (Figures 3 and 4)
5
10
15
1000
750
500
ns
th
Hold Time, CLK to ENB (Figures 3 and 4)
5
10
15
5
3.5
2
µs
th
Hold Time, CLK to Din (Figures 3 and 4)
5
10
15
5
3.5
2
µs
tr, tf
Input Rise and Fall Times
5 – 15
2
µs
Cin
Input Capacitance
5 – 15
7.5
pF
LINEARITY ERROR (integral linearity). A measure of how
straight a device’s transfer function is, it indicates the worst–case
deviation of linearity of the actual transfer function from the best–
fit straight line. It is normally specified in parts of an LSB.
Figure 1. D/A Transfer Function
100
75
50
25
0
0
$00
15
$0F
31
$1F
47
$2F
63
$3F
Vnonl
PROGRAM STEP
Voffset
ACTUAL
IDEAL
Issue A


Similar Part No. - ML144111

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML144111 LANSDALE-ML144111 Datasheet
464Kb / 8P
   Digital-to-Analog Converters with Serial Interface
ML144111-5P LANSDALE-ML144111-5P Datasheet
464Kb / 8P
   Digital-to-Analog Converters with Serial Interface
ML144111CP LANSDALE-ML144111CP Datasheet
464Kb / 8P
   Digital-to-Analog Converters with Serial Interface
More results

Similar Description - ML144111

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML144110 LANSDALE-ML144110 Datasheet
464Kb / 8P
   Digital-to-Analog Converters with Serial Interface
logo
Freescale Semiconductor...
MC144110 FREESCALE-MC144110 Datasheet
683Kb / 12P
   Digital-to-Analog Converters with Serial Interface
logo
LANSDALE Semiconductor ...
ML145040 LANSDALE-ML145040 Datasheet
498Kb / 12P
   8-Bit A/D Converters With Serial Interface
ML145040 LANSDALE-ML145040_08 Datasheet
648Kb / 12P
   8-Bit A/D Converters With Serial Interface
logo
Motorola, Inc
MC145040 MOTOROLA-MC145040 Datasheet
298Kb / 9P
   8-Bit A/D Converters With Serial Interface
logo
Linear Technology
LTC6912 LINER-LTC6912_15 Datasheet
423Kb / 24P
   Dual Programmable Gain Amplifiers with Serial Digital Interface
LTC6912 LINER-LTC6912 Datasheet
417Kb / 24P
   Dual Programmable Gain Amplifiers with Serial Digital Interface
logo
Texas Instruments
TLC548C TI-TLC548C Datasheet
167Kb / 12P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI-TLC0831C Datasheet
206Kb / 14P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI1-TLC0831C_14 Datasheet
915Kb / 21P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com