Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML13135-6P Datasheet(PDF) 7 Page - LANSDALE Semiconductor Inc.

Part # ML13135-6P
Description  FM Communications Receiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13135-6P Datasheet(HTML) 7 Page - LANSDALE Semiconductor Inc.

Back Button ML13135-6P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML13135-6P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML13135-6P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML13135-6P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13135-6P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13135-6P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13135-6P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML13135-6P Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML13135-6P Datasheet HTML 11Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
www.lansdale.com
Page 7 of 11
Issue 0
LANSDALE Semiconductor, Inc.
ML13135
Figure 15. PLL Controlled Narrowband FM Receiver at 46/49 MHz
Figure 16. 144 MHz Single Channel Application Circuit
24
0.2
µH
RF
Input
62 pF
0.001
23
22
21
20
19
18
150 pF
0.01
0.1
360
Ceramic
Filter
10.7 MHz
455 kHz
Quad Coil
68 k
0.15
1.0 k
17
16
15
14
13
12
0.1
500 p
3
2
1
4
5
6
7
8
9
10
11
0.1
0.1
Ceramic
Filter
455 kHz
10.245
MHz Xtal
27 p
5.0 p
50 p
5.1 k
120 p
0.1
VCC
47 k
0.68
µH
AF
VCC2
2nd LO
VCC1
1st LO
Varicap
Limiter
Demod
Recovered
Audio
RSSI
Output
10 k
500 p
100 k
1.0
0.01
Fin1
0.1
0.1
2.7 k
ML145168
3.0 p
MPS5179
0.05
µH
0.07
µH
39 p
1.0
µ
5.1 k
L3
12 p
3300 p
To Mixer
15 k
3300 p
470 p
470
L2
RF Input
12 p
Q1
Preamp for ML13135 at 144.455 MHz
1st LO
External Oscillator Circuit
L1
X1
43 p
68 p
5.6 k
1.0 k
100 p
15 k
0.82
µ
1.0
µF
15 p
VCC
1000p
Q1
470
MPS5179
44.585 MHz 3rd Overtone
Series Resonant Crystal
0.078
µH Inductor
(Coilcraft Part # 146–02J08)
fosc =
133.755 MHz
1.0
µF
VCC
OSC
Out
OSC
In
PD1
PD2
LD
D3
Fin2
VDD
D0
D1
D2
ML13135
Q1 –
L2 –
L3 –
Q1 –
X1 –
L1 –
VSS
+
+


Similar Part No. - ML13135-6P

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML13135-6P LANSDALE-ML13135-6P Datasheet
771Kb / 11P
   FM Communications Receiver; Dual Conversion Narrowband FM Receiver
More results

Similar Description - ML13135-6P

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML13135 LANSDALE-ML13135 Datasheet
771Kb / 11P
   FM Communications Receiver; Dual Conversion Narrowband FM Receiver
logo
TEMIC Semiconductors
U4065B TEMIC-U4065B Datasheet
290Kb / 23P
   FM Receiver
logo
Samsung semiconductor
KA8509 SAMSUNG-KA8509 Datasheet
120Kb / 4P
   FM RECEIVER
S1T8513A SAMSUNG-S1T8513A Datasheet
57Kb / 6P
   FM IF RECEIVER
logo
Siemens Semiconductor G...
TBB469 SIEMENS-TBB469 Datasheet
119Kb / 7P
   FM Receiver IC
logo
Samsung semiconductor
KA8513B SAMSUNG-KA8513B Datasheet
53Kb / 6P
   FM IF RECEIVER
logo
List of Unclassifed Man...
RWS-88D ETC2-RWS-88D Datasheet
600Kb / 3P
   FM STRERO RECEIVER
logo
Samsung semiconductor
KA8513BD SAMSUNG-KA8513BD Datasheet
142Kb / 6P
   FM IF RECEIVER
logo
List of Unclassifed Man...
RFM-07088 ETC2-RFM-07088 Datasheet
155Kb / 4P
   One Chip FM Receiver
logo
Silan Microelectronics ...
SA2003 SILAN-SA2003 Datasheet
206Kb / 7P
   AM/FM RADIO RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com