Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13135P Datasheet(PDF) 2 Page - LANSDALE Semiconductor Inc.

Part # MC13135P
Description  FM Communications Receiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC13135P Datasheet(HTML) 2 Page - LANSDALE Semiconductor Inc.

  MC13135P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC13135P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC13135P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC13135P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC13135P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC13135P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC13135P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC13135P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC13135P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.lansdale.com
LANSDALE Semiconductor, Inc.
ML13135
Page 2 of 11
Issue 0
MAXIMUM RATINGS
Rating
Pin
Symbol
Value
Unit
Power Supply Voltage
4, 19
VCC (max)
6.5
Vdc
RF Input Voltage
22
RFin
1.0
Vrms
Junction Temperature
TJ
+150
°C
Storage Temperature Range
Tstg
– 65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
Rating
Pin
Symbol
Value
Unit
Power Supply Voltage
4, 19
VCC
2.0 to 6.0
Vdc
Maximum 1st IF
fIF1
21
MHz
Maximum 2nd IF
fIF2
3.0
MHz
Ambient Temperature Range
TA
– 40 to + 85
°C
ELECTRICAL CHARACTERISTICS (TA=25°C,VCC=4.0Vdc,fo=49.7MHz,fMOD=1.0kHz,Deviation=±3.0kHz,f1stLO=39MHz,f2nd
LO = 10.245 MHz, IF1 = 10.7 MHz, IF2 = 455 kHz, unless otherwise noted. All measurements performed in the test circuit of Figure 1.)
Characteristic
Condition
Symbol
Min
Typ
Max
Unit
Total Drain Current
No Input Signal
ICC
4.0
6.0
mAdc
Sensitivity (Input for 12 dB SINAD)
Matched Input
VSIN
1.0
µVrms
Recovered Audio
VRF = 1.0 mV
AFO
mVrms
170
220
300
1st Mixer Conversion Gain
VRF = – 40 dBm
MXgain1
12
dB
2nd Mixer Conversion Gain
VRF = – 40 dBm
MXgain2
13
dB
First LO Buffered Output
VLO
100
mVrms
Total Harmonic Distortion
VRF = – 30 dBm
THD
1.2
3.0
%
Demodulator Bandwidth
BW
50
kHz
RSSI Dynamic Range
RSSI
70
dB
First Mixer 3rd Order Intercept
TOIMix1
dBm
(Input)
Matched
–17
Unmatched
–11
Second Mixer 3rd Order
Matched
TOIMix2
dBm
Intercept (RF Input)
Input
– 27
First LO Buffer Output Resistance
RLO
First Mixer Parallel Input Resistance
R
722
First Mixer Parallel Input Capacitance
C
3.3
pF
First Mixer Output Impedance
ZO
330
Second Mixer Input Impedance
ZI
4.0
k
Second Mixer Output Impedance
ZO
1.8
k
Detector Output Impedance
ZO
25


Similar Part No. - MC13135P

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
MC13135P LANSDALE-MC13135P Datasheet
771Kb / 11P
   FM Communications Receiver; Dual Conversion Narrowband FM Receiver
More results

Similar Description - MC13135P

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML13135 LANSDALE-ML13135 Datasheet
771Kb / 11P
   FM Communications Receiver; Dual Conversion Narrowband FM Receiver
logo
TEMIC Semiconductors
U4065B TEMIC-U4065B Datasheet
290Kb / 23P
   FM Receiver
logo
Samsung semiconductor
KA8509 SAMSUNG-KA8509 Datasheet
120Kb / 4P
   FM RECEIVER
S1T8513A SAMSUNG-S1T8513A Datasheet
57Kb / 6P
   FM IF RECEIVER
logo
Siemens Semiconductor G...
TBB469 SIEMENS-TBB469 Datasheet
119Kb / 7P
   FM Receiver IC
logo
Samsung semiconductor
KA8513B SAMSUNG-KA8513B Datasheet
53Kb / 6P
   FM IF RECEIVER
logo
List of Unclassifed Man...
RWS-88D ETC2-RWS-88D Datasheet
600Kb / 3P
   FM STRERO RECEIVER
logo
Samsung semiconductor
KA8513BD SAMSUNG-KA8513BD Datasheet
142Kb / 6P
   FM IF RECEIVER
logo
List of Unclassifed Man...
RFM-07088 ETC2-RFM-07088 Datasheet
155Kb / 4P
   One Chip FM Receiver
logo
Silan Microelectronics ...
SA2003 SILAN-SA2003 Datasheet
206Kb / 7P
   AM/FM RADIO RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com