Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYW20730A1KMLGT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CYW20730A1KMLGT
Description  Single-Chip Bluetooth Transceiver for Wireless Input Devices
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW20730A1KMLGT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CYW20730A1KMLGT Datasheet HTML 1Page - Cypress Semiconductor CYW20730A1KMLGT Datasheet HTML 2Page - Cypress Semiconductor CYW20730A1KMLGT Datasheet HTML 3Page - Cypress Semiconductor CYW20730A1KMLGT Datasheet HTML 4Page - Cypress Semiconductor CYW20730A1KMLGT Datasheet HTML 5Page - Cypress Semiconductor CYW20730A1KMLGT Datasheet HTML 6Page - Cypress Semiconductor CYW20730A1KMLGT Datasheet HTML 7Page - Cypress Semiconductor CYW20730A1KMLGT Datasheet HTML 8Page - Cypress Semiconductor CYW20730A1KMLGT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
CYW20730
Single-Chip Bluetooth Transceiver for
Wireless Input Devices
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 002-14824 Rev. *J
Revised April 25, 2017
The Cypress CYW20730 is a Bluetooth 3.0-compliant, stand-alone baseband processor with an integrated 2.4 GHz transceiver. It is
ideal for wireless input device applications including game controllers, keyboards, 3D glasses, remote controls, gestural input devices,
and sensor devices. Built-in firmware adheres to the Bluetooth Human Interface Device (HID) profile and Bluetooth Device ID profile
specifications.
The CYW20730 radio has been designed to provide low power, low cost, and robust communications for applications operating in the
globally available 2.4 GHz unlicensed ISM band. It is fully compliant with Bluetooth Radio Specification 3.0.
The single-chip Bluetooth transceiver is a monolithic component implemented in a standard digital CMOS process and requires
minimal external components to make a fully compliant Bluetooth device. The CYW20730 is available in three package options: a 32-
pin, 5 mm × 5 mm QFN, a 40-pin, 6 mm × 6 mm QFN, and a 64-pin, 7 mm × 7 mm BGA.
Cypress Part Numbering Scheme
Cypress is converting the acquired IoT part numbers from Broadcom to the Cypress part numbering scheme. Due to this conversion,
there is no change in form, fit, or function as a result of offering the device with Cypress part number marking. The table provides
Cypress ordering part number that matches an existing IoT part number.
Table 1. Mapping Table for Part Number between Broadcom and Cypress
Broadcom Part Number
Cypress Part Number
BCM20730
CYW20730
BCM20730A2KML2GT
CYW20730A2KML2GT
BCM20730A1KML2G
CYW20730A1KML2G
BCM20730A1KMLG
CYW20730A1KMLG
BCM20730A1KFBGT
CYW20730A1KFBGT
BCM20730A2KFBG
CYW20730A2KFBG
BCM20730A1KFBG
CYW20730A1KFBG
BCM20730A1KML2GT
CYW20730A1KML2GT
BCM20730A2KML2G
CYW20730A2KML2G
BCM20730A1KMLGT
CYW20730A1KMLGT
BCM20730A2KFBGT
CYW20730A2KFBGT
Acronyms and Abbreviations
In most cases, acronyms and abbreviations are defined on first use.
For a comprehensive list of acronyms and other terms used in Cypress documents, go to http://www.cypress.com/glossary.
Applications
Wireless pointing devices: mice, trackballs, gestural controls
Wireless keyboards
3D glasses
Remote controls
Game controllers
Point-of-sale (POS) input devices
Remote sensors
Home automation
Personal health and fitness monitoring


Similar Part No. - CYW20730A1KMLGT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW20730A1KMLGT CYPRESS-CYW20730A1KMLGT Datasheet
1Mb / 62P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
More results

Similar Description - CYW20730A1KMLGT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
BCM20730 CYPRESS-BCM20730 Datasheet
1Mb / 62P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20735 CYPRESS-CYW20735 Datasheet
4Mb / 55P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20734 CYPRESS-CYW20734 Datasheet
4Mb / 51P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20733 CYPRESS-CYW20733 Datasheet
7Mb / 67P
   Single-Chip Bluetooth Transceiver Wireless Input Devices
CYW20707 CYPRESS-CYW20707 Datasheet
743Kb / 51P
   Bluetooth SoC for Embedded Wireless Devices
BCM20713A1KUBXGT CYPRESS-BCM20713A1KUBXGT Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20705 CYPRESS-BCM20705 Datasheet
1Mb / 67P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20713A1KUFBXG CYPRESS-BCM20713A1KUFBXG Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20705 CYPRESS-CYW20705 Datasheet
705Kb / 51P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20704 CYPRESS-CYW20704 Datasheet
4Mb / 49P
   Single-Chip Bluetooth Transceiver and Baseband Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com