Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEWCP1060 Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part # PEWCP1060
Description  WR-90 30 dB Waveguide Crossguide Coupler, CPR-90G Grooved Flange, 8.2 GHz to 12.4 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWCP1060 Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PEWCP1060 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWCP1060 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWCP1060 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWCP1060 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWCP1060 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
PEWCP1060 REV 1.0
WR-90 30 dB Waveguide Crossguide Coupler, CPR-
90G Grooved Flange, 8.2 GHz to 12.4 GHz
PEWCP1060
CAD Drawing


Similar Part No. - PEWCP1060

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCP1061 PASTERNACK-PEWCP1061 Datasheet
432Kb / 5P
   WR-90 40 dB Waveguide Crossguide Coupler, CPR-90G Grooved Flange, 8.2 GHz to 12.4 GHz
PEWCP1062 PASTERNACK-PEWCP1062 Datasheet
433Kb / 5P
   WR-90 50 dB Waveguide Crossguide Coupler, CPR-90G Grooved Flange, 8.2 GHz to 12.4 GHz
PEWCP1063 PASTERNACK-PEWCP1063 Datasheet
409Kb / 5P
   WR-112 20 dB Waveguide Crossguide Coupler, UG-51/U Square Cover Flange, 7.05 GHz to 10 GHz
PEWCP1064 PASTERNACK-PEWCP1064 Datasheet
409Kb / 5P
   WR-112 30 dB Waveguide Crossguide Coupler, UG-51/U Square Cover Flange, 7.05 GHz to 10 GHz
PEWCP1065 PASTERNACK-PEWCP1065 Datasheet
409Kb / 5P
   WR-112 40 dB Waveguide Crossguide Coupler, UG-51/U Square Cover Flange, 7.05 GHz to 10 GHz
More results

Similar Description - PEWCP1060

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCP1061 PASTERNACK-PEWCP1061 Datasheet
432Kb / 5P
   WR-90 40 dB Waveguide Crossguide Coupler, CPR-90G Grooved Flange, 8.2 GHz to 12.4 GHz
PEWCP1062 PASTERNACK-PEWCP1062 Datasheet
433Kb / 5P
   WR-90 50 dB Waveguide Crossguide Coupler, CPR-90G Grooved Flange, 8.2 GHz to 12.4 GHz
PEWCP1059 PASTERNACK-PEWCP1059 Datasheet
432Kb / 5P
   WR-90 20 dB Waveguide Crossguide Coupler, CPR-90G Grooved Flange, 8.2 GHz to 12.4 GHz
PEWCT1073 PASTERNACK-PEWCT1073 Datasheet
534Kb / 5P
   WR-90 Waveguide 30 dB Crossguide Coupler, CPR-90G Flange, SMA Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
PEWCT1081 PASTERNACK-PEWCT1081 Datasheet
530Kb / 5P
   WR-90 Waveguide 30 dB Crossguide Coupler, CPR-90G Flange, N Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
PEWCP1076 PASTERNACK-PEWCP1076 Datasheet
431Kb / 5P
   WR-137 30 dB Waveguide Crossguide Coupler, CPR-137G Grooved Flange, 5.85 GHz to 8.2 GHz
PEWCP1022 PASTERNACK-PEWCP1022 Datasheet
449Kb / 5P
   WR-90 30 dB Directional Waveguide Broadwall Coupler, CPR-90G Grooved Flange, E-Plane Coupled Port, 8.2 GHz to 12.4 GHz
PEWCT1072 PASTERNACK-PEWCT1072 Datasheet
533Kb / 5P
   WR-90 Waveguide 20 dB Crossguide Coupler, CPR-90G Flange, SMA Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
PEWCT1075 PASTERNACK-PEWCT1075 Datasheet
534Kb / 5P
   WR-90 Waveguide 50 dB Crossguide Coupler, CPR-90G Flange, SMA Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
PEWCT1082 PASTERNACK-PEWCT1082 Datasheet
530Kb / 5P
   WR-90 Waveguide 40 dB Crossguide Coupler, CPR-90G Flange, N Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com