Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYW20730A2KML2GT Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CYW20730A2KML2GT
Description  Single-Chip Bluetooth Transceiver for Wireless Input Devices
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW20730A2KML2GT Datasheet(HTML) 3 Page - Cypress Semiconductor

  CYW20730A2KML2GT Datasheet HTML 1Page - Cypress Semiconductor CYW20730A2KML2GT Datasheet HTML 2Page - Cypress Semiconductor CYW20730A2KML2GT Datasheet HTML 3Page - Cypress Semiconductor CYW20730A2KML2GT Datasheet HTML 4Page - Cypress Semiconductor CYW20730A2KML2GT Datasheet HTML 5Page - Cypress Semiconductor CYW20730A2KML2GT Datasheet HTML 6Page - Cypress Semiconductor CYW20730A2KML2GT Datasheet HTML 7Page - Cypress Semiconductor CYW20730A2KML2GT Datasheet HTML 8Page - Cypress Semiconductor CYW20730A2KML2GT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
CYW20730
Document Number: 002-14824 Rev. *J
Page 3 of 50
Figure 1. Functional Block Diagram
IoT Resources
Cypress provides a wealth of data at http://www.cypress.com/internet-things-iot to help you to select the right IoT device for your
design, and quickly and effectively integrate the device into your design. Cypress provides customer access to a wide range of
information, including technical documentation, schematic diagrams, product bill of materials, PCB layout information, and software
updates. Customers can acquire technical documentation and software from the Cypress Support Community website
(http://community.cypress.com/).
Keyboard
Matrix
Scanner
w/FIFO
3- Axis
Mouse
Signal
Controller
Processing
Unit
(ARM -CM3)
System Bus
Bluetooth
Baseband
Core
2.4 GHz
Radio
RF Control
and Data
T/R
Switch
RF I/O
GPIO
Control/
Status
Registers
Frequency
Synthesizer
40 GPIO on the 64-pin BGA
(22 GPIO on the 40-pin QFN)
(14 GPIO on the 32-pin QFN)
24 MHz
Ref Xtal
PMU
I/O Ring Bus
I/O Ring
Control
Registers
Peripheral
Interface
Block
1.2V VDD_CORE
Domain
VDD_IO
Domain
WAKE
1.2V
LDO
1.425V to 3.6V
1.2V
VDD_CORE
320K
ROM
60K
RAM
BSC/SPI
Master
Interface
(BSC is I2C-
compa ble)
SDA/
MOSI
SCL/
SCK
6 Quadrature
Inputs (3 pair) +
High Current
Driver Controls
8 x 20
Scan
Matrix
40 GPIO
32 kHz
LPCLK
28 ADC
Inputs
24
MHz
hclk
(24 MHz to 1 MHz)
AutoCal
MISO
1.2V VDD_RF
Domain
PWM
WDT
128 kHz
LPO
÷4
32 kHz
LPCLK
128 kHz
LPCLK
32 kHz
Power
1.62V to 3.6V
VDD_IO
1.2V
POR
1.2V
Test
UART
IR
I/O
IR
Mod.
and
Learning
SPI
M/S
MIA
POR
28 ADC
Inputs
CT
ADC
VSS,
VDDO,
VDDC
Periph
UART
UART_RXD
UART_TXD
Tx
Rx
RTS_N
CTS_N
Muxed on GPIO
Volt. Trans
3-D Glasses
and Triac
1.62V to 3.6V


Similar Part No. - CYW20730A2KML2GT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW20730A2KML2GT CYPRESS-CYW20730A2KML2GT Datasheet
1Mb / 62P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
More results

Similar Description - CYW20730A2KML2GT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
BCM20730 CYPRESS-BCM20730 Datasheet
1Mb / 62P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20735 CYPRESS-CYW20735 Datasheet
4Mb / 55P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20734 CYPRESS-CYW20734 Datasheet
4Mb / 51P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20733 CYPRESS-CYW20733 Datasheet
7Mb / 67P
   Single-Chip Bluetooth Transceiver Wireless Input Devices
CYW20707 CYPRESS-CYW20707 Datasheet
743Kb / 51P
   Bluetooth SoC for Embedded Wireless Devices
BCM20713A1KUBXGT CYPRESS-BCM20713A1KUBXGT Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20705 CYPRESS-BCM20705 Datasheet
1Mb / 67P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20713A1KUFBXG CYPRESS-BCM20713A1KUFBXG Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20705 CYPRESS-CYW20705 Datasheet
705Kb / 51P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20704 CYPRESS-CYW20704 Datasheet
4Mb / 49P
   Single-Chip Bluetooth Transceiver and Baseband Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com