Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYW20730 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CYW20730
Description  Single-Chip Bluetooth Transceiver for Wireless Input Devices
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW20730 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CYW20730 Datasheet HTML 1Page - Cypress Semiconductor CYW20730 Datasheet HTML 2Page - Cypress Semiconductor CYW20730 Datasheet HTML 3Page - Cypress Semiconductor CYW20730 Datasheet HTML 4Page - Cypress Semiconductor CYW20730 Datasheet HTML 5Page - Cypress Semiconductor CYW20730 Datasheet HTML 6Page - Cypress Semiconductor CYW20730 Datasheet HTML 7Page - Cypress Semiconductor CYW20730 Datasheet HTML 8Page - Cypress Semiconductor CYW20730 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
CYW20730
Document Number: 002-14824 Rev. *J
Page 2 of 50
Features
On-chip support for common keyboard and mouse interfaces
eliminates external processor
Programmable keyscan matrix interface, up to 8 × 20 key-
scanning matrix
3-axis quadrature signal decoder
Shutter control for 3D glasses
Infrared modulator
IR learning
Triac control
Triggered Broadcom Fast Connect
Supports Adaptive Frequency Hopping
Excellent receiver sensitivity
Bluetooth specification 3.0 compatible, including enhanced
power control (Unicast Connectionless Data)
Bluetooth HID profile version 1.0 compliant
Bluetooth Device ID profile version 1.3 compliant
Bluetooth AVRCP-CT profile version 1.3 compliant
10-bit auxiliary ADC with 28 analog channels
On-chip support for serial peripheral interface (master and
slave modes)
Broadcom Serial Communications (BSC) interface (compatible
with Philips® (now NXP) I2C slaves)
Programmable output power control meets Class 2 or Class 3
requirements
Class 1 operation supported with external PA and T/R switch
Integrated ARM Cortex™-M3 based microprocessor core
On-chip power-on reset (POR)
Support for EEPROM and serial flash interfaces
Integrated low-dropout regulator (LDO)
On-chip software controlled power management unit
Three package types are available:
32-pin QFN package (5 mm × 5 mm)
40-pin QFN package (6 mm × 6 mm)
64-pin BGA package (7 mm × 7 mm)
RoHS compliant


Similar Part No. - CYW20730

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW20730A1KFBG CYPRESS-CYW20730A1KFBG Datasheet
1Mb / 62P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20730A1KFBGT CYPRESS-CYW20730A1KFBGT Datasheet
1Mb / 62P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20730A1KML2G CYPRESS-CYW20730A1KML2G Datasheet
1Mb / 62P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20730A1KML2GT CYPRESS-CYW20730A1KML2GT Datasheet
1Mb / 62P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20730A1KMLG CYPRESS-CYW20730A1KMLG Datasheet
1Mb / 62P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
More results

Similar Description - CYW20730

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
BCM20730 CYPRESS-BCM20730 Datasheet
1Mb / 62P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20735 CYPRESS-CYW20735 Datasheet
4Mb / 55P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20734 CYPRESS-CYW20734 Datasheet
4Mb / 51P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20733 CYPRESS-CYW20733 Datasheet
7Mb / 67P
   Single-Chip Bluetooth Transceiver Wireless Input Devices
CYW20707 CYPRESS-CYW20707 Datasheet
743Kb / 51P
   Bluetooth SoC for Embedded Wireless Devices
BCM20713A1KUBXGT CYPRESS-BCM20713A1KUBXGT Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20705 CYPRESS-BCM20705 Datasheet
1Mb / 67P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20713A1KUFBXG CYPRESS-BCM20713A1KUFBXG Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20705 CYPRESS-CYW20705 Datasheet
705Kb / 51P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20704 CYPRESS-CYW20704 Datasheet
4Mb / 49P
   Single-Chip Bluetooth Transceiver and Baseband Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com