Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYW4356XKWBG Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CYW4356XKWBG
Description  Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
Download  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW4356XKWBG Datasheet(HTML) 3 Page - Cypress Semiconductor

  CYW4356XKWBG Datasheet HTML 1Page - Cypress Semiconductor CYW4356XKWBG Datasheet HTML 2Page - Cypress Semiconductor CYW4356XKWBG Datasheet HTML 3Page - Cypress Semiconductor CYW4356XKWBG Datasheet HTML 4Page - Cypress Semiconductor CYW4356XKWBG Datasheet HTML 5Page - Cypress Semiconductor CYW4356XKWBG Datasheet HTML 6Page - Cypress Semiconductor CYW4356XKWBG Datasheet HTML 7Page - Cypress Semiconductor CYW4356XKWBG Datasheet HTML 8Page - Cypress Semiconductor CYW4356XKWBG Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 155 page
background image
Document Number: 002-15053 Rev. *D
Page 3 of 155
ADVANCE
CYW4356
Bluetooth and FM Key Features
Complies with Bluetooth Core Specification Version 4.1 with
provisions for supporting future specifications.
Bluetooth Class 1 or Class 2 transmitter operation.
Supports extended synchronous connections (eSCO), for
enhanced voice quality by allowing for retransmission of
dropped packets.
Adaptive frequency hopping (AFH) for reducing radio
frequency interference.
Interface support, host controller interface (HCI) using a USB
or high-speed UART interface and PCM for audio data.
USB 2.0 full-speed (12 Mbps) supported for Bluetooth.
The FM unit supports HCI for communication.
Low power consumption improves battery life of handheld
devices.
FM receiver: 65 MHz to 108 MHz FM bands; supports the
European radio data systems (RDS) and the North American
radio broadcast data system (RBDS) standards.
Supports multiple simultaneous Advanced Audio Distribution
Profiles (A2DP) for stereo sound.
Automatic frequency detection for standard crystal and TCXO
values.
General Features
Supports battery range from 3.0V to 5.25V supplies with
internal switching regulator
Programmable dynamic power management
484 bytes of user-accessible OTP for storing board param-
eters
GPIOs: 11 in WLBGA, 16 in WLCSP
Package options:
192-ball WLBGA (4.87 mm × 7.67 mm, 0.4 mm pitch
395-bump WLCSP (4.87 mm × 7.67 mm, 0.2 mm pitch)
Security:
WPA and WPA2 (Personal) support for powerful encryption
and authentication
AES and TKIP in hardware for faster data encryption and
IEEE 802.11i compatibility
Reference WLAN subsystem provides Cisco Compatible
Extensions (CCX, CCX 2.0, CCX 3.0, CCX 4.0, CCX 5.0)
Reference WLAN subsystem provides Wi-Fi Protected Set-
up (WPS)
Worldwide regulatory support: Global products supported with
worldwide homologated design.


Similar Part No. - CYW4356XKWBG

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW4354 CYPRESS-CYW4354 Datasheet
13Mb / 165P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
CYW4354XKUBG CYPRESS-CYW4354XKUBG Datasheet
13Mb / 165P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
CYW4354XKWBG CYPRESS-CYW4354XKWBG Datasheet
13Mb / 165P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
CYW4354ZKUBG CYPRESS-CYW4354ZKUBG Datasheet
13Mb / 165P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
CYW43570 CYPRESS-CYW43570 Datasheet
7Mb / 93P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2MAC/Baseband/Radio with IntegratedBluetooth 4.1 and EDR
More results

Similar Description - CYW4356XKWBG

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
BCM4356XKWBGT CYPRESS-BCM4356XKWBGT Datasheet
4Mb / 195P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
BCM4356XKUBGT CYPRESS-BCM4356XKUBGT Datasheet
4Mb / 195P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
BCM43455 CYPRESS-BCM43455 Datasheet
2Mb / 159P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339 CYPRESS-BCM4339 Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339XKWBGT CYPRESS-BCM4339XKWBGT Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339XKUBGT CYPRESS-BCM4339XKUBGT Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM43455XKUBGT CYPRESS-BCM43455XKUBGT Datasheet
2Mb / 159P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
CYW4354 CYPRESS-CYW4354 Datasheet
13Mb / 165P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4354KKWBGT CYPRESS-BCM4354KKWBGT Datasheet
4Mb / 192P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4354XKUBGT CYPRESS-BCM4354XKUBGT Datasheet
4Mb / 192P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com