Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYW20707 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CYW20707
Description  Bluetooth SoC for Embedded Wireless Devices
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW20707 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CYW20707 Datasheet HTML 2Page - Cypress Semiconductor CYW20707 Datasheet HTML 3Page - Cypress Semiconductor CYW20707 Datasheet HTML 4Page - Cypress Semiconductor CYW20707 Datasheet HTML 5Page - Cypress Semiconductor CYW20707 Datasheet HTML 6Page - Cypress Semiconductor CYW20707 Datasheet HTML 7Page - Cypress Semiconductor CYW20707 Datasheet HTML 8Page - Cypress Semiconductor CYW20707 Datasheet HTML 9Page - Cypress Semiconductor CYW20707 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
Document Number: 002-14792 Rev. *H
Page 6 of 51
PRELIMINARY
CYW20707
1.2 Microprocessor Unit
The CYW20707 microprocessor unit runs software from the link control (LC) layer up to the host controller interface (HCI). The
microprocessor is based on the Cortex-M3 32-bit RISC processor with embedded ICE-RT debug and JTAG interface units. The
microprocessor also includes 848 KB of ROM memory for program storage and boot ROM, 352 KB of RAM for data scratch-pad, and
patch RAM code.
The internal boot ROM provides flexibility during power-on reset to enable the same device to be used in various configurations. At
power-up, the lower layer protocol stack is executed from the internal ROM.
External patches can be applied to the ROM-based firmware to provide flexibility for bug fixes and features additions. These patches
can be downloaded using external NVRAM. The device can also support the integration of user applications and profiles using an
external serial flash memory.
1.2.1 NVRAM Configuration Data and Storage
NVRAM contains configuration information about the customer application, including the following:
Fractional-N information
BD_ADDR
UART baud rate
SDP service record
File system information used for code, code patches, or data. The CYW20707 can use SPI Flash or I2C EEPROM/serial flash for
NVRAM storage.
1.2.2 One-Time Programmable Memory
The CYW20707 includes 2 Kbytes of one-time programmable (OTP) memory allow manufacturing customization and to avoid the
need for an on-board NVRAM. If customization is not required, then the OTP does not need to be programmed. Whether the OTP is
programmed or not, to save power it is disabled when the boot process is complete. The OTP is designed to store a minimal amount
of information. Aside from OTP data, most user configuration information will be downloaded to RAM after the CYW20707 boots and
is ready for host transport communication.
Note: The OTP is disabled internally for the 36-Pin WLBGA package.
The OTP contents are limited to:
Parameters required prior to downloading the user configuration to RAM.
Parameters unique to each part and each customer (for example, the Bluetooth device address and/or the software license key).


Similar Part No. - CYW20707

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW20707UA1KFFB1G CYPRESS-CYW20707UA1KFFB1G Datasheet
1Mb / 65P
   Complies with Bluetooth Core Specification version 4.2 including BR/EDR/BLE
CYW20707UA1KFFB4G CYPRESS-CYW20707UA1KFFB4G Datasheet
1Mb / 65P
   Complies with Bluetooth Core Specification version 4.2 including BR/EDR/BLE
CYW20707UA1KFFB4GT CYPRESS-CYW20707UA1KFFB4GT Datasheet
1Mb / 65P
   Complies with Bluetooth Core Specification version 4.2 including BR/EDR/BLE
CYW20707UA2KFFB4G CYPRESS-CYW20707UA2KFFB4G Datasheet
1Mb / 65P
   Complies with Bluetooth Core Specification version 4.2 including BR/EDR/BLE
CYW20707UA2KFFB4GT CYPRESS-CYW20707UA2KFFB4GT Datasheet
1Mb / 65P
   Complies with Bluetooth Core Specification version 4.2 including BR/EDR/BLE
More results

Similar Description - CYW20707

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BLUENRG-LPS STMICROELECTRONICS-BLUENRG-LPS Datasheet
2Mb / 67P
   Programmable Bluetooth® Low Energy wireless SoC
Rev 4 - March 2023
logo
Cypress Semiconductor
BCM20730 CYPRESS-BCM20730 Datasheet
1Mb / 62P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20735 CYPRESS-CYW20735 Datasheet
4Mb / 55P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20730 CYPRESS-CYW20730 Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20734 CYPRESS-CYW20734 Datasheet
4Mb / 51P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20706 CYPRESS-CYW20706 Datasheet
4Mb / 50P
   Embedded Bluetooth 4.2 SoC with MCU, Bluetooth Transceiver, and Baseband Processor
logo
List of Unclassifed Man...
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
   Bluetooth SoC
logo
Cypress Semiconductor
CYW20733 CYPRESS-CYW20733 Datasheet
7Mb / 67P
   Single-Chip Bluetooth Transceiver Wireless Input Devices
logo
List of Unclassifed Man...
BK3231 ETC2-BK3231 Datasheet
150Kb / 12P
   Bluetooth HID SoC
logo
Beken Corporation
BK3254 BEKEN-BK3254 Datasheet
422Kb / 17P
   Bluetooth Multimedia SoC
0.5 2016/07/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com