Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYW4330 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CYW4330
Description  Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
Download  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW4330 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CYW4330 Datasheet HTML 5Page - Cypress Semiconductor CYW4330 Datasheet HTML 6Page - Cypress Semiconductor CYW4330 Datasheet HTML 7Page - Cypress Semiconductor CYW4330 Datasheet HTML 8Page - Cypress Semiconductor CYW4330 Datasheet HTML 9Page - Cypress Semiconductor CYW4330 Datasheet HTML 10Page - Cypress Semiconductor CYW4330 Datasheet HTML 11Page - Cypress Semiconductor CYW4330 Datasheet HTML 12Page - Cypress Semiconductor CYW4330 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 155 page
background image
Document Number: 002-15053 Rev. *D
Page 9 of 155
ADVANCE
CYW4356
1.3 Standards Compliance
The CYW4356 supports the following standards:
Bluetooth 2.1 + EDR
Bluetooth 3.0 + HS
Bluetooth 4.1 (Bluetooth Low Energy)
65 MHz to 108 MHz FM bands (US, Europe, and Japan)
IEEE802.11ac mandatory and optional requirements for 20 MHz, 40 MHz, and 80 MHz channels
IEEE 802.11n—Handheld Device Class (Section 11)
IEEE 802.11a
IEEE 802.11b
IEEE 802.11g
IEEE 802.11d
IEEE 802.11h
IEEE 802.11i
Security:
WEP
WPA Personal
WPA2 Personal
WMM
WMM-PS (U-APSD)
WMM-SA
AES (Hardware Accelerator)
TKIP (HW Accelerator)
CKIP (SW Support)
Proprietary Protocols:
CCXv2
CCXv3
CCXv4
CCXv5
IEEE 802.15.2 Coexistence Compliance—on silicon solution compliant with IEEE 3 wire requirements
The CYW4356 will support the following future drafts/standards:
IEEE 802.11r—Fast Roaming (between APs)
IEEE 802.11w—Secure Management Frames
A4WP Wireless Power Transfer System Baseline System Specification V1.0
IEEE 802.11 Extensions:
IEEE 802.11e QoS Enhancements (In accordance with the WMM specification, QoS is already supported.)
IEEE 802.11h 5 GHz Extensions
IEEE 802.11i MAC Enhancements
IEEE 802.11k Radio Resource Measurement


Similar Part No. - CYW4330

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW4330 CYPRESS-CYW4330 Datasheet
4Mb / 55P
   Bluetooth 4.0 EDR and Low Energy compliant
logo
Infineon Technologies A...
CYW4330 INFINEON-CYW4330 Datasheet
2Mb / 121P
   Single-Chip 5G WiFi IEEE 802.11n/ac MAC/Baseband/ Radio with Integrated Bluetooth 5.0
Revised March 22, 2019
More results

Similar Description - CYW4330

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
BCM4356XKWBGT CYPRESS-BCM4356XKWBGT Datasheet
4Mb / 195P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
BCM4356XKUBGT CYPRESS-BCM4356XKUBGT Datasheet
4Mb / 195P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
BCM43455 CYPRESS-BCM43455 Datasheet
2Mb / 159P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339 CYPRESS-BCM4339 Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339XKWBGT CYPRESS-BCM4339XKWBGT Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339XKUBGT CYPRESS-BCM4339XKUBGT Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM43455XKUBGT CYPRESS-BCM43455XKUBGT Datasheet
2Mb / 159P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
CYW4354 CYPRESS-CYW4354 Datasheet
13Mb / 165P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4354KKWBGT CYPRESS-BCM4354KKWBGT Datasheet
4Mb / 192P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4354XKUBGT CYPRESS-BCM4354XKUBGT Datasheet
4Mb / 192P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com