Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYW4354XKWBG Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CYW4354XKWBG
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
Download  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW4354XKWBG Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CYW4354XKWBG Datasheet HTML 6Page - Cypress Semiconductor CYW4354XKWBG Datasheet HTML 7Page - Cypress Semiconductor CYW4354XKWBG Datasheet HTML 8Page - Cypress Semiconductor CYW4354XKWBG Datasheet HTML 9Page - Cypress Semiconductor CYW4354XKWBG Datasheet HTML 10Page - Cypress Semiconductor CYW4354XKWBG Datasheet HTML 11Page - Cypress Semiconductor CYW4354XKWBG Datasheet HTML 12Page - Cypress Semiconductor CYW4354XKWBG Datasheet HTML 13Page - Cypress Semiconductor CYW4354XKWBG Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 165 page
background image
Document Number: 002-14809 Rev. *J
Page 10 of 165
CYW4354
2. Power Supplies and Power Management
2.1 Power Supply Topology
One Buck regulator, multiple LDO regulators, and a power management unit (PMU) are integrated into the CYW4354. All regulators
are programmable via the PMU. These blocks simplify power supply design for Bluetooth, WLAN, and FM functions in embedded
designs.
A single VBAT (3.0V to 5.25V DC max.) and VIO supply (1.8V to 3.3V) can be used, with all additional voltages being provided by the
regulators in the CYW4354.
Two control signals, BT_REG_ON and WL_REG_ON, are used to power-up the regulators and take the respective section out of
reset. The CBUCK CLDO and LNLDO power up when any of the reset signals are deasserted. All regulators are powered down only
when both BT_REG_ON and WL_REG_ON are deasserted. The CLDO and LNLDO may be turned off/on based on the dynamic
demands of the digital baseband.
The CYW4354 allows for an extremely low power-consumption mode by completely shutting down the CBUCK, CLDO, and LNLDO
regulators. When in this state, LPLDO1 (which is a low-power linear regulator supplied by the system VIO supply) provides the
CYW4354 with all the voltages it requires, further reducing leakage currents.
2.2 CYW4354 PMU Features
VBAT to 1.35Vout (600 mA maximum) Core-Buck (CBUCK) switching regulator
VBAT to 3.3Vout (600 mA maximum) LDO3P3
VBAT to 3.3Vout (150 mA maximum) LDO3P3_B
VBAT to 2.5V out (70 mA maximum) BTLDO2P5
1.35V to 1.2Vout (150 mA maximum) LNLDO
1.35V to 1.2Vout (300 mA maximum) CLDO with bypass mode for deep-sleep
Additional internal LDOs (not externally accessible)
Figure 3 on page 11 illustrates the typical power topology for the CYW4354. The shaded areas are internal to the CYW4354.


Similar Part No. - CYW4354XKWBG

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW4356 CYPRESS-CYW4356 Datasheet
12Mb / 155P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
CYW4356XKUBG CYPRESS-CYW4356XKUBG Datasheet
12Mb / 155P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
CYW4356XKWBG CYPRESS-CYW4356XKWBG Datasheet
12Mb / 155P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
CYW43570 CYPRESS-CYW43570 Datasheet
7Mb / 93P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2MAC/Baseband/Radio with IntegratedBluetooth 4.1 and EDR
CYW43570KFFBG CYPRESS-CYW43570KFFBG Datasheet
7Mb / 93P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2MAC/Baseband/Radio with IntegratedBluetooth 4.1 and EDR
More results

Similar Description - CYW4354XKWBG

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
BCM4354KKWBGT CYPRESS-BCM4354KKWBGT Datasheet
4Mb / 192P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4354XKUBGT CYPRESS-BCM4354XKUBGT Datasheet
4Mb / 192P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4354 CYPRESS-BCM4354 Datasheet
4Mb / 192P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
CYW4356 CYPRESS-CYW4356 Datasheet
12Mb / 155P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
BCM4356XKWBGT CYPRESS-BCM4356XKWBGT Datasheet
4Mb / 195P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
BCM4356XKUBGT CYPRESS-BCM4356XKUBGT Datasheet
4Mb / 195P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
BCM43455XKUBGT CYPRESS-BCM43455XKUBGT Datasheet
2Mb / 159P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339 CYPRESS-BCM4339 Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339XKWBGT CYPRESS-BCM4339XKWBGT Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339XKUBGT CYPRESS-BCM4339XKUBGT Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com