Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYW4354XKWBG Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CYW4354XKWBG
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
Download  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW4354XKWBG Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CYW4354XKWBG Datasheet HTML 3Page - Cypress Semiconductor CYW4354XKWBG Datasheet HTML 4Page - Cypress Semiconductor CYW4354XKWBG Datasheet HTML 5Page - Cypress Semiconductor CYW4354XKWBG Datasheet HTML 6Page - Cypress Semiconductor CYW4354XKWBG Datasheet HTML 7Page - Cypress Semiconductor CYW4354XKWBG Datasheet HTML 8Page - Cypress Semiconductor CYW4354XKWBG Datasheet HTML 9Page - Cypress Semiconductor CYW4354XKWBG Datasheet HTML 10Page - Cypress Semiconductor CYW4354XKWBG Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 165 page
background image
Document Number: 002-14809 Rev. *J
Page 7 of 165
CYW4354
Figure 2. CYW4354 Block Diagram
CYW4354
BT/FM
FMRX
Debug
BTFM Control Clock
PTU
WLAN
PMU
Controller
5 GHz IPA
Diplexer
BPF
BPF
LNA
LNA
LNA
Shared LNA
BT RX
OTP
OTP
GPIO
UART
JTAG
SW REG
LDO
LPO
XTAL OSC
POR
GPIO
JTAG
UART
XTAL
Power Supply
HSIC
PCIe
SDIO
ARM
RAM
ROM
BT‐WLAN ECI
UART
SLIMBus
Debug UART
MEIF
I
2S/PCM1
I
2S/PCM2
GPIO
Wake/Sleep
Control
GNSS LNA ANT 
Control
Clock 
Management
Sleep
Timer
PMU
PMU 
Controller
LPO
XO 
Buffer
POR
BT PHY
BT RF
RAM
ROM
Patch
Inter Ctrl
DMA
Bus Arb
WD Timer
SW Timer
GPIO Ctrl
APB
AHB
AHB2 APB 
Bridge
Cortex M3
CLB
AHB
FM Digital
FM RF
FM RX
BT Digital IO
BT TX
EXT LNA RF Switch Control
*SDIO or *PCIe 2.0 
JTAG
SMPS Control
XTAL
VBAT VREG
POR
2.4 GHz IPA
5 GHz IPA
2.4 GHz IPA
Diplexer
BPF
BPF
Coex


Similar Part No. - CYW4354XKWBG

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW4356 CYPRESS-CYW4356 Datasheet
12Mb / 155P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
CYW4356XKUBG CYPRESS-CYW4356XKUBG Datasheet
12Mb / 155P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
CYW4356XKWBG CYPRESS-CYW4356XKWBG Datasheet
12Mb / 155P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
CYW43570 CYPRESS-CYW43570 Datasheet
7Mb / 93P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2MAC/Baseband/Radio with IntegratedBluetooth 4.1 and EDR
CYW43570KFFBG CYPRESS-CYW43570KFFBG Datasheet
7Mb / 93P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2MAC/Baseband/Radio with IntegratedBluetooth 4.1 and EDR
More results

Similar Description - CYW4354XKWBG

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
BCM4354KKWBGT CYPRESS-BCM4354KKWBGT Datasheet
4Mb / 192P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4354XKUBGT CYPRESS-BCM4354XKUBGT Datasheet
4Mb / 192P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4354 CYPRESS-BCM4354 Datasheet
4Mb / 192P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
CYW4356 CYPRESS-CYW4356 Datasheet
12Mb / 155P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
BCM4356XKWBGT CYPRESS-BCM4356XKWBGT Datasheet
4Mb / 195P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
BCM4356XKUBGT CYPRESS-BCM4356XKUBGT Datasheet
4Mb / 195P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
BCM43455XKUBGT CYPRESS-BCM43455XKUBGT Datasheet
2Mb / 159P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339 CYPRESS-BCM4339 Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339XKWBGT CYPRESS-BCM4339XKWBGT Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339XKUBGT CYPRESS-BCM4339XKUBGT Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com