Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYW4343W1KUBG Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CYW4343W1KUBG
Description  Single-Chip IEEE 802.11 b/g/n MAC/ Baseband/Radio with Bluetooth 4.1,an FM Receiver, and Wireless Charging
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW4343W1KUBG Datasheet(HTML) 3 Page - Cypress Semiconductor

  CYW4343W1KUBG Datasheet HTML 1Page - Cypress Semiconductor CYW4343W1KUBG Datasheet HTML 2Page - Cypress Semiconductor CYW4343W1KUBG Datasheet HTML 3Page - Cypress Semiconductor CYW4343W1KUBG Datasheet HTML 4Page - Cypress Semiconductor CYW4343W1KUBG Datasheet HTML 5Page - Cypress Semiconductor CYW4343W1KUBG Datasheet HTML 6Page - Cypress Semiconductor CYW4343W1KUBG Datasheet HTML 7Page - Cypress Semiconductor CYW4343W1KUBG Datasheet HTML 8Page - Cypress Semiconductor CYW4343W1KUBG Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 127 page
background image
Document No. 002-14797 Rev. *H
Page 3 of 128
CYW4343X
Features
IEEE 802.11x Key Features
Single-band 2.4 GHz IEEE 802.11b/g/n.
Support for 2.4 GHz Cypress TurboQAM® data rates
(256-QAM) and 20 MHz channel bandwidth.
Integrated iTR switch supports a single 2.4 GHz
antenna shared between WLAN and Bluetooth.
Supports explicit IEEE 802.11n transmit beamforming
Tx and Rx Low-density Parity Check (LDPC) support
for improved range and power efficiency.
Supports standard SDIO v2.0 and gSPI host inter-
faces.
Supports Space-Time Block Coding (STBC) in the
receiver.
Integrated ARM Cortex-M3 processor and on-chip
memory for complete WLAN subsystem functionality,
minimizing the need to wake up the applications pro-
cessor for standard WLAN functions. This allows for
further minimization of power consumption, while
maintaining the ability to field-upgrade with future fea-
tures. On-chip memory includes 512 KB SRAM and
640 KB ROM.
OneDriver™ software architecture for easy migration
from existing embedded WLAN and Bluetooth devices
as well as to future devices.
Bluetooth and FM Key Features
Complies with Bluetooth Core Specification Version
4.1 with provisions for supporting future specifications.
Bluetooth Class 1 or Class 2 transmitter operation.
Supports extended Synchronous Connections
(eSCO), for enhanced voice quality by allowing for
retransmission of dropped packets.
Adaptive Frequency Hopping (AFH) for reducing radio
frequency interference.
Interface support — Host Controller Interface (HCI)
using a high-speed UART interface and PCM for audio
data.Bluetooth and FM Key Features (Continued)
FM receiver unit supports HCI for communication.
Low-power consumption improves battery life of hand-
held devices.
FM receiver: 65 MHz to 108 MHz FM bands; supports
the European Radio Data Systems (RDS) and the
North American Radio Broadcast Data System
(RBDS) standards.
Supports multiple simultaneous Advanced Audio Dis-
tribution Profiles (A2DP) for stereo sound.
Automatic frequency detection for standard crystal and
TCXO values.
General Features
Supports a battery voltage range from 3.0V to 4.8V
with an internal switching regulator.
Programmable dynamic power management.
4 Kbit One-Time Programmable (OTP) memory for
storing board parameters.
Can be routed on low-cost 1 x 1 PCB stack-ups.
74-ball[4343W+43CS4343W1]74-ball 63-ball WLBGA
package (4.87 mm × 2.87 mm, 0.4 mm pitch).
153-bump WLCSP package (115 μm bump diameter,
180 μm bump pitch).
Security:
WPA and WPA2 (Personal) support for powerful
encryption and authentication.
AES in WLAN hardware for faster data encryption
and IEEE 802.11i compatibility.
Reference WLAN subsystem provides Cisco Com-
patible Extensions (CCX, CCX 2.0, CCX 3.0, CCX
4.0, CCX 5.0).
Reference WLAN subsystem provides Wi–Fi Pro-
tected Setup (WPS).
Worldwide regulatory support: Global products sup-
ported with worldwide homologated design.
Multimode wireless charging support that complies
with the Alliance for Wireless Power (A4WP), the
Wireless Power Consortium (WPC), and the Power
Matters Alliance (PMA).


Similar Part No. - CYW4343W1KUBG

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW4343W CYPRESS-CYW4343W Datasheet
1Mb / 103P
   Single-Chip 802.11 b/g/n MAC/Baseband/Radiowith Bluetooth 4.1
CYW4343WKUBG CYPRESS-CYW4343WKUBG Datasheet
1Mb / 103P
   Single-Chip 802.11 b/g/n MAC/Baseband/Radiowith Bluetooth 4.1
More results

Similar Description - CYW4343W1KUBG

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW43438 CYPRESS-CYW43438 Datasheet
1Mb / 101P
   Single-Chip IEEE 802.11ac b/g/n MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
logo
Broadcom Corporation.
BCM4334X BOARDCOM-BCM4334X Datasheet
3Mb / 170P
   Single Chip IEEE 802.11 a/b/g/n MAC/Baseband/Radio with Integrated Bluetooth 4.0 HS and FM Receiver
logo
Cypress Semiconductor
CYW4356 CYPRESS-CYW4356 Datasheet
12Mb / 155P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
BCM4356XKWBGT CYPRESS-BCM4356XKWBGT Datasheet
4Mb / 195P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
BCM4356XKUBGT CYPRESS-BCM4356XKUBGT Datasheet
4Mb / 195P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
BCM43364KUBGT CYPRESS-BCM43364KUBGT Datasheet
1Mb / 82P
   Single-Chip IEEE 802.11 b/g/n MAC/Baseband/Radio
CYW4343W CYPRESS-CYW4343W Datasheet
1Mb / 103P
   Single-Chip 802.11 b/g/n MAC/Baseband/Radiowith Bluetooth 4.1
BCM43362KUBG CYPRESS-BCM43362KUBG Datasheet
1Mb / 84P
   Single-Chip IEEE 802.11??b/g/n MAC/Baseband/Radio SDIO
BCM43362KUBGT CYPRESS-BCM43362KUBGT Datasheet
1Mb / 84P
   Single-Chip IEEE 802.11??b/g/n MAC/Baseband/Radio SDIO
BCM43362SKUBGT CYPRESS-BCM43362SKUBGT Datasheet
1Mb / 84P
   Single-Chip IEEE 802.11??b/g/n MAC/Baseband/Radio SDIO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com