Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEWCP1045 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PEWCP1045
Description  WR-51 40 dB Waveguide Crossguide Coupler, Square Cover Flange, 15 GHz to 22 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWCP1045 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PEWCP1045 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWCP1045 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWCP1045 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWCP1045 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWCP1045 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
TECHNICAL DATA SHEET
WR-51 40 dB Waveguide Crossguide Coupler, Square Cover Flange, 15 GHz to 22 GHz from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-51 40 dB Waveguide Crossguide Coupler, Square Cover Flange, 15 GHz to 22 GHz
PEWCP1045
URL: http://www.pasternack.com/wr51-40db-waveguide-coupler-square-crossguide-pewcp1045-p.aspx
PEWCP1045
PEWCP1045 REV 1.0
WR-51 40 dB Waveguide Crossguide Coupler,
Square Cover Flange, 15 GHz to 22 GHz


Similar Part No. - PEWCP1045

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCP1040 PASTERNACK-PEWCP1040 Datasheet
408Kb / 5P
   WR-42 30 dB Waveguide Crossguide Coupler, UG-595/U Square Cover Flange, 18 GHz to 26.5 GHz
PEWCP1041 PASTERNACK-PEWCP1041 Datasheet
409Kb / 5P
   WR-42 40 dB Waveguide Crossguide Coupler, UG-595/U Square Cover Flange, 18 GHz to 26.5 GHz
PEWCP1042 PASTERNACK-PEWCP1042 Datasheet
409Kb / 5P
   WR-42 50 dB Waveguide Crossguide Coupler, UG-595/U Square Cover Flange, 18 GHz to 26.5 GHz
PEWCP1043 PASTERNACK-PEWCP1043 Datasheet
407Kb / 5P
   WR-51 20 dB Waveguide Crossguide Coupler, Square Cover Flange, 15 GHz to 22 GHz
PEWCP1044 PASTERNACK-PEWCP1044 Datasheet
406Kb / 5P
   WR-51 30 dB Waveguide Crossguide Coupler, Square Cover Flange, 15 GHz to 22 GHz
More results

Similar Description - PEWCP1045

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCP1043 PASTERNACK-PEWCP1043 Datasheet
407Kb / 5P
   WR-51 20 dB Waveguide Crossguide Coupler, Square Cover Flange, 15 GHz to 22 GHz
PEWCP1044 PASTERNACK-PEWCP1044 Datasheet
406Kb / 5P
   WR-51 30 dB Waveguide Crossguide Coupler, Square Cover Flange, 15 GHz to 22 GHz
PEWCP1046 PASTERNACK-PEWCP1046 Datasheet
407Kb / 5P
   WR-51 50 dB Waveguide Crossguide Coupler, Square Cover Flange, 15 GHz to 22 GHz
PEWCT1054 PASTERNACK-PEWCT1054 Datasheet
535Kb / 5P
   WR-51 Waveguide 40 dB Crossguide Coupler, Square Cover Flange, SMA Female Coupled Port, 15 GHz to 22 GHz, Bronze
PEWCP1053 PASTERNACK-PEWCP1053 Datasheet
408Kb / 5P
   WR-75 40 dB Waveguide Crossguide Coupler, Square Cover Flange, 10 GHz to 15 GHz
PEWCT1053 PASTERNACK-PEWCT1053 Datasheet
535Kb / 5P
   WR-51 Waveguide 30 dB Crossguide Coupler, Square Cover Flange, SMA Female Coupled Port, 15 GHz to 22 GHz, Bronze
PEWCP1065 PASTERNACK-PEWCP1065 Datasheet
409Kb / 5P
   WR-112 40 dB Waveguide Crossguide Coupler, UG-51/U Square Cover Flange, 7.05 GHz to 10 GHz
PEWCT1052 PASTERNACK-PEWCT1052 Datasheet
535Kb / 5P
   WR-51 Waveguide 20 dB Crossguide Coupler, Square Cover Flange, SMA Female Coupled Port, 15 GHz to 22 GHz, Bronze
PEWCP1051 PASTERNACK-PEWCP1051 Datasheet
407Kb / 5P
   WR-75 20 dB Waveguide Crossguide Coupler, Square Cover Flange, 10 GHz to 15 GHz
PEWCP1054 PASTERNACK-PEWCP1054 Datasheet
408Kb / 5P
   WR-75 50 dB Waveguide Crossguide Coupler, Square Cover Flange, 10 GHz to 15 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com