Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYW4339XKWBG Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CYW4339XKWBG
Description  Single-Chip 5G WiFi IEEE 802.11ac MAC/ Baseband/Radio with Integrated Bluetooth 4.1
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW4339XKWBG Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CYW4339XKWBG Datasheet HTML 7Page - Cypress Semiconductor CYW4339XKWBG Datasheet HTML 8Page - Cypress Semiconductor CYW4339XKWBG Datasheet HTML 9Page - Cypress Semiconductor CYW4339XKWBG Datasheet HTML 10Page - Cypress Semiconductor CYW4339XKWBG Datasheet HTML 11Page - Cypress Semiconductor CYW4339XKWBG Datasheet HTML 12Page - Cypress Semiconductor CYW4339XKWBG Datasheet HTML 13Page - Cypress Semiconductor CYW4339XKWBG Datasheet HTML 14Page - Cypress Semiconductor CYW4339XKWBG Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 133 page
background image
Document No. 002-14784 Rev. *H
Page 11 of 133
PRELIMINARY
CYW4339
2.3 WLAN Power Management
The CYW4339 has been designed with the stringent power consumption requirements of mobile devices in mind. All areas of the chip
design are optimized to minimize power consumption. Silicon processes and cell libraries were chosen to reduce leakage current and
supply voltages. Additionally, the CYW4339 integrated RAM is a high Vt memory with dynamic clock control. The dominant supply
current consumed by the RAM is leakage current only. Additionally, the CYW4339 includes an advanced WLAN power management
unit (PMU) sequencer. The PMU sequencer provides significant power savings by putting the CYW4339 into various power
management states appropriate to the current environment and activities that are being performed. The power management unit
enables and disables internal regulators, switches, and other blocks based on a computation of the required resources and a table
that describes the relationship between resources and the time needed to enable and disable them. Power-up sequences are fully
programmable. Configurable, free-running counters (running at the 32.768 kHz LPO clock frequency) in the PMU sequencer are used
to turn on and turn off individual regulators and power switches. Clock speeds are dynamically changed (or gated altogether) for the
current mode. Slower clock speeds are used wherever possible.
The CYW4339 WLAN power states are described as follows:
Active mode— All WLAN blocks in the CYW4339 are powered up and fully functional with active carrier sensing and frame trans-
mission and receiving. All required regulators are enabled and put in the most efficient mode based on the load current. Clock
speeds are dynamically adjusted by the PMU sequencer.
Doze mode—The radio, analog domains, and most of the linear regulators are powered down. The rest of the CYW4339 remains
powered up in an IDLE state. All main clocks (PLL, crystal oscillator or TCXO) are shut down to reduce active power consumption
to the minimum. The 32.768 kHz LPO clock is available only for the PMU sequencer. This condition is necessary to allow the PMU
sequencer to wake up the chip and transition to Active mode. In Doze mode, the primary power consumed is due to leakage cur-
rent.
Deep-sleep mode—Most of the chip, including both analog and digital domains, and most of the regulators are powered off. Logic
states in the digital core are saved and preserved into a retention memory in the always-ON domain before the digital core is pow-
ered off. Upon a wake-up event triggered by the PMU timers, an external interrupt, or a host resume through the SDIO bus, logic
states in the digital core are restored to their pre-deep-sleep settings to avoid lengthy HW reinitialization.
Power-down mode—The CYW4339 is effectively powered off by shutting down all internal regulators. The chip is brought out of
this mode by external logic reenabling the internal regulators.
2.4 PMU Sequencing
The PMU sequencer is responsible for minimizing system power consumption. It enables and disables various system resources
based on a computation of the required resources and a table that describes the relationship between resources and the time needed
to enable and disable them.
Resource requests may come from several sources: clock requests from cores, the minimum resources defined in the ResourceMin
register, and the resources requested by any active resource request timers. The PMU sequencer maps clock requests into a set of
resources required to produce the requested clocks.
Each resource is in one of four states (enabled, disabled, transition_on, and transition_off) and has a timer that contains 0 when the
resource is enabled or disabled and a nonzero value in the transition states. The timer is loaded with the time_on or time_off value of
the resource when the PMU determines that the resource must be enabled or disabled. That timer decrements on each 32.768 kHz
PMU clock. When it reaches 0, the state changes from transition_off to disabled or transition_on to enabled. If the time_on value is
0, the resource can go immediately from disabled to enabled. Similarly, a time_off value of 0 indicates that the resource can go
immediately from enabled to disabled. The terms enable sequence and disable sequence refer to either the immediate transition or
the timer load-decrement sequence.
During each clock cycle, the PMU sequencer performs the following actions:
Computes the required resource set based on requests and the resource dependency table.
Decrements all timers whose values are non zero. If a timer reaches 0, the PMU clears the Resource Pending bit for the resource
and inverts the Resource State bit.


Similar Part No. - CYW4339XKWBG

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW4330 CYPRESS-CYW4330 Datasheet
4Mb / 55P
   Bluetooth 4.0 EDR and Low Energy compliant
CYW4330 CYPRESS-CYW4330 Datasheet
12Mb / 155P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
logo
Infineon Technologies A...
CYW4330 INFINEON-CYW4330 Datasheet
2Mb / 121P
   Single-Chip 5G WiFi IEEE 802.11n/ac MAC/Baseband/ Radio with Integrated Bluetooth 5.0
Revised March 22, 2019
logo
Cypress Semiconductor
CYW43340 CYPRESS-CYW43340 Datasheet
1Mb / 96P
   Single-Chip, Dual-Band (2.4 GHz/5 GHz) IEEE 802.11 a/b/g/n MAC/Baseband/Radio with Integrated Bluetooth 4.0
CYW43340HKUBG CYPRESS-CYW43340HKUBG Datasheet
1Mb / 96P
   Single-Chip, Dual-Band (2.4 GHz/5 GHz) IEEE 802.11 a/b/g/n MAC/Baseband/Radio with Integrated Bluetooth 4.0
More results

Similar Description - CYW4339XKWBG

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
BCM43455 CYPRESS-BCM43455 Datasheet
2Mb / 159P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339 CYPRESS-BCM4339 Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339XKWBGT CYPRESS-BCM4339XKWBGT Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339XKUBGT CYPRESS-BCM4339XKUBGT Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM43455XKUBGT CYPRESS-BCM43455XKUBGT Datasheet
2Mb / 159P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM43353 CYPRESS-BCM43353 Datasheet
3Mb / 143P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 for Automotive and Industrial Applications
BCM43353LIUBGT CYPRESS-BCM43353LIUBGT Datasheet
3Mb / 143P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 for Automotive and Industrial Applications
CYW4356 CYPRESS-CYW4356 Datasheet
12Mb / 155P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
BCM4356XKWBGT CYPRESS-BCM4356XKWBGT Datasheet
4Mb / 195P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
BCM4356XKUBGT CYPRESS-BCM4356XKUBGT Datasheet
4Mb / 195P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com