Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYW4339XKUBG Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CYW4339XKUBG
Description  Single-Chip 5G WiFi IEEE 802.11ac MAC/ Baseband/Radio with Integrated Bluetooth 4.1
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW4339XKUBG Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CYW4339XKUBG Datasheet HTML 2Page - Cypress Semiconductor CYW4339XKUBG Datasheet HTML 3Page - Cypress Semiconductor CYW4339XKUBG Datasheet HTML 4Page - Cypress Semiconductor CYW4339XKUBG Datasheet HTML 5Page - Cypress Semiconductor CYW4339XKUBG Datasheet HTML 6Page - Cypress Semiconductor CYW4339XKUBG Datasheet HTML 7Page - Cypress Semiconductor CYW4339XKUBG Datasheet HTML 8Page - Cypress Semiconductor CYW4339XKUBG Datasheet HTML 9Page - Cypress Semiconductor CYW4339XKUBG Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 133 page
background image
Document No. 002-14784 Rev. *H
Page 6 of 133
PRELIMINARY
CYW4339
1. Overview
1.1 Overview
The Cypress CYW4339 single-chip device provides the highest level of integration for IoT applications or handheld wireless system, with integrated IEEE 802.11 a/b/g/n/ac
MAC/baseband/radio, Bluetooth 4.1 + enhanced data rate (EDR).
It provides a small form-factor solution with minimal external components to drive down cost for mass volumes and allows for handheld device flexibility in size, form, and
function. Comprehensive power management circuitry and software ensure the system can meet the needs of highly mobile devices that require minimal power consumption
and reliable operation.
The following figure shows the interconnect of all the major physical blocks in the CYW4339 and their associated external interfaces, which are described in greater detail in
the following sections.
Figure 1. CYW4339 Block Diagram
Bl u e t o o t h
WL A N
UA R T
I2 S
PC M
US B
Re g i s t e r s
DM A
JT A G
Ma s t e r
GP I O
Ti m e r s
WD
Pa u s e
RA M
RO M
AR M C M 3
WL A N
Ma s t e r
Sl a v e
RX / T X
BL E
LC U
AP U
Bl ue R F
PM U
CL B
FE M   or  
SP 3 T
FE M   or  
SP D T
D i p l ex er
Mo d e m
B l ue t oot h   RF
2. 4   GHz / 5   GH z   802 . 1 1 a c
Du a l ‐ Ba n d   Ra d i o
1   x   1   802 . 1 1 a c   PH Y
DO T 1 1 M A C   (D 1 1 )
Ch i p  
C o mmo n  
OT P
AX I 2 AH B
AH B2 AX I
AR M C R 4
TC M  
RA M 768 KB
RO M 6 40 KB
SD I O D
PC I E
AX I 2 A P B
GC I
SE C I   UA R T
an d   GC I ‐ GP I O s
WL A N   RA M
Sh ar i n g
WL A N   
BT   A cce s s
GC I   Co e x   I/ F
Sh ar e d   LN A   Co n t r o l  
an d   Ot h e r   Co e x   I/ F s
VBA T
WL _ R E G _ O N
BT _ R E G _ O N
BT _ H O S T _ W A K E
BT_D E V _W A K E
UA R T
US B   2. 0
PC M
I
2 S
Ot h e r   GP I O s
BT
PA
32   kH z   Ex t e r n a l   LP O
XT A L
RF   Sw i t c h   Co nt r o l s
PC I E   1. 1
SD I O   3. 0
WL _ H O S T _ WA K E
W L _D E V _W A K E
JT A G
Ot h e r   GP I O s
2. 4   GH z
5   GHz


Similar Part No. - CYW4339XKUBG

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW4330 CYPRESS-CYW4330 Datasheet
4Mb / 55P
   Bluetooth 4.0 EDR and Low Energy compliant
CYW4330 CYPRESS-CYW4330 Datasheet
12Mb / 155P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
logo
Infineon Technologies A...
CYW4330 INFINEON-CYW4330 Datasheet
2Mb / 121P
   Single-Chip 5G WiFi IEEE 802.11n/ac MAC/Baseband/ Radio with Integrated Bluetooth 5.0
Revised March 22, 2019
logo
Cypress Semiconductor
CYW43340 CYPRESS-CYW43340 Datasheet
1Mb / 96P
   Single-Chip, Dual-Band (2.4 GHz/5 GHz) IEEE 802.11 a/b/g/n MAC/Baseband/Radio with Integrated Bluetooth 4.0
CYW43340HKUBG CYPRESS-CYW43340HKUBG Datasheet
1Mb / 96P
   Single-Chip, Dual-Band (2.4 GHz/5 GHz) IEEE 802.11 a/b/g/n MAC/Baseband/Radio with Integrated Bluetooth 4.0
More results

Similar Description - CYW4339XKUBG

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
BCM43455 CYPRESS-BCM43455 Datasheet
2Mb / 159P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339 CYPRESS-BCM4339 Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339XKWBGT CYPRESS-BCM4339XKWBGT Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339XKUBGT CYPRESS-BCM4339XKUBGT Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM43455XKUBGT CYPRESS-BCM43455XKUBGT Datasheet
2Mb / 159P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM43353 CYPRESS-BCM43353 Datasheet
3Mb / 143P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 for Automotive and Industrial Applications
BCM43353LIUBGT CYPRESS-BCM43353LIUBGT Datasheet
3Mb / 143P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 for Automotive and Industrial Applications
CYW4356 CYPRESS-CYW4356 Datasheet
12Mb / 155P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
BCM4356XKWBGT CYPRESS-BCM4356XKWBGT Datasheet
4Mb / 195P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
BCM4356XKUBGT CYPRESS-BCM4356XKUBGT Datasheet
4Mb / 195P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com