Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVT16646DL Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVT16646DL
Description  3.3V ABT 16 BIT BUS TRANSCEIVERS AND REGISTERS WITH 3 STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVT16646DL Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVT16646DL Datasheet HTML 2Page - Texas Instruments SN74LVT16646DL Datasheet HTML 3Page - Texas Instruments SN74LVT16646DL Datasheet HTML 4Page - Texas Instruments SN74LVT16646DL Datasheet HTML 5Page - Texas Instruments SN74LVT16646DL Datasheet HTML 6Page - Texas Instruments SN74LVT16646DL Datasheet HTML 7Page - Texas Instruments SN74LVT16646DL Datasheet HTML 8Page - Texas Instruments SN74LVT16646DL Datasheet HTML 9Page - Texas Instruments SN74LVT16646DL Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SN54LVT16646, SN74LVT16646
3.3V ABT 16BIT BUS TRANSCEIVERS AND REGISTERS
WITH 3STATE OUTPUTS
SCBS149D − JULY 1994 − REVISED MARCH 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54LVT16646
SN74LVT16646
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 2.7 V,
II = −18 mA
−1.2
−1.2
V
VCC = MIN to MAX‡, IOH = −100 µA
VCC −0.2
VCC −0.2
VOH
VCC = 2.7 V,
IOH = − 8 mA
2.4
2.4
V
VOH
VCC = 3 V
IOH = − 24 mA
2
V
VCC = 3 V
IOH = − 32 mA
2
VCC = 2.7 V
IOL = 100 µA
0.2
0.2
VCC = 2.7 V
IOL = 24 mA
0.5
0.5
VOL
IOL = 16 mA
0.4
0.4
V
VOL
VCC = 3 V
IOL = 32 mA
0.5
0.5
V
VCC = 3 V
IOL = 48 mA
0.55
IOL = 64 mA
0.55
VCC = 3.6 V,
VI = VCC or GND
Control inputs
±1
±1
VCC = 0 or MAX‡,
VI = 5.5 V
Control inputs
10
10
II
VI = 5.5 V
20
20
µA
II
VCC = 3.6 V
VI = VCC
A or B ports§
5
5
µA
VCC = 3.6 V
VI = 0
A or B ports§
−10
−10
Ioff
VCC = 0,
VI or VO = 0 to 4.5 V
±100
µA
II(hold)
VCC = 3 V
VI = 0.8 V
A or B ports
75
75
A
II(hold)
VCC = 3 V
VI = 2 V
A or B ports
−75
−75
µA
IOZH
VCC = 3.6 V,
VO = 3 V
1
1
µA
IOZL
VCC = 3.6 V,
VO = 0.5 V
−1
−1
µA
VCC = 3.6 V,
IO = 0,
Outputs high
0.12
0.12
ICC
VCC = 3.6 V,
IO = 0,
VI = VCC or GND
Outputs low
5
5
mA
ICC
VI = VCC or GND
Outputs disabled
0.12
0.12
mA
∆ICC¶
VCC = 3 V to 3.6 V,
One input at VCC − 0.6 V,
Other inputs at VCC or GND
0.2
0.2
mA
Ci
VI = 3 V or 0
3.5
3.5
pF
Cio
VO = 3 V or 0
12
12
pF
† All typical values are at VCC = 3.3 V, TA = 25°C.
‡ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
§ Unused pins at VCC or GND
¶ This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74LVT16646DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVT16646DL TI-SN74LVT16646DL Datasheet
177Kb / 10P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVT16646DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH652 TI-SN54LVTH652_08 Datasheet
518Kb / 18P
[Old version datasheet]   3.3V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74LVT162245A TI-SN74LVT162245A Datasheet
481Kb / 15P
[Old version datasheet]   3.3V ABT 16 BIT BUS TRANSCEIVERS WITH 3 STATE OUTPUTS
SN54LVTH16652 TI-SN54LVTH16652_07 Datasheet
277Kb / 15P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVTH16652 TI-SN54LVTH16652 Datasheet
226Kb / 13P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVTH16646 TI-SN54LVTH16646_08 Datasheet
397Kb / 14P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16646 TI-SN54ABT16646 Datasheet
247Kb / 15P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54AC16652 TI-54AC16652_08 Datasheet
383Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16652 TI-SN54ABT16652 Datasheet
237Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54ACT16646 TI-54ACT16646 Datasheet
241Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16652 TI-SN54ABT16652_07 Datasheet
379Kb / 16P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com