Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYW4343W Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CYW4343W
Description  Single-Chip 802.11 b/g/n MAC/Baseband/Radiowith Bluetooth 4.1
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW4343W Datasheet(HTML) 1 Page - Cypress Semiconductor

  CYW4343W Datasheet HTML 1Page - Cypress Semiconductor CYW4343W Datasheet HTML 2Page - Cypress Semiconductor CYW4343W Datasheet HTML 3Page - Cypress Semiconductor CYW4343W Datasheet HTML 4Page - Cypress Semiconductor CYW4343W Datasheet HTML 5Page - Cypress Semiconductor CYW4343W Datasheet HTML 6Page - Cypress Semiconductor CYW4343W Datasheet HTML 7Page - Cypress Semiconductor CYW4343W Datasheet HTML 8Page - Cypress Semiconductor CYW4343W Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 103 page
background image
CYW4343W
Single-Chip 802.11 b/g/n MAC/Baseband/Radio
with Bluetooth 4.1
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 002-14797 Rev. *I
Revised March 28, 2017
The Cypress CYW4343W is a highly integrated single-chip solution and offers the lowest RBOM in the industry for wearables, Internet
of Things (IoT) gateways, home automation, and a wide range of other portable devices. The chip includes a 2.4 GHz WLAN IEEE
802.11 b/g/n MAC/baseband/radio and Bluetooth 4.1 support. In addition, it integrates a power amplifier (PA) that meets the output
power requirements of most handheld systems, a low-noise amplifier (LNA) for best-in-class receiver sensitivity, and an internal
transmit/receive (iTR) RF switch, further reducing the overall solution cost and printed circuit board area.
The WLAN host interface supports SDIO v2.0 mode, providing a raw data transfer rate up to 200 Mbps when operating in 4-bit mode
at a 50 MHz bus frequency. An independent, high-speed UART is provided for the Bluetooth host interface.Using advanced design
techniques and process technology to reduce active and idle power, the CYW4343W is designed to address the needs of highly mobile
devices that require minimal power consumption and compact size. It includes a power management unit that simplifies the system
power topology and allows for operation directly from a rechargeable mobile platform battery while maximizing battery life.
The CYW4343W implements the world’s most advanced Enhanced Collaborative Coexistence algorithms and hardware mechanisms,
allowing for an extremely collaborative WLAN and Bluetooth coexistence.
Cypress Part Numbering Scheme
Cypress is converting the acquired IoT part numbers from Broadcom to the Cypress part numbering scheme. Due to this conversion,
there is no change in form, fit, or function as a result of offering the device with Cypress part number marking. The table provides
Cypress ordering part number that matches an existing IoT part number.
Table 1. Mapping Table for Part Number between Broadcom and Cypress
Features
IEEE 802.11x Key Features
Single-band 2.4 GHz IEEE 802.11b/g/n.
Support for 2.4 GHz Cypress TurboQAM® data rates (256-
QAM) and 20 MHz channel bandwidth.
Integrated iTR switch supports a single 2.4 GHz antenna
shared between WLAN and Bluetooth.
Supports explicit IEEE 802.11n transmit beamforming
Tx and Rx Low-density Parity Check (LDPC) support for
improved range and power efficiency.
Supports standard SDIO v2.0 host interface.
Supports Space-Time Block Coding (STBC) in the receiver.
Integrated ARM Cortex-M3 processor and on-chip memory for
complete WLAN subsystem functionality, minimizing the need
to wake up the applications processor for standard WLAN
functions. This allows for further minimization of power
consumption, while maintaining the ability to field-upgrade with
future features. On-chip memory includes 512 KB SRAM and
640 KB ROM.
OneDriver™ software architecture for easy migration from
existing embedded WLAN and Bluetooth devices as well as to
future devices.
Bluetooth Features
Complies with Bluetooth Core Specification Version 4.1 with
provisions for supporting future specifications.
Bluetooth Class 1 or Class 2 transmitter operation.
Supports extended Synchronous Connections (eSCO), for
enhanced voice quality by allowing for retransmission of
dropped packets.
Adaptive Frequency Hopping (AFH) for reducing radio
frequency interference.
Interface support — Host Controller Interface (HCI) using a
high-speed UART interface and PCM for audio data.
Low-power consumption improves battery life of handheld
devices.
Supports multiple simultaneous Advanced Audio Distribution
Profiles (A2DP) for stereo sound.
Automatic frequency detection for standard crystal and TCXO
values.
Broadcom Part Number
Cypress Part Number
BCM4343W
CYW4343W
BCM4343WKUBG
CYW4343WKUBG


Similar Part No. - CYW4343W

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW4343W1KUBG CYPRESS-CYW4343W1KUBG Datasheet
10Mb / 127P
   Single-Chip IEEE 802.11 b/g/n MAC/ Baseband/Radio with Bluetooth 4.1,an FM Receiver, and Wireless Charging
CYW4343WKUBG CYPRESS-CYW4343WKUBG Datasheet
10Mb / 127P
   Single-Chip IEEE 802.11 b/g/n MAC/ Baseband/Radio with Bluetooth 4.1,an FM Receiver, and Wireless Charging
CYW4343WKWBG CYPRESS-CYW4343WKWBG Datasheet
10Mb / 127P
   Single-Chip IEEE 802.11 b/g/n MAC/ Baseband/Radio with Bluetooth 4.1,an FM Receiver, and Wireless Charging
More results

Similar Description - CYW4343W

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
BCM43364KUBGT CYPRESS-BCM43364KUBGT Datasheet
1Mb / 82P
   Single-Chip IEEE 802.11 b/g/n MAC/Baseband/Radio
CYW4343X CYPRESS-CYW4343X Datasheet
10Mb / 127P
   Single-Chip IEEE 802.11 b/g/n MAC/ Baseband/Radio with Bluetooth 4.1,an FM Receiver, and Wireless Charging
BCM43362KUBG CYPRESS-BCM43362KUBG Datasheet
1Mb / 84P
   Single-Chip IEEE 802.11??b/g/n MAC/Baseband/Radio SDIO
BCM43362KUBGT CYPRESS-BCM43362KUBGT Datasheet
1Mb / 84P
   Single-Chip IEEE 802.11??b/g/n MAC/Baseband/Radio SDIO
BCM43362SKUBGT CYPRESS-BCM43362SKUBGT Datasheet
1Mb / 84P
   Single-Chip IEEE 802.11??b/g/n MAC/Baseband/Radio SDIO
BCM43243KFFBG CYPRESS-BCM43243KFFBG Datasheet
1Mb / 78P
   Single-Chip IEEE 802.11 a/b/g/n 2횞2 MAC/Baseband/Radio
CYW43362 CYPRESS-CYW43362 Datasheet
742Kb / 51P
   Single-Chip IEEE 802.11?줮/g/n MAC/Baseband/Radio
CYW43438 CYPRESS-CYW43438 Datasheet
1Mb / 101P
   Single-Chip IEEE 802.11ac b/g/n MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
CYW88335 CYPRESS-CYW88335 Datasheet
2Mb / 110P
   Single-Chip 5G Wi-Fi IEEE 802.11ac MAC/Baseband/Radiowith Integrated Bluetooth 4.1 for Automotive Applications
logo
Infineon Technologies A...
CYW4373 INFINEON-CYW4373 Datasheet
2Mb / 116P
   Single-Chip Dual Band WiFi IEEE 802.11 a/b/g/n/ac MAC/Baseband/Radio with Integrated Bluetooth 5.0
Rev. G March 22, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com