Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYW4339 Datasheet(PDF) 100 Page - Cypress Semiconductor

Part # CYW4339
Description  Single-Chip 5G WiFi IEEE 802.11ac MAC/ Baseband/Radio with Integrated Bluetooth 4.1
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW4339 Datasheet(HTML) 100 Page - Cypress Semiconductor

Back Button CYW4339 Datasheet HTML 96Page - Cypress Semiconductor CYW4339 Datasheet HTML 97Page - Cypress Semiconductor CYW4339 Datasheet HTML 98Page - Cypress Semiconductor CYW4339 Datasheet HTML 99Page - Cypress Semiconductor CYW4339 Datasheet HTML 100Page - Cypress Semiconductor CYW4339 Datasheet HTML 101Page - Cypress Semiconductor CYW4339 Datasheet HTML 102Page - Cypress Semiconductor CYW4339 Datasheet HTML 103Page - Cypress Semiconductor CYW4339 Datasheet HTML 104Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 133 page
background image
Document No. 002-14784 Rev. *H
Page 100 of 133
PRELIMINARY
CYW4339
15.6 WLAN 5 GHz Transmitter Performance Specifications
Note: The specifications in Table 39 include the use of the CYW4339's internal PAs and are specified at the chip port.
Table 40. WLAN 5 GHz Transmitter Performance Specifications
Parameter
Condition/Notes
Minimum
Typical
Maximum
Unit
Frequency range
4900
5845
MHz
Transmitted power in cellular and FM
bands (at 18.5 dBm)1
1. The cellular standards listed indicate only typical usages of that band in some countries. Other standards may also be used within those
bands.
76–108 MHz
FM RX
–161.5
dBm/Hz
776–794 MHz
–161.5
dBm/Hz
869–960 MHz
cdmaOne, GSM850
–161.5
dBm/Hz
925–960 MHz
E-GSM
–161.5
dBm/Hz
1570–1580 MHz
GPS
–161.5
dBm/Hz
1805–1880 MHz
GSM1800
–159.5
dBm/Hz
1930–1990 MHz
GSM1900,
cdmaOne, WCDMA
–161.5
dBm/Hz
2110–2170 MHz
WCDMA
–158.5
dBm/Hz
2400–2483 MHz
BT/WLAN
–156.5
dBm/Hz
2500–2570 MHz
Band 7
–156.5
dBm/Hz
2300–2400 MHz
Band 40
–156.5
dBm/Hz
2570–2620 MHz
Band 38
–156.5
dBm/Hz
2545–2575 MHz
XGP band
–156.5
dBm/Hz
Harmonic level
(at 17 dBm)
9.8–11.570 GHz
2nd harmonic
–30.5
dBm/MHz
TX power at the chip port for highest
power level setting at 25°C and
VBAT = 3.6V with spectral mask and
EVM compliance2, 3
2. Derate by 1.5 dB for temperatures less than –10°C or more than 55°C, or voltages less than 3.0V. Derate by 3.0 dB for voltages of less than
2.7V, or voltages of less than 3.0V at temperatures less than –10°C or greater than 55°C. Derate by 4.5 dB for –40°C to –30°C.
OFDM, QPSK
–13 dB
21.5
dBm
OFDM, 16-QAM
–19 dB
19
dBm
OFDM, 64-QAM
(R = 3/4)
–25 dB
19
dBm
OFDM, 64-QAM
(MCS7, HT20)
–27 dB
19
dBm
OFDM, 256-QAM
(MCS8, VHT80)
–30 dB
17
dBm
OFDM, 256-QAM
(MCS9, VHT40 and
VHT80)
–32 dB
17
dBm
Phase noise
37.4 MHz crystal, integrated from 10 kHz to 10
MHz
0.45
Degrees
RMS
TX power control dynamic range
10
dB
Closed loop TX power variation at
highest power level setting
Across full-temperature and voltage range.
Applies across 10 to 20 dBm output power
range.
±2.0
dB
Carrier suppression
15
dBc
Gain control step
0.25
dB
Return loss
Zo = 50Ω
6
dB


Similar Part No. - CYW4339

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW4330 CYPRESS-CYW4330 Datasheet
4Mb / 55P
   Bluetooth 4.0 EDR and Low Energy compliant
CYW4330 CYPRESS-CYW4330 Datasheet
12Mb / 155P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
logo
Infineon Technologies A...
CYW4330 INFINEON-CYW4330 Datasheet
2Mb / 121P
   Single-Chip 5G WiFi IEEE 802.11n/ac MAC/Baseband/ Radio with Integrated Bluetooth 5.0
Revised March 22, 2019
logo
Cypress Semiconductor
CYW43340 CYPRESS-CYW43340 Datasheet
1Mb / 96P
   Single-Chip, Dual-Band (2.4 GHz/5 GHz) IEEE 802.11 a/b/g/n MAC/Baseband/Radio with Integrated Bluetooth 4.0
CYW43340HKUBG CYPRESS-CYW43340HKUBG Datasheet
1Mb / 96P
   Single-Chip, Dual-Band (2.4 GHz/5 GHz) IEEE 802.11 a/b/g/n MAC/Baseband/Radio with Integrated Bluetooth 4.0
More results

Similar Description - CYW4339

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
BCM43455 CYPRESS-BCM43455 Datasheet
2Mb / 159P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339 CYPRESS-BCM4339 Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339XKWBGT CYPRESS-BCM4339XKWBGT Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339XKUBGT CYPRESS-BCM4339XKUBGT Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM43455XKUBGT CYPRESS-BCM43455XKUBGT Datasheet
2Mb / 159P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM43353 CYPRESS-BCM43353 Datasheet
3Mb / 143P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 for Automotive and Industrial Applications
BCM43353LIUBGT CYPRESS-BCM43353LIUBGT Datasheet
3Mb / 143P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 for Automotive and Industrial Applications
CYW4356 CYPRESS-CYW4356 Datasheet
12Mb / 155P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
BCM4356XKWBGT CYPRESS-BCM4356XKWBGT Datasheet
4Mb / 195P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
BCM4356XKUBGT CYPRESS-BCM4356XKUBGT Datasheet
4Mb / 195P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com