Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEWTR1010 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PEWTR1010
Description  6 Watts Low Power Commercial Grade WR-137 Waveguide Load 5.85 GHz to 8.2 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWTR1010 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEWTR1010 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWTR1010 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWTR1010 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Features
• WR-137
• 5.85 GHz to 8.2 GHz
• UG-344/U Round Cover Flange
• 1.02:1 Typical VSWR
• 6 Watts Average Power Handling
Applications
• Radar Systems
• Military and Space
• Wireless Radio Systems
• Telecom Infrastructure
• Communication Systems
• R&D Labs
• Microwave Radio Systems
.
Description
The PEWTR1010 is a WR-137 waveguide termination / load that operates in the frequency range of 5.85 GHz
to 8.2 GHz. This WR-137 waveguide termination has a typical VSWR of 1.02:1. These waveguide termina-
tion designs are made of painted brass copper and incorporate a standard UG-344/U Round Cover flanges.
Pasternack waveguide terminations / loads are designed so virtually all applied power is absorbed, thus assuring a low VSWR.
The power rating on this WR-137 termination is 6 watts, other detailed specifications and a diagram drawing can be found
on this datasheet PDF below. Pasternack offers a complete family of waveguide terminations that are in-stock for same day
shipment.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
5.85
8.2
GHz
VSWR
1.02:1
Input Power (CW)
6
Watts
.
Mechanical Specifications
.
Weight
1.319 lbs [598.29 g]
.
Description
Flange
Waveguide
Designation
UG-344/U
WR-137
Type
Round Cover
Material
Brass
Brass
...
Environmental Specifications
.
PEWTR1010 REV 1.0
PEWTR1010
6 Watts Low Power Commercial Grade
WR-137 Waveguide Load 5.85 GHz to 8.2 GHz
Waveguide Terminations Technical Data Sheet
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 6 Watts Low Power Commercial Grade WR-137 Waveguide Load 5.85 GHz to 8.2 GHz
PEWTR1010


Similar Part No. - PEWTR1010

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWTR1011 PASTERNACK-PEWTR1011 Datasheet
368Kb / 3P
   6 Watts Low Power Commercial Grade WR-137 Waveguide Load 5.85 GHz to 8.2 GHz
More results

Similar Description - PEWTR1010

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWTR1011 PASTERNACK-PEWTR1011 Datasheet
368Kb / 3P
   6 Watts Low Power Commercial Grade WR-137 Waveguide Load 5.85 GHz to 8.2 GHz
PEWTR1007 PASTERNACK-PEWTR1007 Datasheet
368Kb / 3P
   4 Watts Low Power Commercial Grade WR-90 Waveguide Load 8.2 GHz to 12.4 GHz
PEWTR1006 PASTERNACK-PEWTR1006 Datasheet
368Kb / 3P
   4 Watts Low Power Commercial Grade WR-90 Waveguide Load 8.2 GHz to 12.4 GHz
PEWAD5019 PASTERNACK-PEWAD5019 Datasheet
422Kb / 4P
   WR-137 Waveguide Bulkhead Adapter CPR-137G Flange, 5.85 GHz to 8.2 GHz
PE9830 PASTERNACK-PE9830 Datasheet
255Kb / 2P
   WR-137 to SMA Female Waveguide to Coax Adapter 5.85 GHz to 8.2 GHz
PE6806 PASTERNACK-PE6806_16 Datasheet
764Kb / 3P
   2 Watts Low Power WR-90 Waveguide Load 8.2 GHz to 12.4 GHz
PE-W137S002-6 PASTERNACK-PE-W137S002-6 Datasheet
359Kb / 2P
   WR-137 Commercial Grade Straight Waveguide Section 6 Inch Length with CPR-137G Flange Operating from 5.85 GHz to 8.2 GHz
PE-W137S001-6 PASTERNACK-PE-W137S001-6 Datasheet
312Kb / 2P
   WR-137 Commercial Grade Straight Waveguide Section 6 Inch Length with UG-344 - U Flange Operating from 5.85 GHz to 8.2 GHz
PEWTR1009 PASTERNACK-PEWTR1009 Datasheet
368Kb / 3P
   5 Watts Low Power Commercial Grade WR-112 Waveguide Load 7.05 GHz to 10 GHz
PE6815 PASTERNACK-PE6815_16 Datasheet
774Kb / 3P
   2 Watts Low Power Precision WR-90 Waveguide Load 8.2 GHz to 12.4 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com