Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN54BCT125A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part No. SN54BCT125A
Description  QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

SN54BCT125A Datasheet(HTML) 1 Page - Texas Instruments

  SN54BCT125A Datasheet HTML 1Page - Texas Instruments SN54BCT125A Datasheet HTML 2Page - Texas Instruments SN54BCT125A Datasheet HTML 3Page - Texas Instruments SN54BCT125A Datasheet HTML 4Page - Texas Instruments SN54BCT125A Datasheet HTML 5Page - Texas Instruments SN54BCT125A Datasheet HTML 6Page - Texas Instruments SN54BCT125A Datasheet HTML 7Page - Texas Instruments SN54BCT125A Datasheet HTML 8Page - Texas Instruments SN54BCT125A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SN54BCT125A, SN74BCT125A
QUADRUPLE BUS BUFFER GATES
WITH 3-STATE OUTPUTS
SCBS032F – SEPTEMBER 1988 – REVISED MARCH 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Operating Voltage Range of 4.5 V to 5.5 V
D State-of-the-Art BiCMOS Design
Significantly Reduces ICCZ
D 3-State Outputs Drive Bus Lines or Buffer
Memory Address Registers
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OE
1A
1Y
2OE
2A
2Y
GND
VCC
4OE
4A
4Y
3OE
3A
3Y
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3OE
1Y
NC
2OE
NC
2A
SN54BCT125A ...FK PACKAGE
(TOP VIEW)
NC – No internal connection
SN54BCT125A ...J OR W PACKAGE
SN74BCT125A . . . D, N, OR NS PACKAGE
(TOP VIEW)
description/ordering information
The ’BCT125A bus buffers feature independent line drivers with 3-state outputs. Each output is disabled when
the associated output-enable (OE) input is high.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP – N
Tube
SN74BCT125AN
SN74BCT125AN
0
°Cto70°C
SOIC
D
Tube
SN74BCT125AD
BCT125A
0
°C to 70°C
SOIC – D
Tape and reel
SN74BCT125ADR
BCT125A
SOP – NS
Tape and reel
SN74BCT125ANSR
BCT125A
CDIP – J
Tube
SNJ54BCT125AJ
SNJ54BCT125AJ
–55
°C to 125°C
CFP – W
Tube
SNJ54BCT125AW
SNJ54BCT125AW
LCCC – FK
Tube
SNJ54BCT125AFK
SNJ54BCT125AFK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
FUNCTION TABLE
(each buffer)
INPUTS
OUTPUT
OE
A
Y
L
H
H
L
LL
H
X
Z
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn