Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN54BCT125A Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part No. SN54BCT125A
Description  QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

SN54BCT125A Datasheet(HTML) 4 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SN54BCT125A, SN74BCT125A
QUADRUPLE BUS BUFFER GATES
WITH 3-STATE OUTPUTS
SCBS032F – SEPTEMBER 1988 – REVISED MARCH 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
CL = 50 pF,
R1 = 500
Ω,
R2 = 500
Ω,
TA = 25°C
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
R1 = 500
Ω,
R2 = 500
Ω,
TA = MIN to MAX§
UNIT
’BCT125A
SN54BCT125A
SN74BCT125A
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
A
Y
1.6
3.5
5.2
1.6
6
1.6
5.7
ns
tPHL
A
Y
2.7
5
6.9
2.7
8
2.7
7.7
ns
tPZH
OE
Y
3.4
6.7
9
3.4
11.1
3.4
10.3
ns
tPZL
OE
Y
5
8.2
10.4
5
12.8
5
11.7
ns
tPHZ
OE
Y
3
5.8
7.4
3
9.4
3
8.9
ns
tPLZ
OE
Y
2.8
5.5
7.3
2.8
9.9
2.8
8.6
ns
§ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn