Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEWIR1002 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PEWIR1002
Description  WR-15 Waveguide Isolator from 50 GHz to 75 GHz, 25 dB min Isolation
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWIR1002 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PEWIR1002 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWIR1002 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWIR1002 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWIR1002 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWIR1002 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
-5.0
-4.5
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
50
52
54
56
58
60
63
65
67
69
71
73
75
dB
GHz
Insertion Loss
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
50
52
54
56
58
60
63
65
67
69
71
73
75
dB
GHz
Isolation
PEWIR1002 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-15 Waveguide Isolator from 50 GHz to 75 GHz, 25 dB min Isolation, UG-385/U Round
Cover Flange PEWIR1002
Waveguide Isolators Technical Data Sheet
PEWIR1002
WR-15 Waveguide Isolator from 50 GHz to 75 GHz,
25 dB min Isolation, UG-385/U Round Cover Flange


Similar Part No. - PEWIR1002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWIR1000 PASTERNACK-PEWIR1000 Datasheet
598Kb / 5P
   WR-10 Waveguide Isolator from 75 GHz to 110 GHz, 25 dB min Isolation
PEWIR1001 PASTERNACK-PEWIR1001 Datasheet
598Kb / 5P
   WR-12 Waveguide Isolator from 60 GHz to 90 GHz, 25 dB min Isolation
PEWIR1003 PASTERNACK-PEWIR1003 Datasheet
580Kb / 5P
   WR-19 Waveguide Isolator from 40 GHz to 60 GHz, 25 dB min Isolation, UG-383/U-Mod Round Cover Flange
PEWIR1004 PASTERNACK-PEWIR1004 Datasheet
579Kb / 5P
   WR-22 Waveguide Isolator from 33 GHz to 50 GHz, 25 dB min Isolation, UG-383/U Round Cover Flange
PEWIR1005 PASTERNACK-PEWIR1005 Datasheet
592Kb / 5P
   WR-28 Waveguide Isolator from 26.5 GHz to 40 GHz, 25 dB min Isolation, UG-599/U Square Cover Flange
More results

Similar Description - PEWIR1002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWIR1000 PASTERNACK-PEWIR1000 Datasheet
598Kb / 5P
   WR-10 Waveguide Isolator from 75 GHz to 110 GHz, 25 dB min Isolation
PEWIR1001 PASTERNACK-PEWIR1001 Datasheet
598Kb / 5P
   WR-12 Waveguide Isolator from 60 GHz to 90 GHz, 25 dB min Isolation
PEWIR1004 PASTERNACK-PEWIR1004 Datasheet
579Kb / 5P
   WR-22 Waveguide Isolator from 33 GHz to 50 GHz, 25 dB min Isolation, UG-383/U Round Cover Flange
PEWIR1005 PASTERNACK-PEWIR1005 Datasheet
592Kb / 5P
   WR-28 Waveguide Isolator from 26.5 GHz to 40 GHz, 25 dB min Isolation, UG-599/U Square Cover Flange
PEWIR1003 PASTERNACK-PEWIR1003 Datasheet
580Kb / 5P
   WR-19 Waveguide Isolator from 40 GHz to 60 GHz, 25 dB min Isolation, UG-383/U-Mod Round Cover Flange
PEWCP1054 PASTERNACK-PEWCP1054 Datasheet
408Kb / 5P
   WR-75 50 dB Waveguide Crossguide Coupler, Square Cover Flange, 10 GHz to 15 GHz
PE13U1002 PASTERNACK-PE13U1002 Datasheet
388Kb / 4P
   Waveguide Mixer Up Converter WR-15 From 50 GHz to 75 GHz, IF From DC to 18 GHz And LO Power
PE12D1002 PASTERNACK-PE12D1002 Datasheet
388Kb / 4P
   Waveguide Mixer Down Converter WR-15 From 50 GHz to 75 GHz, IF From DC to 18 GHz And LO Power
PE-W75B002 PASTERNACK-PE-W75B002 Datasheet
318Kb / 2P
   WR-75 Waveguide H-Bend with WR-75-BR-MB Flange Operating from 10 GHz to 15 GHz
PE-W15TR1001 PASTERNACK-PE-W15TR1001 Datasheet
408Kb / 3P
   1 Watt Instrumentation Grade WR-15 Waveguide Load 50 GHz to 75 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com