Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS8050-C Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SS8050-C
Description  NPN Silicon Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SS8050-C Datasheet(HTML) 1 Page - Micro Commercial Components

  SS8050-C Datasheet HTML 1Page - Micro Commercial Components SS8050-C Datasheet HTML 2Page - Micro Commercial Components SS8050-C Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SS8050
-C
NPN Silicon
Transistors
Features
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=100μAdc, IE=0)
40
---
Vdc
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=0.1mAdc, IB=0)
25
---
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=100μAdc, IC=0)
5.0
---
Vdc
ICBO
Collector Cutoff Current
(VCB=40Vdc, IE=0)
---
0.1
μAdc
ICEO
Collector Cutoff Current
(VCE=20Vdc, IB=0)
---
0.1
μAdc
IEBO
Emitter Cutoff Current
(VEB=5.0Vdc, IC=0)
---
0.1
μAdc
ON CHARACTERISTICS
hFE(1)
DC Current Gain
(IC=100mAdc, VCE=1.0Vdc)
120
300
---
hFE(2)
DC Current Gain
(IC=800mAdc, VCE=1.0Vdc)
40
---
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=800mAdc, IB=80mAdc)
---
0.5
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=800mAdc, IB=80mAdc)
---
1.2
Vdc
VEB
Base- Emitter Voltage
(IE=1.5Adc)
---
1.6
Vdc
SMALL-SIGNAL CHARACTERISTICS
fT
Transistor Frequency
(IC=50mAdc, VCE=10Vdc, f=30MHz)
190
---
MHz
Marking : SS8050
TO-92 Plastic-Encapsulate Transistors
Capable of 1.0Watts(Tamb=25OC) of Power Dissipation.
Collector-current 1.5A
Collector-base Voltage 40V
Operating and storage junction temperature range: -55OC to +150OC
CLASSIFICATION OF HFE (1)
Rank
C
D
Range
120-200
160-300
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
Revision: E
2016/08/31
www.mccsemi.com
1 of 3
• Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
• Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
and MSL Rating 1
SS8050
-D
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.175
.185
4.45
4.70
B
.175
.185
4.45
4.70
C
.500
---
12.70
---
D
.016
.020
0.41
0.63
E
.135
.145
3.43
3.68
.095
.105
2.42
2.67
Straight Lead
A
E
B
C
D
G
E
B
C
E
B
C
BENT LEAD
STRAIGHT LEAD
BULK PACK
AMMO PACK
* For ammo packing detailed specification, click here to visit our website
of product packaging for details.
.173
.220
4.40
5.60
Bent Lead
G
TO-92
DIMENSIONS
Halogen free available upon request by adding suffix "-HF"
Micro Commercial Components
M C C
R


Similar Part No. - SS8050-C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SS8050-C MCC-SS8050-C Datasheet
214Kb / 2P
   NPN Silicon Transistors
More results

Similar Description - SS8050-C

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N5338X SEME-LAB-2N5338X Datasheet
15Kb / 2P
   NPN SILICON TRANSISTORS
2N5681 SEME-LAB-2N5681 Datasheet
22Kb / 2P
   NPN SILICON TRANSISTORS
logo
Micro Electronics
PN3641 MICRO-ELECTRONICS-PN3641 Datasheet
144Kb / 1P
   NPN SILICON TRANSISTORS
logo
STMicroelectronics
2N5681 STMICROELECTRONICS-2N5681 Datasheet
67Kb / 4P
   SILICON NPN TRANSISTORS
July 1997
logo
Quanzhou Jinmei Electro...
2SC4278 JMNIC-2SC4278_15 Datasheet
127Kb / 1P
   Silicon NPN Transistors
logo
Central Semiconductor C...
2N4400 CENTRAL-2N4400_15 Datasheet
707Kb / 4P
   SILICON NPN TRANSISTORS
2N2895 CENTRAL-2N2895_15 Datasheet
777Kb / 3P
   SILICON NPN TRANSISTORS
logo
Quanzhou Jinmei Electro...
2SD1026_2015 JMNIC-2SD1026_2015 Datasheet
37Kb / 1P
   Silicon NPN Transistors
logo
Central Semiconductor C...
2N3419 CENTRAL-2N3419 Datasheet
508Kb / 2P
   SILICON NPN TRANSISTORS
2N3583 CENTRAL-2N3583_15 Datasheet
344Kb / 2P
   SILICON NPN TRANSISTORS
logo
STMicroelectronics
BD135 STMICROELECTRONICS-BD135_01 Datasheet
76Kb / 4P
   NPN SILICON TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com