Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4924DY Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI4924DY
Description  Asymetrical Dual N-Channel 30-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4924DY Datasheet(HTML) 2 Page - Vishay Siliconix

  SI4924DY Datasheet HTML 1Page - Vishay Siliconix SI4924DY Datasheet HTML 2Page - Vishay Siliconix SI4924DY Datasheet HTML 3Page - Vishay Siliconix SI4924DY Datasheet HTML 4Page - Vishay Siliconix SI4924DY Datasheet HTML 5Page - Vishay Siliconix SI4924DY Datasheet HTML 6Page - Vishay Siliconix SI4924DY Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Si4924DY
Vishay Siliconix
www.vishay.com
2
Document Number: 71163
S-03950—Rev. B, 26-May-03
MOSFET SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typa
Max
Unit
Static
Gate Threshold Voltage
VGS( h)
VDS = VGS ID = 250 mA
Ch-1
0.8
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
Ch 1
Ch-2
0.8
V
Gate Body Leakage
IGSS
VDS = 0 V VGS = "20 V
Ch-1
"100
nA
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
Ch 1
Ch-2
"100
nA
VDS = 24 V VGS = 0 V
Ch-1
1
Zero Gate Voltage Drain Current
IDSS
VDS = 24 V, VGS = 0 V
Ch 1
Ch-2
1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 24 V VGS = 0 V TJ = 85_C
Ch-1
15
mA
VDS = 24 V, VGS = 0 V, TJ = 85_C
Ch 1
Ch-2
15
On State Drain Currentb
ID( )
VDS = 5 V VGS = 10 V
Ch-1
20
A
On-State Drain Currentb
ID(on)
VDS = 5 V, VGS = 10 V
Ch 1
Ch-2
30
A
VGS = 10 V, ID = 6.3 A
Ch-1
0.018
0.022
Drain Source On State Resistanceb
rDS( )
VGS = 10 V, ID = 11.5 A
Ch 1
Ch-2
0.0088
0.0105
W
Drain-Source On-State Resistanceb
rDS(on)
VGS = 4.5 V, ID = 5.4 A
Ch-1
0.024
0.030
W
VGS = 4.5 V, ID = 10 A
Ch 1
Ch-2
0.0115
0.0145
Forward Transconductanceb
gf
VDS = 15 V, ID = 6.3 A
Ch-1
17
S
Forward Transconductanceb
gfs
VDS = 15 V, ID = 11.5 A
Ch 1
Ch-2
30
S
Diode Forward Voltageb
VSD
IS = 1.3 A, VGS = 0 V
Ch-1
0.7
1.1
V
Diode Forward Voltageb
VSD
IS = 2.2 A, VGS = 0 V
Ch 1
Ch-2
0.72
1.1
V
Dynamica
Total Gate Charge
Q
Ch-1
8.0
12
Total Gate Charge
Qg
Channel-1
Ch 1
Ch-2
25.5
35
Gate Source Charge
Q
Channel-1
VDS = 15 V, VGS = 5 V, ID = 6.3 A
Ch-1
1.75
nC
Gate-Source Charge
Qgs
Channel-2
Ch 1
Ch-2
4.5
nC
Gate Drain Charge
Q d
Channel 2
VDS = 15 V, VGS = 5 V, ID = - 11.5 A
Ch-1
3.2
Gate-Drain Charge
Qgd
Ch 1
Ch-2
11.5
Gate Resistance
R
Ch-1
1.5
6.1
W
Gate Resistance
Rg
Ch 1
Ch-2
0.5
2.4
W
Turn On Delay Time
td( )
Ch-1
10
20
Turn-On Delay Time
td(on)
Ch
l 1
Ch 1
Ch-2
15
30
Rise Time
t
Channel-1
VDD = 15 V, RL = 15 W
Ch-1
5
10
Rise Time
tr
VDD = 15 V, RL = 15 W
ID ^ 1 A, VGEN = 10 V, RG = 6 W
Ch 1
Ch-2
11
20
Turn Off Delay Time
td( ff)
Channel-2
Ch-1
26
50
ns
Turn-Off Delay Time
td(off)
Channel 2
VDD = 15 V, RL = 15 W
ID ^ 1 A VGEN = 10 V RG = 6 W
Ch 1
Ch-2
58
100
ns
Fall Time
tf
ID ^ 1 A, VGEN = 10 V, RG = 6 W
Ch-1
8
16
Fall Time
tf
Ch 1
Ch-2
53
100
Source Drain Reverse Recovery Time
t
IF = 1.3 A, di/dt = 100 A/ms
Ch-1
30
60
Source-Drain Reverse Recovery Time
trr
IF = 2.2 A, di/dt = 100 mA/ms
Ch 1
Ch-2
42
70
Notes
a.
Guaranteed by design, not subject to production testing.
b.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.


Similar Part No. - SI4924DY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SI4920DY FAIRCHILD-SI4920DY Datasheet
217Kb / 5P
   Dual N-Channel, Logic Level, PowerTrench MOSFET
logo
Vishay Siliconix
SI4920DY VISHAY-SI4920DY Datasheet
215Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
18-May-04
SI4920DY VISHAY-SI4920DY Datasheet
84Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
01-Jan-2022
SI4920DY-T1 VISHAY-SI4920DY-T1 Datasheet
225Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. E, 04-May-09
SI4920DY-T1-E3 VISHAY-SI4920DY-T1-E3 Datasheet
225Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. E, 04-May-09
More results

Similar Description - SI4924DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com