Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEWCT1025 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PEWCT1025
Description  WR-90 Waveguide 30 dB Crossguide Coupler
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWCT1025 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PEWCT1025 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWCT1025 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWCT1025 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWCT1025 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWCT1025 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Flange Material and Plating
Brass
.
Coupler Body Material and Plating
Bronze
Termination Body Material and Plating
Bronze
Environmental Specifications
.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
Typical Performance Data
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
8.2
8.8
9.4
10.0
10.6
11.2
11.8
12.4
8.20 GHz
VSWR
PEWCT1025 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: WR-90 Waveguide 30 dB Crossguide Coupler, 3 Port, CPR-90G Flange, 8.2 GHz to
12.4 GHz, Bronze PEWCT1025
Waveguide Couplers Assemblies Technical Data
PEWCT1025
WR-90 Waveguide 30 dB Crossguide Coupler, 3 Port,
CPR-90G Flange, 8.2 GHz to 12.4 GHz, Bronze


Similar Part No. - PEWCT1025

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCT1020 PASTERNACK-PEWCT1020 Datasheet
462Kb / 5P
   WR-90 Waveguide 20 dB Crossguide Coupler
PEWCT1021 PASTERNACK-PEWCT1021 Datasheet
468Kb / 5P
   WR-90 Waveguide 30 dB Crossguide Coupler
PEWCT1022 PASTERNACK-PEWCT1022 Datasheet
468Kb / 5P
   WR-90 Waveguide 40 dB Crossguide Coupler
PEWCT1023 PASTERNACK-PEWCT1023 Datasheet
469Kb / 5P
   WR-90 Waveguide 50 dB Crossguide Coupler
PEWCT1024 PASTERNACK-PEWCT1024 Datasheet
473Kb / 5P
   WR-90 Waveguide 20 dB Crossguide Coupler
More results

Similar Description - PEWCT1025

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCT1021 PASTERNACK-PEWCT1021 Datasheet
468Kb / 5P
   WR-90 Waveguide 30 dB Crossguide Coupler
PEWCT1026 PASTERNACK-PEWCT1026 Datasheet
482Kb / 5P
   WR-90 Waveguide 40 dB Crossguide Coupler
PEWCT1020 PASTERNACK-PEWCT1020 Datasheet
462Kb / 5P
   WR-90 Waveguide 20 dB Crossguide Coupler
PEWCT1023 PASTERNACK-PEWCT1023 Datasheet
469Kb / 5P
   WR-90 Waveguide 50 dB Crossguide Coupler
PEWCT1027 PASTERNACK-PEWCT1027 Datasheet
482Kb / 5P
   WR-90 Waveguide 50 dB Crossguide Coupler
PEWCT1037 PASTERNACK-PEWCT1037 Datasheet
469Kb / 5P
   WR-137 Waveguide 30 dB Crossguide Coupler
PEWCT1113 PASTERNACK-PEWCT1113 Datasheet
521Kb / 5P
   WR-137 Waveguide 30 dB Crossguide Coupler
PEWCT1024 PASTERNACK-PEWCT1024 Datasheet
473Kb / 5P
   WR-90 Waveguide 20 dB Crossguide Coupler
PEWCT1022 PASTERNACK-PEWCT1022 Datasheet
468Kb / 5P
   WR-90 Waveguide 40 dB Crossguide Coupler
PEWCT1005 PASTERNACK-PEWCT1005 Datasheet
399Kb / 5P
   WR-42 Waveguide 30 dB Crossguide Coupler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com