Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEWCT1001 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PEWCT1001
Description  WR-34 Waveguide 30 dB Crossguide Coupler
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWCT1001 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PEWCT1001 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWCT1001 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWCT1001 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWCT1001 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWCT1001 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
WR-34 Waveguide 30 dB Crossguide Coupler, 3 Port, UG-1530/U Square Cover Flange, 22 GHz to 33 GHz, Bronze from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99.4% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-34 Waveguide 30 dB Crossguide Coupler, 3 Port, UG-1530/U Square Cover Flange, 22 GHz
to 33 GHz, Bronze PEWCT1001
URL: https://www.pasternack.com/wr-34-waveguide-30-db-crossguide-coupler-3-port-ug1530-square-pewct1001-p.aspx
PEWCT1001 REV 1.0
Waveguide Couplers Assemblies Technical Data
PEWCT1001
WR-34 Waveguide 30 dB Crossguide Coupler, 3 Port, UG-
1530/U Square Cover Flange, 22 GHz to 33 GHz, Bronze


Similar Part No. - PEWCT1001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCT1000 PASTERNACK-PEWCT1000 Datasheet
464Kb / 5P
   WR-34 Waveguide 20 dB Crossguide Coupler
PEWCT1002 PASTERNACK-PEWCT1002 Datasheet
461Kb / 5P
   WR-34 Waveguide 40 dB Crossguide Coupler
PEWCT1003 PASTERNACK-PEWCT1003 Datasheet
462Kb / 5P
   WR-34 Waveguide 50 dB Crossguide Coupler
PEWCT1004 PASTERNACK-PEWCT1004 Datasheet
474Kb / 5P
   WR-42 Waveguide 20 dB Crossguide Coupler
PEWCT1005 PASTERNACK-PEWCT1005 Datasheet
399Kb / 5P
   WR-42 Waveguide 30 dB Crossguide Coupler
More results

Similar Description - PEWCT1001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCT1045 PASTERNACK-PEWCT1045 Datasheet
537Kb / 5P
   WR-34 Waveguide 30 dB Crossguide Coupler
PEWCT1044 PASTERNACK-PEWCT1044 Datasheet
538Kb / 5P
   WR-34 Waveguide 20 dB Crossguide Coupler
PEWCT1047 PASTERNACK-PEWCT1047 Datasheet
538Kb / 5P
   WR-34 Waveguide 50 dB Crossguide Coupler
PEWCT1000 PASTERNACK-PEWCT1000 Datasheet
464Kb / 5P
   WR-34 Waveguide 20 dB Crossguide Coupler
PEWCT1002 PASTERNACK-PEWCT1002 Datasheet
461Kb / 5P
   WR-34 Waveguide 40 dB Crossguide Coupler
PEWCT1003 PASTERNACK-PEWCT1003 Datasheet
462Kb / 5P
   WR-34 Waveguide 50 dB Crossguide Coupler
PEWCT1046 PASTERNACK-PEWCT1046 Datasheet
538Kb / 5P
   WR-34 Waveguide 40 dB Crossguide Coupler
PEWCT1037 PASTERNACK-PEWCT1037 Datasheet
469Kb / 5P
   WR-137 Waveguide 30 dB Crossguide Coupler
PEWCT1113 PASTERNACK-PEWCT1113 Datasheet
521Kb / 5P
   WR-137 Waveguide 30 dB Crossguide Coupler
PEWCT1005 PASTERNACK-PEWCT1005 Datasheet
399Kb / 5P
   WR-42 Waveguide 30 dB Crossguide Coupler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com