Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY15V104QSN Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY15V104QSN
Description  Excelon??Ultra 4-Mbit (512K 횞 8) Quad SPI F-RAM
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY15V104QSN Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY15V104QSN Datasheet HTML 4Page - Cypress Semiconductor CY15V104QSN Datasheet HTML 5Page - Cypress Semiconductor CY15V104QSN Datasheet HTML 6Page - Cypress Semiconductor CY15V104QSN Datasheet HTML 7Page - Cypress Semiconductor CY15V104QSN Datasheet HTML 8Page - Cypress Semiconductor CY15V104QSN Datasheet HTML 9Page - Cypress Semiconductor CY15V104QSN Datasheet HTML 10Page - Cypress Semiconductor CY15V104QSN Datasheet HTML 11Page - Cypress Semiconductor CY15V104QSN Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 90 page
background image
PRELIMINARY
CY15B104QSN
CY15V104QSN
Document Number: 002-18293 Rev. *E
Page 8 of 90
Serial Clock (SCK)
The serial clock is generated by the SPI master and the commu-
nication is synchronized with this clock after CS goes LOW.
The CY15x104QSN enables SPI modes 0 and 3 for data
communication. In both of these modes, the inputs are latched
by the slave device on the rising edge of SCK and outputs are
issued on the falling edge. Therefore, the first rising edge of SCK
signifies the arrival of the first Most Significant Bit (MSB) of an
SPI instruction on the SI pin. Further, all data inputs and outputs
are synchronized with SCK.
Data Transmission (SI/SO)
The SPI data bus consists of two lines, SI and SO, for serial data
communication. SI is also referred to as Master-Out-Slave-In
(MOSI) and SO is referred to as Master-In-Slave-Out (MISO).
The master issues instructions to the slave through the SI pin,
while the slave responds through the SO pin. Multiple slave
devices may share the SI and SO lines as described earlier.
The CY15x104QSN has two separate pins for SI and SO, which
can be connected with the master as shown in Figure 3. When
in dual or quad I/O modes, these pins are configured as I/O pins.
Figure 4 shows such a system interface with a QSPI port.
Figure 3. System Configuration with SPI Port
Figure 4. System Configuration with QSPI Port
Most Significant Bit (MSB)
The SPI protocol requires that the first bit to be transmitted is the
Most Significant Bit (MSB). This is valid for both address and
data transmission.
The 4-Mbit serial F-RAM requires a 3-byte address for any read
or write operation. Because the address is only 19 bits, the
five bits, which are fed in are ignored by the device. Although
these five bits are ‘don’t care’, Cypress recommends that these
bits be set to 0s to enable seamless transition to higher memory
densities.
Serial Opcode
After the slave device is selected with CS going LOW, the first
byte received is treated as the opcode for the intended operation.
CY15x104QSN uses the standard opcodes (refer to Table 25 on
page 20) for memory accesses.
Invalid Opcode
If a reserved opcode is received, the opcode may internally
trigger unintended operation and start driving the I/O pin(s) with
a non-deterministic data output. Hence, all opcodes under the
reserved category should be avoided to transmit over SI pin
when CY15x104QSN chip select CS is LOW.
Instruction
Instruction is the combination of the Opcode, address, mode
and/or dummy bytes/cycles used to access the memory and
registers
Mode Bits
The Mode byte is applicable for all write and read commands that
support Execute-In-Place (XIP). The XIP is a method of
executing the program (code) directly from an external memory
rather than copying or shadowing the code into RAM. When the
XIP is set for a write or read command, the device stays in XIP
mode after the command cycle is terminated (CS toggles HIGH)
so that the subsequent command cycle with CS LOW directly
starts with the Address phase (Opcode phase is skipped). When
in XIP, the device executes the same operation as in previous
cycle. To initiate a new operation while in XIP, for example to
switch from memory write to memory read or vice versa, the
device should first exit the XIP for the current command cycle
and initiate the next command cycle with Opcode phase.
Opcodes with the Mode phase only support the XIP. See
Table 25 on page 20 for the list of opcodes that require Mode
phase.
Following the opcode and 3-byte address cycles, the mode byte
0xAX (X don’t care bits) or 0xA5 (depending on the opcode)
transmitted during the Mode phase keeps the device in XIP for
the next command cycle. The XIP must be set during every
command cycle to remain in XIP for the next command cycle.
Any other value than 0xAX or 0xA5 (!0xAX or !0xA5) transmitted
during the Mode phase will exit the XIP for the current operation.
In this case, the next command cycle must always start with the
Opcode phase to start the same operation or a new operation.
Depending upon the SPI mode and the interface type, the
number of clocks to transmit the mode byte will vary from two
clocks (QPI, SDR) to eight clocks (SPI, SDR).
SPI
Hostcontroller
or
SPI Master
SCK
MOSI
MISO
CS1
CS2
GPIO1
GPIO 2
SCK
(I/O0)
SI
(I/O1)
SO
RESET
(I/O3)
WP
(I/O2)
CY15X104QSN
CS
SCK
(I/O0)
SI
(I/O1)
SO
RESET
(I/O3)
WP
(I/O2)
CY15X104QSN
CS
Optional connection;
leave floating if not used
QSPI
Hostcontroller
or
QSPI Master
SCK
I/O0
I/O1
CS1
CS2
I/O2
I/O3
SCK
(I/O0)
SI
(I/O1)
SO
RESET
(I/O3)
WP
(I/O2)
CY15X104QSN
CS
SCK
(I/O0)
SI
(I/O1)
SO
RESET
(I/O3)
WP
(I/O2)
CY15X104QSN
CS


Similar Part No. - CY15V104QSN

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CY15V104QSN INFINEON-CY15V104QSN Datasheet
1Mb / 118P
   4Mb EXCELON??Ultra Ferroelectric RAM (F-RAM)
Rev. *K 2022-02-01
CY15V104QSN INFINEON-CY15V104QSN Datasheet
1Mb / 122P
   4Mb EXCELON™ Ultra Ferroelectric RAM (F-RAM) Serial (quad SPI), 512K × 8, 108 MHz, industrial
Rev. M 2023-06-02
More results

Similar Description - CY15V104QSN

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CY15B116QSN INFINEON-CY15B116QSN Datasheet
1Mb / 106P
   16-Mb EXCELON??Ultra Ferroelectric RAM (F-RAM) Serial (quad SPI), 2048K 횞 8, industrial
Rev. *D 2022-01-24
logo
Cypress Semiconductor
CY15B102QN CYPRESS-CY15B102QN Datasheet
341Kb / 32P
   Excelon??Auto 2-Mbit (256K 횞 8)Automotive-E Serial (SPI) F-RAM
CY62148GN CYPRESS-CY62148GN Datasheet
928Kb / 16P
   4-Mbit (512K 횞 8) Static RAM
CY15B104Q CYPRESS-CY15B104Q Datasheet
847Kb / 22P
   4-Mbit (512 K 횞 8) Serial (SPI) F-RAM
FM25V40 CYPRESS-FM25V40 Datasheet
851Kb / 23P
   4-Mbit (512 K 횞 8) Serial (SPI) F-RAM
logo
Infineon Technologies A...
CY15B108QSN INFINEON-CY15B108QSN Datasheet
985Kb / 109P
   8Mb EXCELON™ Ultra Ferroelectric RAM (F-RAM) Serial (Quad SPI), 1024K × 8, 108MHz, industrial
Rev. D 2022-05-25
logo
Cypress Semiconductor
FM25V20A CYPRESS-FM25V20A Datasheet
1Mb / 22P
   2-Mbit (256 K 횞 8) Serial (SPI) F-RAM
CY7C1049GN CYPRESS-CY7C1049GN Datasheet
554Kb / 18P
   4-Mbit (512K words 횞 8 bit) Static RAM
CY7C1051H CYPRESS-CY7C1051H Datasheet
436Kb / 16P
   8-Mbit (512K 횞 16) Static RAM
CY15B102Q CYPRESS-CY15B102Q Datasheet
1Mb / 22P
   2-Mbit (256 K 횞 8) Serial (SPI) Automotive F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com