Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY15B104QSN Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY15B104QSN
Description  Excelon??Ultra 4-Mbit (512K 횞 8) Quad SPI F-RAM
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY15B104QSN Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY15B104QSN Datasheet HTML 1Page - Cypress Semiconductor CY15B104QSN Datasheet HTML 2Page - Cypress Semiconductor CY15B104QSN Datasheet HTML 3Page - Cypress Semiconductor CY15B104QSN Datasheet HTML 4Page - Cypress Semiconductor CY15B104QSN Datasheet HTML 5Page - Cypress Semiconductor CY15B104QSN Datasheet HTML 6Page - Cypress Semiconductor CY15B104QSN Datasheet HTML 7Page - Cypress Semiconductor CY15B104QSN Datasheet HTML 8Page - Cypress Semiconductor CY15B104QSN Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 90 page
background image
PRELIMINARY
CY15B104QSN
CY15V104QSN
Excelon™-Ultra 4-Mbit (512K × 8)
Quad SPI F-RAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 002-18293 Rev. *E
Revised March 1, 2018
Excelon™-Ultra 4-Mbit (512K × 8) Quad SPI F-RAM
Features
4-Mbit ferroelectric random access memory (F-RAM) logically
organized as 512K × 8
Virtually unlimited endurance of 100 trillion (1014) read/write
cycles
151-year data retention (See Data Retention and Endurance
on page 75)
NoDelay™ writes
Advanced high-reliability ferroelectric process
Single and multi I/O serial peripheral interface (SPI)
Serial bus interface SPI protocols
Supports SPI mode 0 (0, 0) and mode 3 (1, 1) for all SDR
mode transfers
Extended I/O SPI protocols
Dual SPI (DPI) protocols
Quad SPI (QPI) protocols
SPI clock frequency
Up to 108-MHz frequency SPI Single Data Rate (SDR)
Execute-in-place (XIP)
Write protection, data security, and data integrity
Hardware protection using the Write Protect (WP) pin
Software block protection
Embedded error correction code (ECC) and cyclic redundancy
check (CRC) for enhanced data integrity
ECC detects and corrects 1-bit error. If a 2-bit error occurs,
it does not correct but reports through the ECC Status register
CRC detects any accidental change to raw data
Extended electronic signatures
Device ID includes manufacturer ID and product ID
Unique ID
User writable Serial Number
Dedicated 256-byte special sector F-RAM
Dedicated special sector write and read
Content can survive up to three standard reflow cycles
Low-power consumption at high speed
10 mA (typ) active current for 108 MHz SPI SDR
16 mA (typ) active current for 108 MHz QSPI SDR
102 µA (typ) standby current
0.70 µA (typ) deep power down mode current
0.1 µA (typ) hibernate mode current
Low-voltage operation:
CY15V104QSN: VDD = 1.71 V to 1.89 V
CY15B104QSN: VDD = 1.8 V to 3.6 V
Operating temperature: –40 °C to +85 °C
Packages
8-pin Small Outline Integrated Circuit (SOIC) package
8-pin Grid-Array Quad Flat No-Lead (GQFN) package
Restriction of hazardous substances (RoHS) compliant
Functional Description
The Excelon-Ultra CY15x104QSN is a high-performance, 4-Mbit
nonvolatile memory employing an advanced ferroelectric
process. A ferroelectric random access memory or F-RAM is
nonvolatile and performs reads and writes similar to a RAM. It
provides reliable data retention for 151 years while eliminating
the complexities, overhead, and system-level reliability problems
caused by serial flash and other nonvolatile memories.
Unlike serial flash, the CY15x104QSN performs write operations
at bus speed. No write delays are incurred. Data is written to the
memory array immediately after each byte is successfully
transferred to the device. The next bus cycle can commence
without the need for data polling. In addition, the product offers
substantial write endurance compared to other nonvolatile
memories. The CY15x104QSN is capable of supporting 1014
read/write cycles, or 100 million times more write cycles than
EEPROM. These capabilities make the CY15x104QSN ideal for
nonvolatile memory applications, requiring frequent or rapid
writes. Examples range from data collection, where the number
of write cycles may be critical, to demanding industrial controls
where the long write time of serial flash can cause data loss.
The CY15x104QSN combines a 4-Mbit F-RAM with the
high-speed Quad SPI (QPI) single data rate (SDR) interface
which enhances the nonvolatile write capability of F-RAM
technology. The device incorporates a read-only Device ID and
Unique ID features which allow the SPI bus master to determine
the manufacturer, product density, product revision and unique
ID for each part. The device is also offered with a unique serial
number that is read-only and can be used to identify a board or
a system.
The device supports on-die ECC logic which can detect and
correct 1-bit error in every 8-byte data unit. The device also
extends capability to report 2-bit error in unit data. The
CY15x104QSN also supports the Cyclic Redundancy Check
(CRC) feature which can be used to check the data integrity of
the stored data in the memory array.
The device specifications are guaranteed over industrial
temperature range of –40 °C to +85 °C.


Similar Part No. - CY15B104QSN

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CY15B104QSN INFINEON-CY15B104QSN Datasheet
1Mb / 118P
   4Mb EXCELON??Ultra Ferroelectric RAM (F-RAM)
Rev. *K 2022-02-01
CY15B104QSN INFINEON-CY15B104QSN Datasheet
1Mb / 122P
   4Mb EXCELON™ Ultra Ferroelectric RAM (F-RAM) Serial (quad SPI), 512K × 8, 108 MHz, industrial
Rev. M 2023-06-02
CY15B104QSN INFINEON-CY15B104QSN_V01 Datasheet
1Mb / 122P
   4Mb EXCELON™ Ultra Ferroelectric RAM (F-RAM) Serial (quad SPI), 512K × 8, 108 MHz, industrial
Rev. M 2023-06-02
More results

Similar Description - CY15B104QSN

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CY15B116QSN INFINEON-CY15B116QSN Datasheet
1Mb / 106P
   16-Mb EXCELON??Ultra Ferroelectric RAM (F-RAM) Serial (quad SPI), 2048K 횞 8, industrial
Rev. *D 2022-01-24
logo
Cypress Semiconductor
CY15B102QN CYPRESS-CY15B102QN Datasheet
341Kb / 32P
   Excelon??Auto 2-Mbit (256K 횞 8)Automotive-E Serial (SPI) F-RAM
CY62148GN CYPRESS-CY62148GN Datasheet
928Kb / 16P
   4-Mbit (512K 횞 8) Static RAM
CY15B104Q CYPRESS-CY15B104Q Datasheet
847Kb / 22P
   4-Mbit (512 K 횞 8) Serial (SPI) F-RAM
FM25V40 CYPRESS-FM25V40 Datasheet
851Kb / 23P
   4-Mbit (512 K 횞 8) Serial (SPI) F-RAM
logo
Infineon Technologies A...
CY15B108QSN INFINEON-CY15B108QSN Datasheet
985Kb / 109P
   8Mb EXCELON™ Ultra Ferroelectric RAM (F-RAM) Serial (Quad SPI), 1024K × 8, 108MHz, industrial
Rev. D 2022-05-25
logo
Cypress Semiconductor
FM25V20A CYPRESS-FM25V20A Datasheet
1Mb / 22P
   2-Mbit (256 K 횞 8) Serial (SPI) F-RAM
CY7C1049GN CYPRESS-CY7C1049GN Datasheet
554Kb / 18P
   4-Mbit (512K words 횞 8 bit) Static RAM
CY7C1051H CYPRESS-CY7C1051H Datasheet
436Kb / 16P
   8-Mbit (512K 횞 16) Static RAM
CY15B102Q CYPRESS-CY15B102Q Datasheet
1Mb / 22P
   2-Mbit (256 K 횞 8) Serial (SPI) Automotive F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com