Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC143TCA Datasheet(PDF) 1 Page - Micro Commercial Components

Part # DTC143TCA
Description  Digital Transistors(NPN)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DTC143TCA Datasheet(HTML) 1 Page - Micro Commercial Components

  DTC143TCA_13 Datasheet HTML 1Page - Micro Commercial Components DTC143TCA_13 Datasheet HTML 2Page - Micro Commercial Components DTC143TCA_13 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DTC143TCA
Digital Transistors(NPN)
Features
Epitaxial Planar Die Construction
Built-In Biasing Resistors
Marking:03
IC
Collector current
---
100
---
mA
Pd
Power dissipation
---
200
---
mW
Tj
Junction temperature
---
150
---
Tstg
Storage temperature
-55
---
150
Electrical Characteristics @ 25
Symbol
Parameter
Min
Typ
Max
Unit
ICBO
Collector cut-off current (VCB=50V)
---
---
0.5
µA
Suggested Solder
Pad Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.
104
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
A
B
C
D
E
F
G
H
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
SOT-23
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision: B
2013/01/01
1.IN
2.GND
3.OUT
3
1
2
TM
Micro Commercial Components
www.mccsemi.com
1 of
3
J
K
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Absolute maximum ratings @ 25
Symbol
Parameter
Min
Typ
Max
Unit
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1
V(BR)CBO
Collector-Base Voltage
50
---
---
V
V(BR)CEO
Collector-Emitter Voltage
50
---
---
V
V(BR)EBO
Emitter-Base Voltage
5
---
---
V
V(BR)CBO
50
---
---
V
V(BR)CEO
Collector-Base Voltage (IC=50µA)
Collector-Base Voltage (IC=1mA)
50
---
---
V
V(BR)EBO
Collector-Base Voltage (IE=50µA)
5
---
---
V
IEBO
Emitter cut-off current (VEB=4V)
---
---
0.5
µA
VCE(sat)
Collector-emitter saturation voltage
---
---
0.3
V
h FE
DC current transfer ratio(VCE=5V,IC=1mA)
100
---
600
R1
Input resistance
3.29
4.7
6.11
f T
Transition frequency(Vo=10V,Io=5mA,f=100MHz)
---
250
---
MHz
(IC=5mA,IB=0.25mA)
KΩ
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - DTC143TCA_13

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC143TCAHZG ROHM-DTC143TCAHZG Datasheet
1Mb / 7P
   NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
More results

Similar Description - DTC143TCA_13

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
DTC114Y SECOS-DTC114Y_15 Datasheet
228Kb / 2P
   NPN Digital Transistors
DTC144E SECOS-DTC144E_15 Datasheet
219Kb / 3P
   NPN Digital Transistors
DTC144T SECOS-DTC144T_15 Datasheet
77Kb / 2P
   NPN Digital Transistors
logo
Micro Commercial Compon...
DTC144EUA MCC-DTC144EUA Datasheet
440Kb / 2P
   NPN Digital Transistors
logo
Guangdong Kexin Industr...
KTC143ZKA KEXIN-KTC143ZKA Datasheet
212Kb / 2P
   NPN Digital transistors
logo
Micro Commercial Compon...
DTC114YE MCC-DTC114YE_13 Datasheet
222Kb / 2P
   NPN Digital Transistors
DTC143ZE MCC-DTC143ZE_13 Datasheet
248Kb / 3P
   NPN Digital Transistors
DTC123YUA MCC-DTC123YUA Datasheet
365Kb / 3P
   NPN Digital Transistors
DTC143TM MCC-DTC143TM Datasheet
585Kb / 3P
   NPN Digital Transistors
DTC114YUA MCC-DTC114YUA_09 Datasheet
89Kb / 2P
   NPN Digital Transistors
DTC144EKA MCC-DTC144EKA Datasheet
797Kb / 2P
   NPN Digital Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com