Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC114ECA Datasheet(PDF) 1 Page - Micro Commercial Components

Part # DTC114ECA
Description  NPN Digital Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DTC114ECA Datasheet(HTML) 1 Page - Micro Commercial Components

  DTC114ECA_17 Datasheet HTML 1Page - Micro Commercial Components DTC114ECA_17 Datasheet HTML 2Page - Micro Commercial Components DTC114ECA_17 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DTC114ECA
Digital Transistors
Features
Built-in bias resistors enable the configuration of an inverter circuit
without connecting external input resistors
The bias resistors consist of thin-film resistors with complete
isolation to allow negative biasing of the input. They also have the
advantage of almost completely eliminating parasitic effects.
Only the on/off conditions need to be set for operation, making
device design easy
Absolute maximum ratings @ 25
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply voltage
---
50
---
V
VIN
Input voltage
-10
---
40
V
IO
Output current
---
50
100
mA
Pd
Power dissipation
---
200
---
mW
Tj
Junction temperature
---
150
---
Tstg
Storage temperature
-55
---
150
Electrical Characteristics @ 25
Symbol
Parameter
Min
Typ
Max
Unit
VI(off)
---
---
0.5
V
VI(on)
Input voltage (VCC=5V, IO=100
­A)
(VO=0.3V, IO=10mA)
3.0
---
---
V
VO(on)
Output voltage (IO/II=10mA/0.5mA)
---
0.1
0.3
V
II
Input current (VI=5V)
---
---
0.88
mA
IO(off)
Output current (VCC=50V, VI=0)
---
---
0.5
­A
GI
DC current gain (VO=5V, IO=5mA)
30
---
---
R1
Input resistance
7.0
10
R2/R1
Resistance ratio
0.8
1.0
1.2
fT
Transition frequency
(VCE=10V, IE=5mA, f=100MHz)
---
250
---
MHz
Revision: C
2017/01/01
NPN
13
K
¡
MARKING: 24
SOT-23
Suggested Solder
Pad Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.104
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
A
B
C
D
E
F
G
H
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
K
3
1
2
1. IN
2. GND
3. OUT
www.mccsemi.com
1 of 3
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
Halogen free available upon request by adding suffix "-HF"
Micro Commercial Components
M C C
R


Similar Part No. - DTC114ECA_17

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
DTC114ECA BILIN-DTC114ECA_17 Datasheet
108Kb / 3P
   Digital Transistor
More results

Similar Description - DTC114ECA_17

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
DTC114Y SECOS-DTC114Y_15 Datasheet
228Kb / 2P
   NPN Digital Transistors
DTC144E SECOS-DTC144E_15 Datasheet
219Kb / 3P
   NPN Digital Transistors
DTC144T SECOS-DTC144T_15 Datasheet
77Kb / 2P
   NPN Digital Transistors
logo
Micro Commercial Compon...
DTC144EUA MCC-DTC144EUA Datasheet
440Kb / 2P
   NPN Digital Transistors
logo
Guangdong Kexin Industr...
KTC143ZKA KEXIN-KTC143ZKA Datasheet
212Kb / 2P
   NPN Digital transistors
logo
Micro Commercial Compon...
DTC114YE MCC-DTC114YE_13 Datasheet
222Kb / 2P
   NPN Digital Transistors
DTC143ZE MCC-DTC143ZE_13 Datasheet
248Kb / 3P
   NPN Digital Transistors
DTC123YUA MCC-DTC123YUA Datasheet
365Kb / 3P
   NPN Digital Transistors
DTC143TM MCC-DTC143TM Datasheet
585Kb / 3P
   NPN Digital Transistors
DTC114YUA MCC-DTC114YUA_09 Datasheet
89Kb / 2P
   NPN Digital Transistors
DTC144EKA MCC-DTC144EKA Datasheet
797Kb / 2P
   NPN Digital Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com