Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRC12FTRDSR020G Datasheet(PDF) 5 Page - Token Electronics Industry Co., Ltd.

Part # LRC12FTRDSR020G
Description  Metal Strip Chip Current Sense Resistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LRC12FTRDSR020G Datasheet(HTML) 5 Page - Token Electronics Industry Co., Ltd.

  LRC12FTRDSR020G Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. LRC12FTRDSR020G Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. LRC12FTRDSR020G Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. LRC12FTRDSR020G Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. LRC12FTRDSR020G Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. LRC12FTRDSR020G Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. LRC12FTRDSR020G Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. LRC12FTRDSR020G Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. LRC12FTRDSR020G Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Taiwan Factory: +886 2 29810109
http://www.token.com.tw
rfq@token.com.tw
China Factory: +86 755 26055363
Page: 4/11
Electrical Specifications
Standard Electrical Specifications (LRC)
Type
Power Rating
at 70℃
Operating Temp.
Range
Resistance
Tolerance (±%)
Resistance (mΩ)
TCR
(±PPM/℃)
LRC06*TF0M50
1W
-55℃ ~ +170℃
±1, ±3, ±5
0.5
±200
LRC06*TD****
1W
0.75 - 10
±50
LRC12*TD****
1W
0.5, 0.75, 1, 1.5, 2
±50
LRC12*TW****
1W
6, 6.5, 7
±75
LRC12*TE****
1W
4, 5, 10
±100
LRC12*TK****
1W
2.5, 3
±150
LRC12*TD****G
1W
11, 12, 13, 14, 15
±50
High Power Rating Electrical Specifications (LRC)
Type
Power Rating
at 70℃
Operating Temp.
Range
Resistance
Tolerance (± %)
Resistance (mΩ)
TCR
(±PPM/℃)
LRC10*TEA0M50
1.5W
-55℃ ~ +170℃
±1, ±3, ±5
0.5
±100
LRC10*TDA****
1.5W
0.75 - 10
±50
LRC12*TDS****
2W
0.5, 0.75, 1, 1.5, 2
±50
LRC12*TWS****
2W
6, 6.5, 7
±75
LRC12*TES****
2W
4, 5, 10
±100
LRC12*TKS****
2W
2.5, 3
±150
LR1C2*TDS****G
2W
6.5, 7, 8, 9, 10
±50
LRC12*TDB****G
2.5W
4, 4.5, 5, 6
±50
LRC12*TDR****G
3W
1, 1.5, 2, 2.5, 3, 3.5
±50
LRC12*TER****G
3W
0.5, 0.75
±100
Remark : Operating Current I =
√( ���� / ���� ) , Operating Voltage V = √( ���� ∗ ���� )


Similar Part No. - LRC12FTRDSR020G

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
LRC12 TOKEN-LRC12 Datasheet
418Kb / 5P
   LRC Current Strip Chip Resistors
logo
List of Unclassifed Man...
LRC12 ETC1-LRC12 Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
Willow Technologies Ltd
LRC1220H WILLOW-LRC1220H Datasheet
91Kb / 2P
   Fractional Ohm
LRC1220HTC1000.025R WILLOW-LRC1220HTC1000.025R Datasheet
91Kb / 2P
   Fractional Ohm
LRC1220HTC1000.05R WILLOW-LRC1220HTC1000.05R Datasheet
91Kb / 2P
   Fractional Ohm
More results

Similar Description - LRC12FTRDSR020G

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRK BOURNS-CRK Datasheet
565Kb / 5P
   Metal Strip, Wide Terminal Current Sense Resistor
logo
TE Connectivity Ltd
1773269-1 TEC-1773269-1 Datasheet
514Kb / 5P
   SMD Current Sense Metal Chip Resistor
logo
Bourns Electronic Solut...
CRG2512 BOURNS-CRG2512 Datasheet
746Kb / 3P
   Metal Strip Current Sense Chip Resistors
08/22
logo
KOA Speer Electronics, ...
TLR3ADTE3L00F KOA-TLR3ADTE3L00F Datasheet
289Kb / 2P
   Metal plate current sense resistor
logo
IRC - a TT electronics ...
ULRG12512R010FLFSLT IRCTT-ULRG12512R010FLFSLT Datasheet
189Kb / 6P
   Metal Element Current Sense Resistor
logo
Bourns Electronic Solut...
CFN BOURNS-CFN Datasheet
464Kb / 5P
   Metal Foil, Current Sense Resistor
logo
KOA Speer Electronics, ...
TLR2BND KOA-TLR2BND Datasheet
97Kb / 2P
   metal plate current sense resistor
TLR2B KOA-TLR2B Datasheet
443Kb / 2P
   metal plate current sense resistor
TLR-2BW KOA-TLR-2BW Datasheet
442Kb / 2P
   metal plate current sense resistor
TLR3ADTE2L00F75 KOA-TLR3ADTE2L00F75 Datasheet
281Kb / 2P
   metal plate current sense resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com