Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRC06HTRDSR020G Datasheet(PDF) 7 Page - Token Electronics Industry Co., Ltd.

Part # LRC06HTRDSR020G
Description  Metal Strip Chip Current Sense Resistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LRC06HTRDSR020G Datasheet(HTML) 7 Page - Token Electronics Industry Co., Ltd.

Back Button LRC06HTRDSR020G Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. LRC06HTRDSR020G Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. LRC06HTRDSR020G Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. LRC06HTRDSR020G Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. LRC06HTRDSR020G Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. LRC06HTRDSR020G Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. LRC06HTRDSR020G Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. LRC06HTRDSR020G Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. LRC06HTRDSR020G Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Taiwan Factory: +886 2 29810109
http://www.token.com.tw
rfq@token.com.tw
China Factory: +86 755 26055363
Page: 6/11
Pad Layout
4-Wire Precision Measurement (LRC)
Figure
Type
A
B
C
Excitation
Current (A)
Resistance (Ω)
4-Wire Precision Measurement
LRC12 Black
Coating
1.5
5.4
Φ0.5
3A
0.5m ~ 1.5 m
LRC12 Black
Coating
1.5
5.4
Φ0.5
1A
2m ~10m
LRC12 Green
Coating
1.5
5.4
Φ0.5
3A
0.5m ~ 1.5m
LRC12 Green
Coating
1.5
5.4
Φ0.5
1A
2m ~ 15m
LRC06
1.25
2.6
Φ0.5
3A
0.5m ~ 1.5m
LRC06
1.25
2.6
Φ0.5
1A
2m ~ 10m
LRC10
1.2
4.32
Φ0.5
3A
0.5m ~ 1.5m
LRC10
1.2
4.32
Φ0.5
1A
2m ~ 10m
Note: Equipment: ADEX AX-1152D DC Low Ohm Meter


Similar Part No. - LRC06HTRDSR020G

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
LRC06HTRDS0M50 TOKEN-LRC06HTRDS0M50 Datasheet
418Kb / 5P
   LRC Current Strip Chip Resistors
LRC06HTRDS0M50G TOKEN-LRC06HTRDS0M50G Datasheet
418Kb / 5P
   LRC Current Strip Chip Resistors
LRC06HTRDS0M75 TOKEN-LRC06HTRDS0M75 Datasheet
418Kb / 5P
   LRC Current Strip Chip Resistors
LRC06HTRDS0M75G TOKEN-LRC06HTRDS0M75G Datasheet
418Kb / 5P
   LRC Current Strip Chip Resistors
LRC06HTRDS1M50 TOKEN-LRC06HTRDS1M50 Datasheet
418Kb / 5P
   LRC Current Strip Chip Resistors
More results

Similar Description - LRC06HTRDSR020G

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRK BOURNS-CRK Datasheet
565Kb / 5P
   Metal Strip, Wide Terminal Current Sense Resistor
logo
TE Connectivity Ltd
1773269-1 TEC-1773269-1 Datasheet
514Kb / 5P
   SMD Current Sense Metal Chip Resistor
logo
Bourns Electronic Solut...
CRG2512 BOURNS-CRG2512 Datasheet
746Kb / 3P
   Metal Strip Current Sense Chip Resistors
08/22
logo
KOA Speer Electronics, ...
TLR3ADTE3L00F KOA-TLR3ADTE3L00F Datasheet
289Kb / 2P
   Metal plate current sense resistor
logo
IRC - a TT electronics ...
ULRG12512R010FLFSLT IRCTT-ULRG12512R010FLFSLT Datasheet
189Kb / 6P
   Metal Element Current Sense Resistor
logo
Bourns Electronic Solut...
CFN BOURNS-CFN Datasheet
464Kb / 5P
   Metal Foil, Current Sense Resistor
logo
KOA Speer Electronics, ...
TLR2BND KOA-TLR2BND Datasheet
97Kb / 2P
   metal plate current sense resistor
TLR2B KOA-TLR2B Datasheet
443Kb / 2P
   metal plate current sense resistor
TLR-2BW KOA-TLR-2BW Datasheet
442Kb / 2P
   metal plate current sense resistor
TLR3ADTE2L00F75 KOA-TLR3ADTE2L00F75 Datasheet
281Kb / 2P
   metal plate current sense resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com