Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML12009EP Datasheet(PDF) 2 Page - LANSDALE Semiconductor Inc.

Part # ML12009EP
Description  MECL PLL Components Dual Modulus Prescaler
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12009EP Datasheet(HTML) 2 Page - LANSDALE Semiconductor Inc.

  ML12009EP Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML12009EP Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML12009EP Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML12009EP Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML12009EP Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML12009EP Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML12009EP Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML12009EP Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML12009EP Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.lansdale.com
LANSDALE Semiconductor, Inc.
ML12009, ML12011
Page 2 of 14
Issue A
0.1 µF
ML12011
1.0 k
14
VBB
32
Q4 Q4
15
Recommended Circuitry
For ac coupled Inputs.
MTTL
Out
+
4
5
Q4
Q2
C
Q4
D
C
Toggle
Flip
Flop
D
C
D
C
Q1
Q3
Figure 1. Logic Diagrams
MECL E1
MECL E2
MTTL E4
MECL E3
MTTL E5
MECL
to
MTTL
Translator
MTTL
Out
+
0.1 µF
1.0 k
1000 pF
ML12009
4
5
Q3
2
Q3
3
14
VBB
15
Recommended Circuitry
For ac coupled Inputs.
C
D
C
D
Q1
Q1
C
D
Q2
Q3
Q3
9
10
11
12
13
MECL E1
MECL E2
MTTL E4
MECL E3
MTTL E5 9
10
11
12
13
7
7
Clock Input
1000 pF
Clock Input
Figure 2. Typical Frequency Synthesizer Application
MECL
to
MTTL
Translator
fref
Low–Pass Filter
fout
Phase Detector
MC4044/ML4044
ML12009
ML12011
ML12013
A Programmable
Counter MC4016/ML4016
Modulus Enable Line
Counter Control Logic
MC12014
Np Programmable
Counter MC4016/ML4016
Counter Reset Line
Zero Detect Line
Voltage–Controlled
Oscillator MC1648/ML1648
fout


Similar Part No. - ML12009EP

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML12009EP LANSDALE-ML12009EP Datasheet
1Mb / 14P
   MECL PLL Components Dual Modulus Prescaler
More results

Similar Description - ML12009EP

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML12509 LANSDALE-ML12509 Datasheet
5Mb / 12P
   MECL PLL Components Dual Modulus Prescaler
ML12509 LANSDALE-ML12509_08 Datasheet
5Mb / 12P
   MECL PLL Components Dual Modulus Prescaler
ML12013 LANSDALE-ML12013_08 Datasheet
5Mb / 15P
   MECL PLL Components Dual Modulus Prescaler
ML12009 LANSDALE-ML12009 Datasheet
1Mb / 14P
   MECL PLL Components Dual Modulus Prescaler
ML12013 LANSDALE-ML12013 Datasheet
3Mb / 15P
   MECL PLL Components Dual Modulus Prescaler
logo
Motorola, Inc
MC12025 MOTOROLA-MC12025 Datasheet
73Kb / 2P
   MECL PLL COMPONENTS 첨64/65 DUAL MODULUS PRESCALER
MC12034A MOTOROLA-MC12034A Datasheet
84Kb / 4P
   MECL PLL COMPONENTS 첨32/33, 첨64/65 DUAL MODULUS PRESCALER
MC12022LVA MOTOROLA-MC12022LVA Datasheet
90Kb / 7P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12028A MOTOROLA-MC12028A Datasheet
97Kb / 5P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12038A MOTOROLA-MC12038A Datasheet
87Kb / 5P
   MECL PLL COMPONENTS 첨127/128, 첨255/256 DUAL MODULUS PRESCALER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com