Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML12011 Datasheet(PDF) 8 Page - LANSDALE Semiconductor Inc.

Part # ML12011
Description  MECL PLL Components Dual Modulus Prescaler
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12011 Datasheet(HTML) 8 Page - LANSDALE Semiconductor Inc.

Back Button ML12011 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML12011 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML12011 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML12011 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML12011 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML12011 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML12011 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML12011 Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML12011 Datasheet HTML 12Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
www.lansdale.com
Page 8 of 14
Issue A
LANSDALE Semiconductor, Inc.
ML12009, ML12011
ELECTRICAL CHARACTERISTICS (continued) (Supply Voltage = 5.0 V, unless otherwise noted.)
TEST VOLTAGE/CURRENT VALUES
Volts
@ Test Temperature VIHmax
VILmin
VIHAmin VILAmax
VIH
VILH
–30°C
4.110
3.070
3.795
3.500
2.4
0.5
25°C
4.190
3.110
3.895
3.525
2.4
0.5
85°C
4.300
3.135
3.965
3.560
2.4
0.5
Pin
Under
TEST VOLTAGE APPLIED TO PINS LISTED BELOW
(V )
Characteristic
Symbol
Under
Test
VIHmax
VILmin
VIHAmin VILAmax
VIH
VIL
(VEE)
Gnd
Power Supply Drain Current
ICC1
8
8
ICC2
6
4
5
8
Input Current
IinH1
15
11
12
13
15
11
12
13
8
8
8
8
IinH2
4
5
5
5
4
4
8
8
IinH3
5
4
5
8
IinH4
9
10
9
10
8
8
Leakage Current
IinL1
15
11
12
13
8,15
8,11
8,12
8,13
IinL2
9
10
9
10
8
8
Reference Voltage
VBB
14
8
Logic ‘1’ Output Voltage
VOH1
(Note 1)
2
3
11,12,13
11,12,13
9,10
9,10
8
8
VOH2
7
5
4
8
Logic ‘0’ Output Voltage
VOL1
(Note 1)
2
3
11,12,13
11,12,13
9,10
9,10
8
8
VOL2
7
4
5
8
Logic ‘1’ Threshold Voltage
VOHA
(Note 2)
2
3
11,12,13
11,12,13
8
8
Logic ‘0’ Threshold Voltage
VOLA
(Note 3)
2
3
11,12,13
11,12,13
8
8
Short Circuit Current
IOS
7
5
4
7
8
NOTES: 1. Test outputs of the device must be tested by sequencing through the truth table. All input, power supply and
ground voltages must be maintained between tests. The clock input is the waveform shown.
2. In addition to meeting the output levels specified, the device must divide by 5 or 8 during this test. The clock
input is the waveform shown.
3. In addition to meeting the output levels specified, the device must divide by 6 or 9 during this test. The clock
input is the waveform shown.
VIHmax
VILmin
Clock Input


Similar Part No. - ML12011

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML12011 LANSDALE-ML12011 Datasheet
1Mb / 14P
   MECL PLL Components Dual Modulus Prescaler
ML12011-5P LANSDALE-ML12011-5P Datasheet
1Mb / 14P
   MECL PLL Components Dual Modulus Prescaler
ML12011EP LANSDALE-ML12011EP Datasheet
1Mb / 14P
   MECL PLL Components Dual Modulus Prescaler
More results

Similar Description - ML12011

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML12509 LANSDALE-ML12509 Datasheet
5Mb / 12P
   MECL PLL Components Dual Modulus Prescaler
ML12509 LANSDALE-ML12509_08 Datasheet
5Mb / 12P
   MECL PLL Components Dual Modulus Prescaler
ML12013 LANSDALE-ML12013_08 Datasheet
5Mb / 15P
   MECL PLL Components Dual Modulus Prescaler
ML12009 LANSDALE-ML12009 Datasheet
1Mb / 14P
   MECL PLL Components Dual Modulus Prescaler
ML12013 LANSDALE-ML12013 Datasheet
3Mb / 15P
   MECL PLL Components Dual Modulus Prescaler
logo
Motorola, Inc
MC12025 MOTOROLA-MC12025 Datasheet
73Kb / 2P
   MECL PLL COMPONENTS 첨64/65 DUAL MODULUS PRESCALER
MC12034A MOTOROLA-MC12034A Datasheet
84Kb / 4P
   MECL PLL COMPONENTS 첨32/33, 첨64/65 DUAL MODULUS PRESCALER
MC12022LVA MOTOROLA-MC12022LVA Datasheet
90Kb / 7P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12028A MOTOROLA-MC12028A Datasheet
97Kb / 5P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12038A MOTOROLA-MC12038A Datasheet
87Kb / 5P
   MECL PLL COMPONENTS 첨127/128, 첨255/256 DUAL MODULUS PRESCALER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com