Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRC10HTRWAR020G Datasheet(PDF) 10 Page - Token Electronics Industry Co., Ltd.

Part # LRC10HTRWAR020G
Description  Metal Strip Chip Current Sense Resistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LRC10HTRWAR020G Datasheet(HTML) 10 Page - Token Electronics Industry Co., Ltd.

Back Button LRC10HTRWAR020G Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. LRC10HTRWAR020G Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. LRC10HTRWAR020G Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. LRC10HTRWAR020G Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. LRC10HTRWAR020G Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. LRC10HTRWAR020G Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. LRC10HTRWAR020G Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. LRC10HTRWAR020G Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. LRC10HTRWAR020G Datasheet HTML 12Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Taiwan Factory: +886 2 29810109
http://www.token.com.tw
rfq@token.com.tw
China Factory: +86 755 26055363
Page: 9/11
Reel & Tape
Emboss Plastic Tape Specifications (LRC)
Emboss Plastic Tape Specifications
Type
Resistance
(mΩ)
P0 (mm)
P1 (mm)
P2 (mm)
ΦD0 (mm)
ΦD1 (mm)
T (mm)
LRC06
0.5 - 10
4.0±0.1
4.0±0.1
2.0±0.05
1.55±0.05
1.0min
0.87±0.1
LRC10
0.5 - 10
4.0±0.1
4.0±0.1
2.0±0.05
1.55±0.05
1.4min
0.85±0.1
LRC12
0.50 - 0.75
4.0±0.1
4.0±0.1
2.0±0.05
1.55±0.05
1.4min.
1.45±0.2
1 - 10
4.0±0.1
4.0±0.1
2.0±0.05
1.55±0.05
1.4min.
0.81±0.1
LR12 (G)
0.50 - 15
4.0±0.1
4.0±0.1
2.0±0.05
1.55±0.05
1.4min
0.85±0.1
The cumulative tolerance of 10 sprocket whole pitch is ±0.2mm.
Carrier camber shall be not more than 1mm per 100mm through a length of 250mm.
A & B measured 0.3mm from the bottom of the packet.
t measured at a point on the inside bottom of the packet to the top surface of the carrier.
Pocket position relative to sprocket hole is measured as the true position of the pocket and not the pocket hole.


Similar Part No. - LRC10HTRWAR020G

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
LRC10HTRWAR010 TOKEN-LRC10HTRWAR010 Datasheet
1Mb / 58P
   Chip Current Sense / Open-Air Current Shunts / Axial Current Sense Resistors
LRC10HTRWAR010G TOKEN-LRC10HTRWAR010G Datasheet
1Mb / 58P
   Chip Current Sense / Open-Air Current Shunts / Axial Current Sense Resistors
More results

Similar Description - LRC10HTRWAR020G

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRK BOURNS-CRK Datasheet
565Kb / 5P
   Metal Strip, Wide Terminal Current Sense Resistor
logo
TE Connectivity Ltd
1773269-1 TEC-1773269-1 Datasheet
514Kb / 5P
   SMD Current Sense Metal Chip Resistor
logo
Bourns Electronic Solut...
CRG2512 BOURNS-CRG2512 Datasheet
746Kb / 3P
   Metal Strip Current Sense Chip Resistors
08/22
logo
KOA Speer Electronics, ...
TLR3ADTE3L00F KOA-TLR3ADTE3L00F Datasheet
289Kb / 2P
   Metal plate current sense resistor
logo
IRC - a TT electronics ...
ULRG12512R010FLFSLT IRCTT-ULRG12512R010FLFSLT Datasheet
189Kb / 6P
   Metal Element Current Sense Resistor
logo
Bourns Electronic Solut...
CFN BOURNS-CFN Datasheet
464Kb / 5P
   Metal Foil, Current Sense Resistor
logo
KOA Speer Electronics, ...
TLR2BND KOA-TLR2BND Datasheet
97Kb / 2P
   metal plate current sense resistor
TLR2B KOA-TLR2B Datasheet
443Kb / 2P
   metal plate current sense resistor
TLR-2BW KOA-TLR-2BW Datasheet
442Kb / 2P
   metal plate current sense resistor
TLR3ADTE2L00F75 KOA-TLR3ADTE2L00F75 Datasheet
281Kb / 2P
   metal plate current sense resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com