Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML12079 Datasheet(PDF) 3 Page - LANSDALE Semiconductor Inc.

Part # ML12079
Description  2.8 GHz Prescaler MECL PLL Components
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12079 Datasheet(HTML) 3 Page - LANSDALE Semiconductor Inc.

  ML12079 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML12079 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML12079 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML12079 Datasheet HTML 4Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.lansdale.com
Page 3 of 4
Issue A
LANSDALE Semiconductor, Inc.
ML12079
Figure 3. Input Signal Amplitude versus Input Frequency
+15.0
+10.0
+5.0
0
–5.0
–10.0
–15.0
–20.0
–25.0
–30.0
–35.0
–40.0
–45.0
–50.0
+1257.40
+0.71
+1.26
+2.24
+3.98
+7.07
+12.57
+22.36
+39.76
+70.71
+125.74
+223.61
+397.64
+707.11
0
400
800
1200
1600
2000
2400
2800
3200
3600
FREQUENCY (MHz)
0
400
800
1200
1600
2000
2400
2800
3200
3600
FREQUENCY (MHz)
0
400
800
1200
1600
2000
Figure 4. Output Amplitude versus Input Frequency
OPERATING
WINDOW
Divide Ratio = 64; VCC = 5.0 V; TA = 25°C


Similar Part No. - ML12079

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML12079 LANSDALE-ML12079 Datasheet
392Kb / 4P
   2.8 GHz Prescaler MECL PLL Components 첨64/128/256 Prescaler
ML12079-5P LANSDALE-ML12079-5P Datasheet
392Kb / 4P
   2.8 GHz Prescaler MECL PLL Components 첨64/128/256 Prescaler
ML12079PP LANSDALE-ML12079PP Datasheet
392Kb / 4P
   2.8 GHz Prescaler MECL PLL Components 첨64/128/256 Prescaler
More results

Similar Description - ML12079

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML12079 LANSDALE-ML12079 Datasheet
392Kb / 4P
   2.8 GHz Prescaler MECL PLL Components 첨64/128/256 Prescaler
logo
Motorola, Inc
MC12023 MOTOROLA-MC12023 Datasheet
67Kb / 2P
   MECL PLL COMPONENTS 첨64 PRESCALER
MC12076 MOTOROLA-MC12076 Datasheet
84Kb / 3P
   MECL PLL COMPONENTS 첨256 PRESCALER
MC12078 MOTOROLA-MC12078 Datasheet
85Kb / 3P
   MECL PLL COMPONENTS 첨256 PRESCALER
MC12075 MOTOROLA-MC12075 Datasheet
74Kb / 3P
   MECL PLL COMPONENTS 첨64 PRESCALER
MC12074 MOTOROLA-MC12074 Datasheet
89Kb / 3P
   MECL PLL COMPONENTS 첨256 PRESCALER
MC12098 MOTOROLA-MC12098 Datasheet
98Kb / 5P
   MECL PLL COMPONENTS 첨8192 PRESCALER
MC12089 MOTOROLA-MC12089 Datasheet
74Kb / 4P
   MECL PLL COMPONENTS 첨64/128 PRESCALER
MC12090 MOTOROLA-MC12090 Datasheet
121Kb / 4P
   MECL PLL COMPONENTS HIGH?밪PEED PRESCALER
logo
LANSDALE Semiconductor ...
ML12509 LANSDALE-ML12509 Datasheet
5Mb / 12P
   MECL PLL Components Dual Modulus Prescaler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com