Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRC12HTRDAR020G Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # LRC12HTRDAR020G
Description  Metal Strip Chip Current Sense Resistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LRC12HTRDAR020G Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  LRC12HTRDAR020G Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. LRC12HTRDAR020G Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. LRC12HTRDAR020G Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. LRC12HTRDAR020G Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. LRC12HTRDAR020G Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. LRC12HTRDAR020G Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. LRC12HTRDAR020G Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. LRC12HTRDAR020G Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. LRC12HTRDAR020G Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Taiwan Factory: +886 2 29810109
http://www.token.com.tw
rfq@token.com.tw
China Factory: +86 755 26055363
Page: 1/11
Product Introduction
Features :
 Low TCR ±50PPM/℃, ±100PPM/℃.
 High Wattage Rating Up to 3W.
 Customized Resistance Available.
 Resistance Values from 0.5mΩ to 15mΩ.
 Without Laser Trimmed with Very Low
Inductance.
Applications :
 For NB power management.
 For MB power management.
 For Monitor power management.
 SWPS: DC-DC converter, Charger, Adaptor.
Providing design engineers with an economical low Ohmic value,
metal strip current sense surface mount resistor with high quality
performance, Token Electronics LRC Series is suitable for
applications in the automotive sector for applications that require
high power handling (Up to 3W) and low resistance 0.5mΩ.
From a certified supplier offering the automotive quality, Token's
LRC Series gives all round superior performance for current
sensing in lamp detection, mirrors, window lift, steering and seat
controls.
As a first instance, the LRC Series displays enhanced power
handling capabilities, against other technologies.
Thermal conductivity is important for chip resistors - little heat is dissipated directly into the air, and
instead, is conducted out through the solder pads.
The heat generated from the specially constructed LRC resistor is more readily dispersed, therefore
preventing localized heating, which contributes to TCR and thermal EMF errors, premature aging and
possible scorching of the PC board.
The current sensing resistors (LRC) are rated for ambient operation from -55℃ to +170℃. The LRC
Series is RoHS compliant and lead free.
Need more detail information about (LRC), please link to Token official website “Current Sense
Resistors”. Contact us with your specific needs.
Token (LRC) metal strip current sense chip resistor save
space, time, and cost.


Similar Part No. - LRC12HTRDAR020G

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
LRC12HTRDAR010 TOKEN-LRC12HTRDAR010 Datasheet
1Mb / 58P
   Chip Current Sense / Open-Air Current Shunts / Axial Current Sense Resistors
LRC12HTRDAR010G TOKEN-LRC12HTRDAR010G Datasheet
1Mb / 58P
   Chip Current Sense / Open-Air Current Shunts / Axial Current Sense Resistors
More results

Similar Description - LRC12HTRDAR020G

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRK BOURNS-CRK Datasheet
565Kb / 5P
   Metal Strip, Wide Terminal Current Sense Resistor
logo
TE Connectivity Ltd
1773269-1 TEC-1773269-1 Datasheet
514Kb / 5P
   SMD Current Sense Metal Chip Resistor
logo
Bourns Electronic Solut...
CRG2512 BOURNS-CRG2512 Datasheet
746Kb / 3P
   Metal Strip Current Sense Chip Resistors
08/22
logo
KOA Speer Electronics, ...
TLR3ADTE3L00F KOA-TLR3ADTE3L00F Datasheet
289Kb / 2P
   Metal plate current sense resistor
logo
IRC - a TT electronics ...
ULRG12512R010FLFSLT IRCTT-ULRG12512R010FLFSLT Datasheet
189Kb / 6P
   Metal Element Current Sense Resistor
logo
Bourns Electronic Solut...
CFN BOURNS-CFN Datasheet
464Kb / 5P
   Metal Foil, Current Sense Resistor
logo
KOA Speer Electronics, ...
TLR2BND KOA-TLR2BND Datasheet
97Kb / 2P
   metal plate current sense resistor
TLR2B KOA-TLR2B Datasheet
443Kb / 2P
   metal plate current sense resistor
TLR-2BW KOA-TLR-2BW Datasheet
442Kb / 2P
   metal plate current sense resistor
TLR3ADTE2L00F75 KOA-TLR3ADTE2L00F75 Datasheet
281Kb / 2P
   metal plate current sense resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com