Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML12149 Datasheet(PDF) 2 Page - LANSDALE Semiconductor Inc.

Part # ML12149
Description  Low Power Voltage Controlled Oscillator Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12149 Datasheet(HTML) 2 Page - LANSDALE Semiconductor Inc.

  ML12149 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.lansdale.com
Page 2 of 12
LANSDALE Semiconductor, Inc.
ML12149
PIN NAMES
Pin
Function
VCC
CNTL
TANK
VREF
QB
GND
Q
Q2
Power Supply
Amplitude Control for Q, QB Output Pair
Tank Circuit Input
Bias Voltage Output
Open Collector Output
Ground
Open Collector Output
Low Power Output
MAXIMUM RATINGS (Note 1)
Parameter
Symbol
Value
Unit
Power Supply Voltage, Pin 1
VCC
–0.5 to 7.0
V
Operating Temperature Range
TA
–40 to 85
C
Storage Temperature Range
TSTG
–65 to 150
C
Maximum Output Current, Pin 8
IO
7.5
mA
Maximum Output Current, Pin 5,7
IO
12
mA
NOTES: 1. Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
ELECTRICAL CHARACTERISTICS (VCC = 2.7 to 5.5 VDC, TA = –40 to 85 C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Supply Current (CNTL=GND)VCC = 3.3 V
VCC = 5.5 V
ICC
16
23.5
20
30
mA
Supply Current (CNTL=OPEN)VCC = 3.3 V
VCC = 5.5 V
ICC
10
15
15.0
24.5
mA
Output Amplitude (Pin 8)VCC = 2.7 V
High Impedance LoadVCC = 2.7 V
VOH,
VOL
1.75
1.20
1.85
1.35
1.95
1.50
V
Output Amplitude (Pin 8)VCC = 5.5 V
High Impedance LoadVCC = 5.5 V
VOH,
VOL
4.50
3.85
4.6
4.0
4.70
4.15
V
Output Amplitude (Pin 5 & 7) [Note 1] VCC = 2.7 V
50 Ω to VCC
VCC = 2.7 V
VOH,
VOL
2.6
2.1
2.7
2.3
2.4
V
Output Amplitude (Pin 5 & 7) [Note 1] VCC = 5.5 V
50Ω to VCC
VCC = 5.5V
VOH,
VOL
5.4
4.8
5.5
5.0
5.1
V
Tuning Voltage Sensitivity [Notes 2 and 3]
Tstg
20
MHz/V
Frequency of Operation
FC
100
1300
MHz
CSR at 10 kHz Offset, 1Hz BW [Notes 2 and 3]
(f)
–85
dBc/Hz
CSR at 100 kHz Offset, 1Hz BW [Notes 2 and 3]
(f)
–105
dBc/Hz
Frequency Stability [Notes 3 and 4]
Supply Drift
Thermal Drift
Fsts
fstt
0.8
50
MHz/V
KHz/ C
NOTES: 1. CNTL pin tied to ground.
2. Actual performance depends on tank components selected.
3. See Figure 12, 750 MHz tank.
4. T = 25 C, VCC = 5.0 V ±10%
Issue B


Similar Part No. - ML12149

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML12149 LANSDALE-ML12149 Datasheet
1Mb / 12P
   Low Power Voltage Controlled Oscillator Buffer
ML12149-5P LANSDALE-ML12149-5P Datasheet
1Mb / 12P
   Low Power Voltage Controlled Oscillator Buffer
More results

Similar Description - ML12149

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC12147 MOTOROLA-MC12147 Datasheet
391Kb / 12P
   Low Power Voltage Controlled Oscillator Buffer
MC12149 MOTOROLA-MC12149 Datasheet
169Kb / 12P
   LOW POWER VOLTAGE CONTROLLED OSCILLATOR BUFFER
logo
LANSDALE Semiconductor ...
ML12149 LANSDALE-ML12149 Datasheet
1Mb / 12P
   Low Power Voltage Controlled Oscillator Buffer
logo
Freescale Semiconductor...
MC12149 FREESCALE-MC12149 Datasheet
362Kb / 12P
   LOW POWER VOLTAGE CONTROLLED OSCILLATOR BUFFER
logo
Motorola, Inc
MC12148 MOTOROLA-MC12148 Datasheet
82Kb / 5P
   LOW POWER VOLTAGE CONTROLLED OSCILLATOR
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com