Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML12149 Datasheet(PDF) 11 Page - LANSDALE Semiconductor Inc.

Part # ML12149
Description  Low Power Voltage Controlled Oscillator Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12149 Datasheet(HTML) 11 Page - LANSDALE Semiconductor Inc.

Back Button ML12149_08 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML12149_08 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML12149_08 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML12149_08 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML12149_08 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML12149_08 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML12149_08 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML12149_08 Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML12149_08 Datasheet HTML 12Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
www.lansdale.com
Page 11 of 12
Figure 12. Typical Phase Noise Plot, 750 MHz Tank
Figure 13. Typical Phase Noise Plot, 1200 MHz Tank
1K
10K
100K
1M
10M
100
40M
–170
–150
–100
–50
0
–125
–75
–25
1K
10K
100K
1M
10M
100
40M
–170
–150
–100
–50
0
–125
–75
–25
(f) [dBc/Hz] vs f[Hz]
(f) [dBc/Hz] vs f[Hz]
HP 3048A
CARRIER
784.2MHz
HP 3048A
CARRIER
1220MHz
LANSDALE Semiconductor, Inc.
ML12149
Legacy Applications Information
Issue B


Similar Part No. - ML12149_08

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML12149-5P LANSDALE-ML12149-5P Datasheet
1Mb / 12P
   Low Power Voltage Controlled Oscillator Buffer
More results

Similar Description - ML12149_08

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC12147 MOTOROLA-MC12147 Datasheet
391Kb / 12P
   Low Power Voltage Controlled Oscillator Buffer
MC12149 MOTOROLA-MC12149 Datasheet
169Kb / 12P
   LOW POWER VOLTAGE CONTROLLED OSCILLATOR BUFFER
logo
LANSDALE Semiconductor ...
ML12149 LANSDALE-ML12149 Datasheet
1Mb / 12P
   Low Power Voltage Controlled Oscillator Buffer
logo
Freescale Semiconductor...
MC12149 FREESCALE-MC12149 Datasheet
362Kb / 12P
   LOW POWER VOLTAGE CONTROLLED OSCILLATOR BUFFER
logo
Motorola, Inc
MC12148 MOTOROLA-MC12148 Datasheet
82Kb / 5P
   LOW POWER VOLTAGE CONTROLLED OSCILLATOR
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com