Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML12210 Datasheet(PDF) 2 Page - LANSDALE Semiconductor Inc.

Part # ML12210
Description  Serial Input PLL Frequency Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12210 Datasheet(HTML) 2 Page - LANSDALE Semiconductor Inc.

  ML12210_08 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML12210_08 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML12210_08 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML12210_08 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML12210_08 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML12210_08 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML12210_08 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML12210_08 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML12210_08 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.lansdale.com
Page 2 of 11
Issue A
LANSDALE Semiconductor, Inc.
ML12210
16
1
φR
OSCin
15
2
φP
OSCout
14
3
fOUT
VP
13
4
BISW
VCC
Pinout: 16–Lead Package (Top View)
12
5
FC
Do
11
6
LE
GND
10
7
DATA
LD
9
8
CLK
fIN
PIN NAMES
Pin
I/O
Function
16–Lead Pkg
Pin No.
20–Lead Pkg
Pin No.
OSCin
I
Oscillator input. A crystal may be connected between OSCin and OSCout. It is
highly recommended that an external source be ac coupled into this pin (see text).
1
OSCout
O
Oscillator output. Pin should be left open if external source is used
2
VP
Power supply for charge pumps (VP should be greater than or equal to VCC) VP
provides power to the Do, BISW and φP outputs
3
VCC
Power supply voltage input. Bypass capacitors should be placed as close as
possible to this pin and be connected directly to the ground plane.
4
Do
O
Internal charge pump output. Do remains on at all times
5
GND
Ground
6
LD
O
Lock detect, phase comparator output
7
fIN
I
Prescaler input. The VCO signal is AC–coupled into this pin
8
CLK
I
Clock input. Rising edge of the clock shifts data into the shift registers
9
DATA
I
Binary serial data input
10
LE
I
Load enable input (with internal pull up resistor). When LE is HIGH or OPEN, data
stored in the shift register is transferred into the appropriate latch (depending on
the level of control bit). Also, when LE is HIGH or OPEN, the output of the second
internal charge pump is connected to the BISW pin
11
FC
I
Phase control select (with internal pull up resistor). When FC is LOW, the
characteristics of the phase comparator and charge pump are reversed. FC also
selects fp or fr on the fOUT pin
12
BISW
O
Analog switch output. When LE is HIGH or OPEN ("analog switch is ON") the
output of the second charge pump is connected to the BISW pin. When LE is LOW,
BISW is high impedance
13
fOUT
O
Phase comparator input signal. When FC is HIGH, fOUT=fr, programmable
reference divider output; when FC is LOW, fOUT=fp, programmable divider output
14
φP
O
Output for external charge pump. Standard CMOS output level
15
φR
O
Output for external charge pump. Standard CMOS output level
16
NC
No connect


Similar Part No. - ML12210_08

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML12210-5P LANSDALE-ML12210-5P Datasheet
453Kb / 11P
   Serial Input PLL Frequency Synthesizer
More results

Similar Description - ML12210_08

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Fujitsu Component Limit...
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
   Serial Input PLL Frequency Synthesizer
logo
LANSDALE Semiconductor ...
ML12210 LANSDALE-ML12210 Datasheet
453Kb / 11P
   Serial Input PLL Frequency Synthesizer
logo
Fujitsu Component Limit...
MB1502 FUJITSU-MB1502 Datasheet
244Kb / 15P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Nippon Precision Circui...
PLL200 NPC-PLL200 Datasheet
629Kb / 7P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC12202 MOTOROLA-MC12202 Datasheet
165Kb / 12P
   Serial Input PLL Frequency Synthesizer
logo
Fujitsu Component Limit...
MB1507 FUJITSU-MB1507 Datasheet
117Kb / 14P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com