Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML13055 Datasheet(PDF) 3 Page - LANSDALE Semiconductor Inc.

Part # ML13055
Description  Wideband FSK Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13055 Datasheet(HTML) 3 Page - LANSDALE Semiconductor Inc.

  ML13055 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML13055 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML13055 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML13055 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML13055 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML13055 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13055 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13055 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13055 Datasheet HTML 9Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LANSDALE Semiconductor, Inc.
ML13055
Figure 2. Test Circuit
2
16
15
14
13
12
11
10
9
8
7
6
5
4
3
Detector
Output
3.9k
3.9k
Meter Drive
Coils - Shielded
Coilcraft UNI-10/142
L1 Gray 8 1/2 Turns, nominal 300 nH
L2 Black 10 1/2 Turns, nominal 380 nH
Carrier
Detect Output
L2
39pF
100pF
1.0k
0.1
0.01
0.01
L1
27pF
Input
22pF
VCC
1
0.01
0.01
www.lansdale.com
Page 3 of 9
Issue B


Similar Part No. - ML13055

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML13055 LANSDALE-ML13055 Datasheet
313Kb / 9P
   Wideband FSK Receiver
ML13055-5P LANSDALE-ML13055-5P Datasheet
313Kb / 9P
   Wideband FSK Receiver
ML13055EP LANSDALE-ML13055EP Datasheet
313Kb / 9P
   Wideband FSK Receiver
More results

Similar Description - ML13055

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7775M SANYO-LA7775M Datasheet
74Kb / 5P
   Wideband FSK Receiver
logo
LANSDALE Semiconductor ...
ML3356 LANSDALE-ML3356_08 Datasheet
276Kb / 9P
   Wideband FSK Receiver
ML3356 LANSDALE-ML3356 Datasheet
973Kb / 9P
   Wideband FSK Receiver
logo
Motorola, Inc
MC3356 MOTOROLA-MC3356_1 Datasheet
211Kb / 8P
   Wideband FSK Receiver
logo
LANSDALE Semiconductor ...
ML13055 LANSDALE-ML13055 Datasheet
313Kb / 9P
   Wideband FSK Receiver
logo
Motorola, Inc
MC13055 MOTOROLA-MC13055 Datasheet
207Kb / 8P
   WIDEBAND FSK RECEIVER
logo
Samsung semiconductor
S1T8531 SAMSUNG-S1T8531 Datasheet
157Kb / 10P
   WIDEBAND FM/FSK IF RECEIVER
logo
List of Unclassifed Man...
RRF1-XXX-Y ETC2-RRF1-XXX-Y Datasheet
25Kb / 2P
   FSK Superhet Receiver
logo
HOPE Microelectronics C...
RFM218BW HOPE-RFM218BW Datasheet
395Kb / 4P
   FSK Receiver Module
logo
Melexis Microelectronic...
MLX71121 MELEXIS-MLX71121_15 Datasheet
356Kb / 29P
   FSK/OOK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com