Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEWCA1011 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PEWCA1011
Description  WR-112 CPR-112G Grooved Flange to SMA Female Waveguide to Coax Adapter Operating From 7.05 GHz to 10 GHz, H Band
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWCA1011 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PEWCA1011 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWCA1011 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWCA1011 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
PEWCA1011 REV 1.0
WR-112 CPR-112G Grooved Flange to SMA Female Waveguide to
Coax Adapter Operating From 7.05 GHz to 10 GHz, H Band
PEWCA1011
CAD Drawing


Similar Part No. - PEWCA1011

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCA1010 PASTERNACK-PEWCA1010 Datasheet
367Kb / 3P
   WR-112 UG-51/U Square Cover Flange to SMA Female Waveguide to Coax Adapter Operating From 7.05 GHz to 10 GHz, H Band
PEWCA1012 PASTERNACK-PEWCA1012 Datasheet
367Kb / 3P
   WR-112 UG-51/U Square Cover Flange to N Female Waveguide to Coax Adapter Operating From 7.05 GHz to 10 GHz, H Band
PEWCA1013 PASTERNACK-PEWCA1013 Datasheet
389Kb / 3P
   WR-112 CPR-112G Grooved Flange to N Female Waveguide to Coax Adapter Operating From 7.05 GHz to 10 GHz, H Band
PEWCA1014 PASTERNACK-PEWCA1014 Datasheet
369Kb / 3P
   WR-137 UG-344/U Round Cover Flange to SMA Female Waveguide to Coax Adapter Operating From 5.85 GHz to 8.2 GHz, C Band
PEWCA1015 PASTERNACK-PEWCA1015 Datasheet
397Kb / 3P
   WR-137 CPR-137G Grooved Flange to SMA Female Waveguide to Coax Adapter Operating From 5.85 GHz to 8.2 GHz, C Band
More results

Similar Description - PEWCA1011

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCA1013 PASTERNACK-PEWCA1013 Datasheet
389Kb / 3P
   WR-112 CPR-112G Grooved Flange to N Female Waveguide to Coax Adapter Operating From 7.05 GHz to 10 GHz, H Band
PEWAD5017 PASTERNACK-PEWAD5017 Datasheet
422Kb / 4P
   WR-112 Waveguide Bulkhead Adapter CPR-112G Flange, 7.05 GHz to 10 GHz
PEWCP1067 PASTERNACK-PEWCP1067 Datasheet
428Kb / 5P
   WR-112 20 dB Waveguide Crossguide Coupler, CPR-112G Grooved Flange, 7.05 GHz to 10 GHz
PE-W112TF006-36 PASTERNACK-PE-W112TF006-36 Datasheet
416Kb / 4P
   WR-112 Flexible Waveguide Twist With a CPR-112G Flange Operating From 7.05 GHz to 10 GHz
PE9884 PASTERNACK-PE9884 Datasheet
207Kb / 2P
   WR-112 to SMA Female Waveguide to Coax Adapter 7.05 GHz to 10 GHz
PEWCA1010 PASTERNACK-PEWCA1010 Datasheet
367Kb / 3P
   WR-112 UG-51/U Square Cover Flange to SMA Female Waveguide to Coax Adapter Operating From 7.05 GHz to 10 GHz, H Band
PEWCP1069 PASTERNACK-PEWCP1069 Datasheet
429Kb / 5P
   WR-112 40 dB Waveguide Crossguide Coupler, CPR-112G Grooved Flange, 7.05 GHz to 10 GHz
PEWCP1068 PASTERNACK-PEWCP1068 Datasheet
430Kb / 5P
   WR-112 30 dB Waveguide Crossguide Coupler, CPR-112G Grooved Flange, 7.05 GHz to 10 GHz
PEWSP1010 PASTERNACK-PEWSP1010 Datasheet
473Kb / 3P
   WR-112 Waveguide Pressurizing Section 4.25 Inch Length, CPR-112G Grooved Flange from 7.05 GHz to 10 GHz
PEWCP1070 PASTERNACK-PEWCP1070 Datasheet
429Kb / 5P
   WR-112 50 dB Waveguide Crossguide Coupler, CPR-112G Grooved Flange, 7.05 GHz to 10 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com