Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PEWCA1009 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part No. PEWCA1009
Description  WR-90 CPR-90G Grooved Flange to N Female Waveguide to Coax Adapter Operating From 8.2 GHz to 12.4 GHz, X Band
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PASTERNACK [Pasternack Enterprises, Inc.]
Homepage  http://www.pasternack.com/
Logo 

PEWCA1009 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Features
• X Band
• 8.2 to 12.4 GHz Frequency Range
• WR-90 Waveguide Interface
• Grooved CPR-90G Flange
• N Female RF Interface
Applications
• Test Benches
• Radar
• Satellite
• Microwave Radio Systems
• Military and Space
• Communication Systems
.
Description
The PEWCA1009 is a waveguide to coaxial adapter operating in the X Band with a 8.2 to 12.4 GHz frequency range. This
adapter offers a WR-90 waveguide interface size using a Grooved CPR-90G Flange. The PEWCA1009 is constructed of
Copper Alloy and painted to ensure durability. The coaxial connector offered by this adapter uses a N Female Nickel Plated
Brass Connector.
Configuration
Waveguide Size
WR-90
Flange
CPR-90G
RF Connector
N Female
Impedance
50 Ohms
Body Geometry
Right Angle
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
8.2
12.4
GHz
VSWR
1.25:1
.
Mechanical Specifications
Weight
0.354 lbs [160.57 g]
RF Connector
Connector Type
N Female
Body Material and Plating
Brass, Nickel
Waveguide Interface
Waveguide Type
WR-90
Flange Type
CPR-90G
Body Material and Plating
Copper Alloy, Paint
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-90 CPR-90G Grooved Flange to N Female Waveguide to Coax Adapter Operating From
8.2 GHz to 12.4 GHz, X Band PEWCA1009
PEWCA1009
PEWCA1009 REV 1.0
WR-90 CPR-90G Grooved Flange to N Female Waveguide to
Coax Adapter Operating From 8.2 GHz to 12.4 GHz, X Band
Waveguide to Coax Adapters Technical Data Sheet


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn